Part Number Hot Search : 
TIP13 CO55B SYR02T HA5351IP F11N60 IRF234 CO55B SL1710
Product Description
Full Text Search
 

To Download BAS21A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a b d e g m l h j t o p v i e w a b c d e g h j k l m 0 . 3 5 1 . 1 9 2 . 1 0 0 . 8 5 0 . 4 6 1 . 7 0 2 . 7 0 0 . 0 1 0 . 8 9 0 . 3 0 0 . 0 7 6 0 . 5 1 1 . 4 0 3 . 0 0 1 . 0 5 1 . 0 0 2 . 1 0 3 . 1 0 0 . 1 3 1 . 1 0 0 . 6 1 0 . 2 5 k c 1 2 3 surface mount switching diodes bas21/a/c/s switching diode 200m amperes 250 volts sot-23 outline dimensions 1/2 03-apr-06 dim min max http://www.weitron.com.tw weitron sot-23 unit:mm *case: sot-23, molded plastic *terminals: solderable per mil-std-202, method 208 *polarity: see diagram *weight: 0.008 grams mechanical data: *fast switching speed *surface mount package ideally suited for automatic insertion *high conductance *for general purpose switching applications features: lead(pb)- f r ee p b
maximum ratings (t j =125?c unless otherwise noted) characteristic reverse voltage forward current power dissipation operating junction temperature range storage temperature range symbol v r i f p d t j t stg value unit 250 200 200 -55 to +150 -55 to +150 v ma mw c electrical characteristics (t j =125?c unless otherwise noted) characteristic symbol reverse breakdown voltage i r =100a forward voltage i f =100ma i f =200ma total capacitance v r =0v, f=1.0mhz reverse leakage v r =200v reverse recover time v (br) v f c d i r t rr min max unit 250 - - - - - 1.0 1.25 5.0 1.0 50 v v pf a ns device marking item marking eqivalent circuit diagram 1 3 1 2 3 1 2 3 bas21 BAS21A bas21c bas21s js js2 js3 js4 1 2 3 http://www.weitron.com.tw weitron c bas21/a/c/s 2/2 03-apr-06


▲Up To Search▲   

 
Price & Availability of BAS21A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X