Part Number Hot Search : 
020JL MAZ3091 82S130N FMBN16BE 2127A IM00TS V14E320P ENA1635
Product Description
Full Text Search
 

To Download ASD30-24S5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i s o l a t e d a n d r e g u l a t e d 3 0 wat t m o d u l a r d c / d c c o n v e r t e r s a s d 3 0 s e r i e s www. astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne p acific: 886-2-26983458 wide 2:1 input range remote on/off control high efficiency input pi filter six-sided shield model number output voltage output mamps input range efficiency single output asd30-12s3 3.3 vdc 5000 9-18 vdc 74% asd30-24s3 5000 18-36 vdc 75% asd30-48s3 5000 36-72 vdc 75% asd30-12s5 5 vdc 5000 9-18 vdc 78% ASD30-24S5 5000 18-36 vdc 79% asd30-48s5 5000 36-72 vdc 79% asd30-12s12 12 vdc 2500 9-18 vdc 82% asd30-24s12 2500 18-36 vdc 82% asd30-48s12 2500 36-72 vdc 82% asd30-12s15 15 vdc 2000 9-18 vdc 82% asd30-24s15 2000 18-36 vdc 82% asd30-48s15 2000 36-72 vdc 82% dua l output asd30-12d5 +/-5 vdc +/-2500 9-18 vdc 78% asd30-24d5 +/-2500 18-36 vdc 79% asd30-48d5 +/-2500 36-72 vdc 79% asd30-12d12 +/-12 vdc +/-1250 9-18 vdc 82% asd30-24d12 +/-1250 18-36 vdc 85% asd30-48d12 +/-1250 36-72 vdc 85% asd30-12d15 +/-15 vdc +/-1000 9-18 vdc 82% asd30-24d15 +/-1000 18-36 vdc 85% asd30-48d15 +/-1000 36-72 vdc 85% triple output asd30-12t512 5, +/-12 vdc 3500, +/-300 9-18 vdc 79% asd30-24t512 3500, +/-300 18-36 vdc 80% asd30-48t512 3500, +/-300 36-72 vdc 85% asd30-12t515 5, +/-15 vdc 3500, +/-200 9-18 vdc 79% asd30-24t515 3500, +/-200 18-36 vdc 80% asd30-48d515 3500, +/-200 36-72 vdc 80% unit measures 2.0w x 2.0l x 0.4h
i s o l a t e d a n d r e g u l a t e d 3 0 wat t m o d u l a r d c / d c c o n v e r t e r s a s d 3 0 s e r i e s www. astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne p acific: 886-2-26983458 input specifica tions input voltage ranges: 12 vdc nominal 9-18 vdc 24 vdc nominal 18-36 vdc 48 vdc nominal 36-72 vdc input filter pi type output specifica tions voltage and current see selection chart load regulation (25% to fl) single/dual +/-0.5% triple +/-1% line regulation (hl-ll) single/dual +/-0.5% triple +/-1% temperature coefficient +/-0.02%/c ripple/noise 10 mv rms, max. 75mvp-p max. voltage accuracy single ouput +/-2%, max. dual + output +/-2%, max. dual - output +/-3%, max. triple 5v +/- 2%, max. triple 12v/15v +/-5%, max voltage balance (dual) +/-1% transient response single, 25% change <500us dual fl to 1/2l <500us trim adjustment range +/-10% short circuit protection continuous efficiency see selection chart physica l specifica tions case material black coated copper w. non-conductive base construction fully encapsulated weight 2.4 oz, (68g) dimensions 2.0x2.0x0.4 genera l specifica tions input-output isolation 500vdc isolation resistance 10-9nth ohm min. switching frequency 300khz case grounding connected to o/p common safety ul60950 emi/rfi six sided continuous shield mtbf single o/p 891,000 hrs. dual o/p 870,000 hrs. triple o/p 790,000 hrs. mil-hdbk-217f ground benign, 25c environment a l specifica tions oper. temperature -25 to +71c w. derate see curve case temperature 100c max. storage temperature -55 to +105c * cooling free air convection remote on/off control logic compatibility cmos or open collector ttl ec-on >+5.5vdc or open circuit ec-off <1.8vdc shutdown idle current 10ma control common referenced to - input * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25c unless other - wise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
i s o l a t e d a n d r e g u l a t e d 3 0 wat t m o d u l a r d c / d c c o n v e r t e r s a s d 3 0 s e r i e s www. astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne p acific: 886-2-26983458 pin # single outputs dual outputs triple ouputs 1 remote on/off remote on/off remote on/off 2 no pin no pin no pin 3 - input - input - input 4 + input + input + input 5 trim trim - aux. out 6 - output - output common 7 + output common + 5vout 8 no pin + output + aux. out mechanica l dimensions dera te curve externa l ouput trimming 100 75 50 25 0 -20 0 20 40 60 80 100 c natural convection cooling output power (%)


▲Up To Search▲   

 
Price & Availability of ASD30-24S5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X