Part Number Hot Search : 
07PBF PGH508 MAX136 D2136 SMBJ36 M38067M AC100 ER50004
Product Description
Full Text Search
 

To Download AN1105W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010.03.30 page 1 gaalas dnk gaas an dnk an esd-withstand voltage 2kv (hbm) 1105w surface mount ired/dome lens type : 865nm : 950nm dnk an : 25 deg : 30 deg. package product features ? outer dimension 3.2 x 1.6 x 1.85mm ( l x w x h ) ? dome lenz type ? high radiant intensity dnk 8.0mw/sr typ. (i f =20ma) an 1.4mw/sr typ. (i f =20ma) ? surface mount type and reverse mount type are possible. ? lead?free soldering compatible ? rohs compliant peak wavelength half intensity angle die materials rank grouping parameter assembly method soldering methods reflow soldering please refer to soldering conditions about soldering. auto pick & place machine (auto mounter) sorted by radiant inte nsity per rank taping 2,000pcs per reel in a 8mm width tape. (standard) reel diameter: 180mm taping and reel recommended applications car audio, electric household appliances, oa/fa, pc/peripheral equipment, other general applications features 3216 dome lens type, water clear epoxy
2010.03.30 page 2 1105w surface mount ired/dome lens type (ta=25 ) typ. i f (ma) min. typ. i f (ma) dnk1105w gaalas 865 20 2.8 8.0 20 AN1105W gaas 950 20 1.0 1.4 20 water clear part no. material i e ( w/sr) lens color radiant intensity peak wavelength (nm) color and luminous intensity
2010.03.30 page 3 1105w surface mount ired/dome lens type conditions dnk an typ. 1.40 1.22 max. 1.65 1.40 reverse current v r =5v i r max. 100 10 a min. 2.8 1.0 typ. 8.0 1.4 total output power i f =20ma po typ. 4 2 mw peak wavelength i f =20ma p typ. 865 950 nm spectral half-width i f =20ma S typ. 45 45 nm min. - - typ. 50 0.5 response time i f =20ma tr/tf typ. 7 700 ns cut-off frequency i f =20ma dc 5ma, -3db from 0.1mhz fc half intensity angle i f =20ma 2 1/2 typ. i f =20ma deg. mhz i e 25 30 item symbol v mw/sr unit forward voltage i f =20ma radiant intensity v f characteristics (ta=25 ) (ta=25 ) dnk an power dissipation p d 80 75 mw forward current i f 50 50 ma pulse forward current 1 i frm 300 300 ma S i f 0.67 0.67 ma/ S i frm 4.00 4.00 ma/ reverse voltage v r 55v operating temperature t opr storage temperature t stg unit derating (ta=25 or higher) -30 +85 -40 +100 absolute maximum ratings item symbol 1 i frm measurement condition : pulse width Q 100 s, duty Q 1/100 absolute maximum ratings electro-optical characteristics
2010.03.30 page 4 1105w surface mount ired/dome lens type (ta=25 ) min. max. min. max. a 2.8 5.6 1.0 2.0 b 4.08.01.42.8 c 5.6 11.2 2.0 4.0 d 8.0 16.0 - - e 11.2 22.4 - - rank an i f =20ma i f =20ma dnk radiant intensity rank please contact our sales staff concerning rank designation.
2010.03.30 page 5 1105w surface mount ired/dome lens type 10 100 1000 0.001 0.01 0.1 1 1 10 100 1.2 1.3 1.4 1.5 1.6 technical data dnk spatial distribution example condition : ta = 25 spectral distribution relative intensity vs. wavelength condition : ta = 25 , i f = 20ma wavelength [nm] relative intensity forward voltage vs. forward current condition : ta = 25 forward voltage : v f (v) forward current i f (ma) duty ratio vs. pulse forward current condition : ta = 25 , tw Q 100 s duty ratio pulse forward current i frm (ma) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 700 800 900 1000
2010.03.30 page 6 1105w surface mount ired/dome lens type 0 10 20 30 40 50 60 70 80 90 -30 -10 10 30 50 70 90 0 50 100 150 200 250 300 350 -30 -10 10 30 50 70 90 duty=1% duty=5% duty=50% dc duty=20% duty=10% 1 10 100 1000 1.21.41.61.82.02.22.42.6 1.0 1.2 1.4 1.6 1.8 -40 -20 0 20 40 60 80 100 technical data dnk derating ambient temperature vs. maximum forward current pulse width tw Q 100 sec ambient temperature : ta( ) power dissipation vs. ambient temperature ambient temperature : ta( ) ambient temperature vs. forward voltage condition : i f = 20ma ambient temperature : ta ( ) forward voltage v f (v) pulse forward voltage vs. pulse forward current condition : ta=25 , tw Q 100 s, duty Q 1/100 pulse forward voltage : v fm (v) pulse forward current i frm (ma) maximum forward current : i f max. (ma) power dissipation : pd (mw)
2010.03.30 page 7 1105w surface mount ired/dome lens type 0.1 1.0 10.0 100.0 1 10 100 1000 0.1 1.0 10.0 110100 0.1 1 10 -40 -20 0 20 40 60 80 100 technical data dnk pulse forward current vs. relative total power condition : tw Q 100 s, duty Q 1/100, ta = 25 forward current : i frm (ma) forward current vs. relative total power condition : ta = 25 forward current : i f (ma) relative total power ambient temperature vs. relative total power condition : i f = 20ma ambient temperature : ta ( ) relative total power relative total power
2010.03.30 page 8 1105w surface mount ired/dome lens type technical data an spatial distribution example condition : ta = 25 spectral distribution relative intensity vs. wavelength condition : ta = 25 , i f = 20ma wavelength [nm] relative intensity forward voltage vs. forward current condition : ta = 25 forward voltage : v f (v) forward current i f (ma) duty ratio vs. pulse forward current condition : ta = 25 , tw Q 100 s duty ratio pulse forward current i frm (ma)
2010.03.30 page 9 1105w surface mount ired/dome lens type technical data an ambient temperature vs. pulse forward current condition : tw Q 100 s, duty Q 1/100 ambient temperature : ta( ) ambient temperature vs. forward current ambient temperature : ta( ) forward current : i f (ma) ambient temperature vs. forward voltage condition : i f = 20ma ambient temperature : ta ( ) pulse forward current i frm (ma) forward voltage v f (v) pulse forward voltage vs. pulse forward current condition : ta=25 , tw Q 100 s, duty Q 1/100 pulse forward voltage : v fm (v) pulse forward current i frm (ma)
2010.03.30 page 10 1105w surface mount ired/dome lens type technical data an forward current vs. relative total power condition : - - pulse, tw Q 100 s, duty Q 1/100, ta = 25 forward current : i f (ma) ambient temperature vs. peak wavelength condition : i f = 20ma ambient temperature : ta( ) peak wavelength p(nm) relative total power ambient temperature vs. relative total power condition : i f = 20ma ambient temperature : ta ( ) relative total power
2010.03.30 page 11 1105w surface mount ired/dome lens type package dimensions recommended soldering pattern (unit: mm) taping specification (unit: mm) (unit: mm) quantity: 2,000pcs/ reel (standard) weight: (7.81)mg 1105w-tr (surface mount) 1105w-rr (reverse mount) surface mount reverse mount
2010.03.30 page 12 1105w surface mount ired/dome lens type reflow soldering conditions manual soldering conditions iron tip temp. soldering time and frequency 3 s 1 time 350 (max.) (max.) (max.) (30 w max.) 1) the above profile temperature gives the ma ximum temperature of the led resin surface. please set the temperature so as to avoid exceeding this range. 2) total times of reflow soldering pr ocess shall be no more than 2 times. when the second reflow soldering process is performed, intervals between the first and second reflow should be short as possible (while allowing some time for the component to return to normal temperature after the first reflow) in order to prevent the led from absorbing moisture. 3) temperature fluctuation to the led during the pre-heating process shall be minimized.
2010.03.30 page 13 1105w surface mount ired/dome lens type reliability testing result failure criteria items symbols conditions failure criteria radiant intensity i e i f value of each product radiant intensity testing min. value initial value x 0.5 forward voltage v f i f value of each product forward voltage testing max. value spec. max. value x 1.2 reverse current i r v r = maximum rated reverse voltage v testing max. value R spec. max. value x 2.5 reliability testing result applicable standard duration failure room temp. operating life eiaj ed- 4701/100(101) 1,000 h 0/25 resistance to soldering heat eiaj ed- 4701/300(301) twice 0/25 temperature cycling eiaj ed- 4701/100(105) 5 cycles 0/25 wet high temp. storage life eiaj ed- 4701/100(103) 1,000 h 0/25 high temp. storage life eiaj ed- 4701/200(201) 1,000 h 0/25 low temp. storage life eiaj ed- 4701/200(202) 1,000 h 0/25 vibration, variable frequency eiaj ed- 4701/400(403) 2 h 0/10 98.1m/s 2 (10g), 100 2khz sweep for 20min., xyz each direction testing conditions ta = 25 , i f = maxium rated current minimum rated storage temperature(30min) normal temperature(15min) maximum rated storage temperature(30min) normal temperature(15min) ta = 60 2 , rh = 90 5% (pretreatment) individual standard (reflow soldering) pre-heating 150 180 120s operating heating 230 min. peak temperature 260 ta = maximum rated storage temperature ta = minimum rated storage temperature 2010.12.30
2010.03.30 page 14 1105w surface mount ired/dome lens type special notice to customer s using the products and technical information shown in this data sheet 1) the technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. it does not co nstitute the warranting of industrial property nor the granting of any license. 2) for the purpose of product improvement, the specif ications, characteristics and technical data described in the data sheets are subject to change without prior notice. therefore it is recommended that the most updated specifications be used in your design. 3) when using the products described in the data sh eets, please adhere to the ma ximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. we are not responsible for any damage which may occur if these specifications are exceeded. 4) the products that have been described to this cata log are manufactured so that they will be used for the electrical instrument of the benchmark (oa equipment, telecommunications equipment, av machine, home appliance and measur ing instrument). the application of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. needs a high re liability and safety, and the breakdown and the wrong operation might influence the life or the human body. pl ease consult us beforehand if you plan to use our product for the usages of aircrafts, space borne appl ication, transportation equipment, medical equipment and nuclear power control equipment, etc. except oa equipment, telecommunications equipment, av machine, home appliance and measuring instrument. 5) in order to export the products or technologi es described in this data sheet which are under the ?foreign exchange and foreign trade control law,? it is necessary to first obtain an export permit from the japanese government. 6) no part of this data sheet may be reprinted or reproduced without prior written permission from stanley electric co., ltd. 7) the most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com


▲Up To Search▲   

 
Price & Availability of AN1105W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X