Part Number Hot Search : 
F1505 2N2194 2R333 AD382SH T273D P2010 SMDA05 GN01037B
Product Description
Full Text Search
 

To Download 9-1415029-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 schrack general purpose relays pcb relays miniature power pcb relay pb n 1pole 10a, 1 form c (co) or 1 form a (no) n environmentally-friendly cadmium-free contacts n class f coil system standard n compact and simple design gives high process security n product in accordance to iec 60335-1 typical applications white goods, small home appliances, heating temperature controllers approvals vde reg.-nr. 121560, ul e214025 technical data of approved types on request contact data contact arrangement 1 form c (co) or 1 form a (no) rated voltage 250vac max. switching voltage 400vac rated current 10a limiting making current, max 4 s, duty factor 10% 15a breaking capacity max. 2500va contact material agni 90/10, agsno 2 frequency of operation, with/without load 360/36000h -1 operate/release time max. 10/20ms bounce time max., form a/form b 10/15ms contact ratings type contact load cycles iec 61810 pb114; pb113 a/b (no/nc) 10a/3a, 250vac, cos =1, 85c 30x10 3 pb114 a of c 10a, 250vac, cos =1, 85c 30x10 3 pb134; pb133 a (no) 10a, 250vac, cos =1, 85c 20x10 3 pb134 a (no) 6.5a, 440vac, cos =1, 85c 50x10 3 pb634 a (no) 8.5a, 250vac, cos =1, 85c 100x10 3 pb634 a (no) 10a, 250vac, cos =1, 85c 60x10 3 ul 508 pb1x4 a (no) 10a, 250vac, cos =1, 85c 20x10 3 mechanical endurance, dc coil 5x10 6 operations coil data pb1 pb5 pb6 coil voltage range 5 to 48 vdc 5 to 24 vdc 5 to 24 vdc operative range, iec 61810 2 2 2 coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw coil versions, dc-coil, 360mw 005 5 3.75 0.5 70 357 006 6 4.50 0.6 100 360 009 9 6.75 0.9 225 360 012 12 9.00 1.2 400 360 018 18 13.50 1.8 900 360 022 22 16.50 2.2 1344 360 024 24 18.00 2.4 1600 360 048 48 36.00 4.8 6400 360 coil versions, dc-coil, 500mw 005 5 3.75 0.5 48 521 006 6 4.5 0.6 69 522 012 12 9 1.2 274 526 024 24 18 2.4 1097 525 all fgures are given for coil without pre-energization, at ambient temperature +23c. other coil voltages on request. insulation data initial dielectric strength between open contacts 1000vrms between contact and coil 2500vrms clearance/creepage between contact and coil form c (co) version 3/4mm form a (no) version 4/5mm material group of insulation parts iiia tracking index of relay base pti250 f0224-c z v
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 schrack general purpose relays pcb relays miniature power pcb relay pb (continued) other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter resistance to heat and fre version pb1, pb5 according en60335, par.30 ambient temperature, dc coil -40 to +85c category of environmental protection iec 61810 rtii - fux proof vibration resistance (functional), form a/form b, 30 to 400hz pb1, pb6 >10/4g pb5 >10/6 g shock resistance (destructive) >100g terminal type pcb-tht weight 5.4g resistance to soldering heat tht iec 60068-2-20 270c/10s packaging/unit tube/35 pcs., box/1050 pcs. pcb layout 1) / terminal assignment bottom view on solder pins dimensions s0407-aa s0407-ab s0406-a s0407-ac 1) layout note: no openings (e.g. holes, slots, cut outs, unused pins, open through connections, etc.) allowed under the relay base. the relay base must be fully covered by the pcb, recommended minimum distance between the relay and the edge of the printed circuit board is 5 mm. for more information, please contact our application support. product code structure typical product code pb 1 1 4 012 type pb miniature power pcb relay pb version 1 standard version 5 500 mw version 6 high performance version (form a version only) contact arrangement 1 1 form c contact (1 co) 3 1 form a contact (1 no) contact material 3 agsno 2 4 agni 90/10 coil coil code: please refer to coil versions table product code version contacts contact material coil part number pb114005 standard 1 form c agni 90/10 5vdc 6-1415029-1 pb114006 class f 1 co contact 6vdc 7-1415029-1 pb114012 12vdc 8-1415029-1 pb114024 24vdc 9-1415029-1 pb134005 1 form a 5vdc 1415030-1 pb134006 1 no contact 6vdc 1-1415030-1 pb134012 12vdc 2-1415030-1 pb134024 24vdc 3-1415030-1 pb514012 500 mw 1 form c 12vdc 2-1415538-5 pb514024 version 1 co contact 24vdc 5-1415535-6 pb634005 high 1 form a 5vdc 3-1415541-8 pb634006 performance 1 no contact 6vdc 3-1415541-9 pb634012 version 12vdc 4-1415541-1 pb634024 24vdc 4-1415541-2


▲Up To Search▲   

 
Price & Availability of 9-1415029-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X