Part Number Hot Search : 
H1086 ES5603 S7129 HMC29208 MX29LV STK2240 MJE340 EE08809
Product Description
Full Text Search
 

To Download 30SMDG85C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  stand-off voltage : 11 to 220v peak pulse power : 3000 w 3000w peak pulse power capability with a 10/1000s waveform excellent clamping capability low inductance high temperature soldering : 250 c/10 seconds at terminals. built-in stran relief case : do-215ab molded plastic lead : lead formed for surface mount mounting position : any weight : 0.21 gram rating symbol value unit peak pulse power dissipation on 10/1000 s waveform (1) (2) p ppm 3000 w peak pulse current on 10/1000 s waveform (1) i ppm see next table a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (2)(3) operating junction and storage temperature range t j , t stg - 55 to + 150 c notes : (1) non-repetitive current pulse, per fig. 3 and derated above ta = 25 c per fig. 1 (2) mounted on 5.0 mm2 (0.013 thick) land areas. (3) measured on 8.3 ms , single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum. i fsm 200 a 3.0smdg series surface mount transient voltage suppessor maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. dimensions in inches and (millimeters) do-215ab features mechanical data          http://www.luguang.cn mail:lge@luguang.cn
electrical characteristic s rating at 25 c ambient temperature unless otherwise specified working peak maximum maximum maximum breakdown volta g e @ i t (1) reverse reverse clamping peak pulse voltage leakage voltage @ i ppm surge current @ v wm v br (v) i t v rwm i r v c i ppm min. max. (ma) (v) (a) (v) (a) 12.2 15.4 1.0 11 1000 20.1 149.2 12.2 14.0 1.0 11 1000 18.2 184.8 13.3 16.9 1.0 12 1000 22.0 136.4 13.3 15.3 1.0 12 1000 19.9 150.6 14.4 18.2 1.0 13 500 23.8 126.0 14.4 16.5 1.0 13 500 21.5 139.4 15.6 19.8 1.0 14 200 25.8 116.2 15.6 17.9 1.0 14 200 23.2 129.4 16.7 21.1 1.0 15 100 26.9 111.6 16.7 19.2 1.0 15 100 24.4 123.0 17.8 22.6 1.0 16 50 28.8 104.2 17.8 20.5 1.0 16 50 26.0 115.4 18.9 23.9 1.0 17 20 30.5 98.4 18.9 21.7 1.0 17 20 27.6 106.6 20.0 25.3 1.0 18 10 32.2 93.2 20.0 23.3 1.0 18 10 29.2 102.8 22.2 28.1 1.0 20 10 35.8 83.8 22.2 25.5 1.0 20 10 32.4 92.6 24.4 30.9 1.0 22 5 39.4 76.2 24.4 28.0 1.0 22 5 35.5 84.4 26.7 33.8 1.0 24 5 43.0 69.8 26.7 30.7 1.0 24 5 38.9 77.2 28.9 36.6 1.0 26 5 46.6 64.4 28.9 33.2 1.0 26 5 42.1 71.2 31.1 39.4 1.0 28 5 50.0 60.0 31.1 35.8 1.0 28 5 45.4 66.0 33.3 42.2 1.0 30 5 53.5 56.0 33.3 38.3 1.0 30 5 48.4 62.0 36.7 46.5 1.0 33 5 59.0 50.4 36.7 42.2 1.0 33 5 53.3 56.2 40.0 50.7 1.0 36 5 64.3 46.6 40.0 46.0 1.0 36 5 58.1 51.6 44.4 56.3 1.0 40 5 71.4 42.0 44.4 51.1 1.0 40 5 64.5 46.4 47.8 60.5 1.0 43 5 76.7 39.2 47.8 54.9 1.0 43 5 69.4 43.2 50.0 63.3 1.0 45 5 80.3 37.4 50.0 57.5 1.0 45 5 72.7 41.2 53.3 67.5 1.0 48 5 85.5 35.0 53.3 61.3 1.0 48 5 77.4 38.8 56.7 71.8 1.0 51 5 91.1 37.0 56.7 65.2 1.0 51 5 82.4 36.4 60.0 76.0 1.0 54 5 96.3 31.2 60.0 69.0 1.0 54 5 87.1 34.4 type 3.0smdg series surface mount transient voltage suppessor 3.0smdg11c 3.0smdg11ca 3.0smdg12c 3.0smdg12ca 3.0smdg13c 3.0smdg13ca 3.0smdg14c 3.0smdg14ca 3.0smdg15c 3.0smdg15ca 3.0smdg16c 3.0smdg16ca 3.0smdg17c 3.0smdg17ca 3.0smdg18c 3.0smdg18ca 3.0smdg20c 3.0smdg20ca 3.0smdg22c 3.0smdg22ca 3.0smdg24c 3.0smdg24ca 3.0smdg26c 3.0smdg26ca 3.0smdg28c 3.0smdg28ca 3.0smdg30c 3.0smdg30ca 3.0smdg33c 3.0smdg33ca 3.0smdg36c 3.0smdg36ca 3.0smdg40c 3.0smdg40ca 3.0smdg43c 3.0smdg43ca 3.0smdg45c 3.0smdg45ca 3.0smdg48c 3.0smdg48ca 3.0smdg51c 3.0smdg51ca 3.0smdg54c 3.0smdg54ca http://www.luguang.cn mail:lge@luguang.cn
electrical characteristic s rating at 25 c ambient temperature unless otherwise specified working peak maximum maximum maximum breakdown volta g e @ i t (1) reverse reverse clamping peak pulse voltage leakage voltage @ i ppm surge current @ v wm v br (v) i t v rwm i r v c i ppm min. max. (ma) (v) (a) (v) (a) type 64.4 81.6 1.0 58 5 103 39.2 64.4 74.1 1.0 58 5 93.6 32.0 66.7 84.5 1.0 60 5 107 28.0 66.7 76.7 1.0 60 5 96 31.0 71.1 90.1 1.0 64 5 114 26.4 71.1 81.8 1.0 64 5 103 29.2 77.8 98.6 1.0 70 5 125 24.0 77.8 89.5 1.0 70 5 113 26.6 83.3 105.7 1.0 75 5 134 22.4 83.3 95.8 1.0 75 5 121 24.8 86.7 109.8 1.0 78 5 139 21.6 86.7 99.7 1.0 78 5 126 22.8 94.4 119.2 1.0 85 5 151 19.8 94.4 108.2 1.0 85 5 137 20.8 100 126.5 1.0 90 5 160 18.8 100 115.5 1.0 90 5 146 20.6 111 141.0 1.0 100 5 179 16.6 111 128.0 1.0 100 5 162 18.6 122 154.5 1.0 110 5 196 15.4 122 140.5 1.0 110 5 177 16.8 133 169.0 1.0 120 5 214 14.0 133 153.0 1.0 120 5 193 15.6 144 182.5 1.0 130 5 231 13.0 144 165.5 1.0 130 5 209 14.4 167 211.5 1.0 150 5 268 11.2 167 192.5 1.0 150 5 243 12.4 178 226.0 1.0 160 5 287 10.4 178 205.0 1.0 160 5 259 11.6 189 239.5 1.0 170 5 304 9.8 189 217.5 1.0 170 5 275 11.0 198 253.8 1.0 180 5 322 9.3 198 230.4 1.0 180 5 292 10.3 209 267.9 1.0 190 5 340 8.8 209 243.2 1.0 190 5 308 9.7 220 282.0 1.0 200 5 358 8.4 220 256.0 1.0 200 5 324 9.3 231 296.1 1.0 210 5 376 7.8 231 268.8 1.0 210 5 340 8.8 242 310.2 1.0 220 5 394 7.6 242 281.6 1.0 220 5 356 8.4 notes : pulse test : tp 50ms. "sm d g" will be omitted on marking of the diode. for uni-directional without "c" electrical characteristics apply in both directions 3.0smdg series surface mount transient voltage suppessor 3.0smdg58c 3.0smdg58ca 3.0smdg60c 3.0smdg60ca 3.0smdg64c 3.0smdg64ca 3.0smdg70c 3.0smdg70ca 3.0smdg75c 3.0smdg75ca 3.0smdg78c 3.0smdg78ca 3.0smdg85c 3.0smdg85ca 3.0smdg90c 3.0smdg90ca 3.0smdg100c 3.0smdg100ca 3.0smdg110c 3.0smdg110ca 3.0smdg120c 3.0smdg120ca 3.0smdg130c 3.0smdg130ca 3.0smdg150c 3.0smdg150ca 3.0smdg160c 3.0smdg160ca 3.0smdg170c 3.0smdg170ca 3.0smdg180c 3.0smdg180ca 3.0smdg190c 3.0smdg190ca 3.0smdg200c 3.0smdg200ca 3.0smdg210c 3.0smdg210ca 3.0smdg220c 3.0smdg220ca http://www.luguang.cn mail:lge@luguang.cn
fig.1 - pulse derating curve fig.2 - typical junction capacitance 0 25 50 75 100 125 150 175 ta, ambient temperature, ( c) fig.3 - pulse waveform fig.4 - peak pulse power rating curve rating and characteristic curves ( 3.0sm d g11c - 220ca ) 80 60 40 20 120 100 10 0 0.1 1.0 td, pulse width ( s) p ppm ,peak power (kw) 100 0.1 1.0 10 100 10ms 1ms i ppm , peak pulse current, % peak pulse power or current derating in percentage t, time(ms) 50 100 0 tr = 10 s peak value i ppm half value - i ppm 2 td 0 1.0 2.0 3.0 4.0 ta=25 c pulse width (td) is defined as that point where the peak current decays to 50% of i ppm v rwm , reverse stand-off voltage, (v) 10/1000 s. waveform as defined b y r.e.a. 10 4 10 2 10 3 10 10 100 5 500 c j , capacitance, pf measured at stand-off voltage voltage v wm t j = 25 c f = 1.0 mhz vsig = 50 mv p-p measured at zero bias 3.0smdg series surface mount transient voltage suppessor http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of 30SMDG85C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X