Part Number Hot Search : 
6N03L BR1300 8EWF06S TC4422EG BFXXXX SBR5050 39VF1601 XN0A311G
Product Description
Full Text Search
 

To Download 2SC2551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC2551 0.1 a , 300 v npn plastic encapsulated transistor elektronische bauelemente 21-feb-2011 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a c e k f d b g h j ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? high voltage ? low saturation voltage ? small collector output capacitance ? complementary to 2sa1091 classification of h fe(1) product-rank 2SC2551-r 2SC2551-o range 30~90 50~150 absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 300 v collector to emitter voltage v ceo 300 v emitter to base voltage v ebo 6 v collector current - continuous i c 0.1 a collector power dissipation p c 400 mw junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo 300 - - v i c =100 a, i e =0 collector to emitter breakdown voltage v (br)ceo 300 - - v i c =1ma, i b =0 emitter to base breakdown voltage v (br)ebo 6 - - v i e =100 a, i c =0 collector cut ? off current i cbo - - 0.1 a v cb =300v, i e =0 emitter cut ? off current i ebo - - 0.1 a v eb =6v, i c =0 dc current gain h fe(1) 30 - 150 v ce =10v, i c =20ma h fe(2) * 20 - - v ce =10v, i c =1ma collector to emitter saturation voltage v ce(sat) - - 0.5 v i c =20ma, i b =2ma base to emitter voltage v be(sat) - - 1.2 v i c =20ma, i b =2ma transition frequency f t - 80 - mhz v ce =10v, i c =20ma collector output capacitance c ob - - 4 pf v cb =20v, i e =0, f=1mhz ? emitte r ? collector ? base to-92 ref. millimeter min. max. a 4.40 4.70 b 4.30 4.70 c 12.70 - d 3.30 3.81 e 0.36 0.56 f 0.36 0.51 g 1.27 typ. h 1.10 - j 2.42 2.66 k 0.36 0.76
2SC2551 0.1 a , 300 v npn plastic encapsulated transistor elektronische bauelemente 21-feb-2011 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curve
2SC2551 0.1 a , 300 v npn plastic encapsulated transistor elektronische bauelemente 21-feb-2011 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curve


▲Up To Search▲   

 
Price & Availability of 2SC2551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X