Part Number Hot Search : 
LS3340 TLE7809G SC1602D SK1926 015T0 HIP6020A 3N206 1366A
Product Description
Full Text Search
 

To Download 2N6340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2n6338 2n6339 2N6340 2n6341 description with to-3 package fast switching times low collector saturation voltage complement to type 2n6436~38 applications for use in industrial-military power amplifier and switching circuit applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit 2n6338 120 2n6339 140 2N6340 160 v cbo collector-base voltage 2n6341 open emitter 180 v 2n6338 100 2n6339 120 2N6340 140 v ceo collector-emitter voltage 2n6341 open base 150 v v ebo emitter-base voltage open collector 6 v i c collector current 25 a i cm collector current-peak 50 a i bc base current 10 a p d total power dissipation t c =25 200 w t j junction temperature 200  t stg storage temperature -65~200  thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 0.875 /w f fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2n6338 2n6339 2N6340 2n6341 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max uni t 2n6338 100 2n6339 120 2N6340 140 v (sus)ceo collector-emitter sustaining voltage 2n6341 i c =50ma ;i b =0 150 v v cesat-1 collector-emitter saturation voltage i c =10a; i b =1.0a 1.0 v v cesat-2 collector-emitter saturation voltage i c =25a; i b =2.5a 1.8 v v be sat-1 base-emitter saturation voltage i c =10a; i b =1.0a 1.8 v v be sat-2 base-emitter saturation voltage i c =25a; i b =2.5a 2.5 v v be base-emitter on voltage i c =10a ; v ce =2v 1.8 v i cex collector cut-off current v ce =rated v ceo ; v eb =1.5v t c =150 10 1.0 a ma i cbo collector cut-off current v cb =rated v cb ; i e =0 10 a 2n6338 v ce = 50v,i b =0 2n6339 v ce = 60v,i b =0 2N6340 v ce = 70v,i b =0 i ceo collector cut-off current 2n6341 v ce = 75v,i b =0 50 a i ebo emitter cut-off current v eb =6v; i c =0 100 a h fe-1 dc current gain i c =0.5a ; v ce =2v 50 h fe-2 dc current gain i c =10a ; v ce =2v 30 120 h fe-3 dc current gain i c =25a ; v ce =2v 12 c ob output capacitance i e =0 ; v cb =10v;f=0.1mhz 300 pf f t transition frequency i c =1a ; v ce =10v;f=10mhz 40 mhz t r rise time v cc =80v,i c =10a,i b1 =1a ;v be =1.5v 0.3 s t s storage time 1.0 s t f fall times v cc =80v,i c =10a,i b1 =i b2 =1a 0.25 s
savantic semiconductor product specification 3 silicon npn power transistors 2n6338 2n6339 2N6340 2n6341 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2N6340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X