Part Number Hot Search : 
101M35 DMA88 150LR5AM FTG256 P4SMAJ TPSMB33 MSM6242B 2DC4R2
Product Description
Full Text Search
 

To Download 1N5399G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 312 - 1n5391g thru 1N5399G 1.5 amps. glass passivated rectifiers voltage range 50 to 1000 volts current 1.5 amperes features  low forward voltage drop  high current capability  high reliability  high surge current capability mechanical data  cases: molded plastic  epoxy: ul 94v-0 rate flame retardant  lead: axial leads, solderable per mil-std-  lead: 202, method 208 guaranteed  polarity: color band denotes cathode end  high temperature soldering guaranteed:  250c/10 seconds/.375?,(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension  weight: 0.40 gram do-15 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number 1n 5391g 1n 5392g 1n 5393g 1n 5395g 1n 5397g 1n 5398g 1n 5399g units maximum recurrent peak reverse voltage 50 100 200 400 600 800 1000 v maximum rms voltage 35 70 140 280 420 560 700 v maximum dc blocking voltage 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t a = 60c 1.5 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) 50 a maximum instantaneous forward voltage @1.5a 1.1 1.0 v maximum dc reverse current @ t a =25c at rated dc blocking voltage @ t a =125c 5.0 100 ua ua typical junction capacitance ( note ) 30 pf operating and storage temperature range t j ,t stg - 65 to + 150 c note: measured at 1 mhz and applied reverse voltage of 4.0 volts d.c.
- 313 - ratings and characteristic curves (1n5391g thru 1N5399G) fig.4- typical junction capacitance junction cap acitance.(pf) 1 10 100 1 100 10 reverse voltage. (v) fig.1- typical forward characteristics instantaneous for ward current . (a) .4 .6 .8 1.0 1.2 1.4 1.6 .01 0.1 1.0 10 forward voltage. (v) fig.2- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 10 100 10 40 50 60 30 100 number of cycles at 60hz fig.3- maximum forward current derating curve average for ward rectified current amperes 25 50 75 100 125 150 175 0 .25 .50 .75 1.00 1.25 1.50 ambient temperature. ( c) o


▲Up To Search▲   

 
Price & Availability of 1N5399G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X