Part Number Hot Search : 
BTA208 LA4168M RT5028 8950AC LC4115 ML6431 24LC22A L624F
Product Description
Full Text Search
 

To Download 17-17-21-T1D-CP2R1TY-3T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 1 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen technical data sheet 0805 package chip led(1.0mm height) 17-21/t1d-cp2r1ty/3t features ? package in 8mm tape on 7 diameter reel. ? compatible with automatic placement equipment. ? compatible with infrared and vapor phase reflow solder process. ? mono-color type. ? pb-free ? the product itself will remain within rohs complian t version descriptions ? the 17-21 smd led is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. ? besides, lightweight makes them ideal for miniature applications. etc. applications ? backlighting in dashboard and switch. ? telecommunication: indicator and backlighting in telephone and fax. ? flat backlight for lcd, switch and symbol. ? general use. device selection guide part no. chip emitted color resin color material 17-21/t1d-cp2r1ty/3t ingan pure white yellow diffused
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 2 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen package outline dimensions + - 1.05 note: the tolerances unless mentioned is 0.1mm, unit = mm
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 3 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen absolute maximum ratings (ta=25 ) parameter symbol rating unit reverse voltage v r 5 v forward current i f 25 ma peak forward current (duty 1/10 @1khz) i fp 100 ma power dissipation p d 95 mw electrostatic discharge(hbm) esd 150 v operating temperature topr -40 ~ +85 storage temperature tstg -40 ~ +90 soldering temperature tsol reflow soldering : 260 for 10 sec. hand soldering : 350 for 3 sec. electro-optical characteristics (ta=25 ) parameter symbol min. typ. max. unit condition luminous intensity i v 57.0 ----- 140 mcd i f =5ma viewing angle 2 1/2 ----- 150 ----- deg forward voltage v f 2.60 ----- 3.00 v reverse current i r ----- ----- 50 a v r =5v notes: 1.tolerance of luminous intensity 11% 2.tolerance of forward voltage 0.05v
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 4 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen bin range of luminous intensity bin code min. max. unit condition p2 57.0 72.0 mcd i f =5ma q1 72.0 90.0 q2 90.0 112 r1 112 140 bin range of forward voltage symbol bin code min. max. unit condition t 28 2.60 2.70 v i f =5ma 29 2.70 2.80 30 2.80 2.90 31 2.90 3.00 notes: 1.tolerance of luminous intensity 11% 2.tolerance of forward voltage 0.05v
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 5 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen chromaticity coordinates specifications for bin g rading group bin code cie_x cie_y condition c 1 0.274 0.226 i f =5ma 0.274 0.258 0.294 0.286 0.294 0.254 2 0.274 0.258 0.274 0.291 0.294 0.319 0.294 0.286 3 0.294 0.254 0.294 0.286 0.314 0.315 0.314 0.282 4 0.294 0.286 0.294 0.319 0.314 0.347 0.314 0.315 notes: 1.the c.i.e. 1931 chromaticity diagram ( tolerance 0.01). 2.the products are sensitive to static electricity and care must be fully taken when handling products.
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 6 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen cie chromaticity diagram
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 7 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen typical electro-optical characteristics curves
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 8 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen label explanation cat: luminous intensity rank hue: chromaticity coordinates ref: forward voltage rank reel dimensions note: the tolerances unless mentioned is 0.1mm ,unit = mm rohs pb cpn : p n : xxxxxxxxxxxxx xxxxxxxxxxxxx qty : xxx lot no : xxxxxxxxxx reference : xxxxxxxx cat : xxx hue : xxx ref : xxx everlight made in taiwan
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 9 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen carrier tape dimensions: loaded quantity 3000 pcs p er reel note: the tolerances unless mentioned is 0.1mm, unit = mm moisture resistant packaging label desiccant label aluminum moisture-proof bag
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 1 0 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen reliability test items and conditions the reliability of products shall be satisfied with items listed below. confidence level 90% ltpd 10% no. items test condition test hours/cycles sample size ac/re 1 reflow soldering temp. : 260 5 min. 5sec. 6 min. 22 pcs. 0/1 2 temperature cycle h : +100 15min 5 min l : -40 15min 300 cycles 22 pcs. 0/1 3 thermal shock h : +100 5min 10 sec l : -10 5min 300 cycles 22 pcs. 0/1 4 high temperature storage temp. : 100 1000 hrs. 22 pcs. 0/1 5 low temperature storage temp. : -40 1000 hrs. 22 pcs. 0/1 6 dc operating life i f = 20 ma 1000 hrs. 22 pcs. 0/1 7 high temperature / high humidity 85 / 85%rh 1000 hrs. 22 pcs. 0/1
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 1 1 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen precautions for use 1. over-current-proof customer must apply resistors for protection , othe rwise slight voltage shift will cause big current change ( burn out will happen ). 2. storage 2.1 do not open moisture proof bag before the produ cts are ready to use. 2.2 before opening the package, the leds should be kept at 30 or less and 90%rh or less. 2.3 after opening the package: the led's floor life is 1 year under 30 or less and 60% rh or less. if unused leds remain, it should be stored in moist ure proof packages. 2.4 if the moisture absorbent material (silica gel) has faded away or the leds have exceeded the storage time, baking treatment should be performed using the following conditions. baking treatment : 60 5 for 24 hours. 3. soldering condition 3.1 pb-free solder temperature profile 3.2 reflow soldering should not be done more than t wo times. 3.3 when soldering, do not put stress on the leds d uring heating. 3.4 after soldering, do not warp the circuit board.
17-21/t1d-cp2r1ty/3t everlight electronics co., ltd. http:// www.everlight.com rev. 1 page: 1 2 of 12 device no. : dse-000 prepared date: 30-jun-2011 prepared by :zhouchen 4.soldering iron each terminal is to go to the tip of soldering iro n temperature less than 350 for 3 seconds within once in less than the soldering iron capacit y 25w. leave two seconds and more intervals, and do soldering of each terminal. be careful because the damage of the product is often started at the time of the hand solder. 5.repairing repair should not be done after the leds hav e been soldered. when repairing is unavoidable, a double-head soldering iron should be used (as below figure). it should be confirmed beforehand whether the characteristics of the leds will or will not be damaged by repairing. everlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, f ax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiwan, r.o.c http:// www.everlight.com


▲Up To Search▲   

 
Price & Availability of 17-17-21-T1D-CP2R1TY-3T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X