Part Number Hot Search : 
EKMG160 FR205P ED306YT Y0504 3VD1866 BR3510 MAX651 BZG05C5V
Product Description
Full Text Search
 

To Download TIP41A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings: (t c =25c) symbol tip41 TIP41A tip41b tip41c units collector-base voltage v cbo 40 60 80 100 v collector-emitter voltage v ceo 40 60 80 100 v emitter-base voltage v ebo 5.0 v continuous collector current i c 6.0 a peak collector current i cm 10 a continuous base current i b 2.0 a power dissipation p d 65 w power dissipation (t a =25c) p d 2.0 w operating and storage junction temperature t j , t stg -65 to +150 c electrical characteristics: (t c =25c unless otherwise noted) symbol test conditions min typ max units i ceo v ce =30v (tip41, TIP41A) 0.7 ma i ceo v ce =60v (tip41b, tip41c) 0.7 ma i ces v ce =rated v ceo 0.4 ma i ebo v eb =5.0v 1.0 ma bv ceo i c =30ma (tip41) 40 v bv ceo i c =30ma (TIP41A) 60 v bv ceo i c =30ma (tip41b) 80 v bv ceo i c =30ma (tip41c) 100 v v ce(sat) i c =6.0a, i b =0.6a 1.5 v v be(on) v ce =4.0v, i c =6.0a 2.0 v h fe v ce =4.0v, i c =0.3a 30 h fe v ce =4.0v, i c =3.0a 15 75 h fe v ce =10v, i c =0.5a, f=1.0khz 20 f t v ce =10v, i c =0.5a, f=1.0mhz 3.0 mhz t on i c =6.0a, i b1 = i b2 =0.6a, r l =5.0 0.6 s t off i c =6.0a, i b1 = i b2 =0.6a, r l =5.0 1.0 s tip41 TIP41A tip41b tip41c npn silicon power transistor description: the central semiconductor tip41 series types are npn epitaxial-base silicon power transistors designed for power amplifier and high speed switching applications. marking: full part number to-220 case r1 (13-december 2010) www.centralsemi.com
tip41 TIP41A tip41b tip41c npn silicon power transistor to-220 case - mechanical outline lead code: 1) base 2) collector 3) emitter tab) collector marking: full part number www.centralsemi.com r1 (13-december 2010)


▲Up To Search▲   

 
Price & Availability of TIP41A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X