Part Number Hot Search : 
L8XPREL TDA7266 F1628 13036 254273 MH1383P LZ951600 SI7401DN
Product Description
Full Text Search
 

To Download STB11NM60FD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2006 rev 9 1/17 17 STB11NM60FD - STB11NM60FD-1 stp11nm60fd - stp11nm60fdfp n-channel 600v - 0.40 ? - 11a - to-220/to-220fp/d 2 pak/i 2 pa k fdmesh? power mosfet (with fast diode) general features 100% avalanche tested high dv/dt and avalanche capabilities low input capacitance and gate charge low gate input resistance tight process control and high manufacturing yields description the fdmesh? associates all advantages of reduced on-resistance and fast switching with an intrinsic fast-recovery body diode. it is therefore strongly recommended for bridge topologies, in particular zvs phase-shift converters. applications switching application internal schematic diagram type v dss r ds(on) i d STB11NM60FD 600v <0.45 ? 11a STB11NM60FD-1 600v <0.45 ? 11a stp11nm60fd 600v <0.45 ? 11a stp11nm60fdfp 600v <0.45 ? 11a to-220 to-220fp d2pak i2pak d2pak 1 2 3 1 2 3 1 3 1 2 3 www.st.com order codes part number marking package packaging STB11NM60FD b11nm60fd d2pak tape & reel STB11NM60FD-1 b11nm60fd i2pak tube stp11nm60fd p11nm60fd to-220 tube stp11nm60fdfp p11nm60fdfp to-220fp tube 4 .com u datasheet
contents STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp 2/17 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 4 .com u datasheet
STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp electrical ratings 3/17 1 electrical ratings table 1. absolute maximum ratings symbol parameter value unit to-220/ d2 pak /i 2 pak to-220fp v ds drain-source voltage (v gs = 0) 600 v v dgr drain-gate voltage (r gs = 20 k ? ) 600 v v gs gate- source voltage 30 v i d drain current (continuos) at t c = 25c 11 11 (1) 1. limited only by maximu m temperature allowed a i d drain current (continuos) at t c = 100c 7 7 (1) a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 44 44 (1) a p tot total dissipation at t c = 25c 160 35 w derating factor 0.88 0.28 w/c dv/dt (3) 3. i sd <11a, di/dt<400a/s, v dd = 80% v (br)dss peak diode recovery voltage slope 20 v/ns v iso insulation winthstand voltage (dc) -- 2500 v t stg storage temperature ?65 to 150 c table 2. thermal resistance symbol parameter value unit to-220 d2pak/i2pak to-220fp r thj-case thermal resistance junction-case max 0.78 3.57 c/w r thj-a thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c table 3. avalanche data symbol parameter value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 5.5 a e as single pulse avalanche energy (starting tj = 25c, i d = i ar , v dd = 35v) 350 mj 4 .com u datasheet
electrical characteristics STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp 4/17 2 electrical characteristics (t case =25c unless otherwise specified) table 4. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 600 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating 1 a v ds =max rating, t c =125c 100 a i gss gate-body leakage current (v ds = 0) v gs = 30v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 3 4 5 v r ds(on) static drain-source on resistance v gs = 10v, i d = 5.5a 0.40 0.45 w table 5. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration = 300 s, duty cycle 1.5 % forward transconductance v ds > i d(on) x r ds(on)max, i d =5.5a 5.2 s c iss input capacitance v ds = 25v, f = 1 mhz, v gs = 0 900 pf c oss output capacitance 350 pf c rss reverse transfer capacitance 35 pf c oss eq (2) 2. c oss eq. is defined as a constant equi valent capacitance giving t he same charging time as c oss when v ds increases from 0 to 80% v dss . equivalent output capacitance v gs = 0v, v ds = 0v to 400v 100 pf r g gate input resistance f=1 mhz gate dc bias= 0 test signal level = 20mv open drain 3 ? q g total gate charge v dd = 400v, i d = 11a, v gs = 10v (see figure 15) 28 40 nc q gs gate-source charge 7.8 nc q gd gate-drain charge 13 nc 4 .com u datasheet
STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp electrical characteristics 5/17 table 6. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 250v, i d = 5.5a r g =4.7 ? v gs = 10v (see figure 14) 20 16 ns ns t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 400v, i d = 11a, r g =4.7 ?, v gs = 10v (see figure 16) 10 15 24 ns ns ns table 7. source drain diode symbol parameter test conditions min typ. max unit i sd source-drain current 11 a i sdm (1) 1. pulse width limited by safe operating area. source-drain current (pulsed) 44 a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5 % forward on voltage i sd = 11a, v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 11a, v dd = 50v di/dt = 100a/s, (see figure 19) 140 680 a ns nc a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 11a, v dd = 50v di/dt = 100a/s, tj=150c (see figure 19) 260 1600 13 ns nc a 4 .com u datasheet
electrical characteristics STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp 6/17 2.1 electrical characterist ics (curves) figure 1. safe operating area figure 2. thermal impedance figure 3. safe operating areafor to-220fp figure 4. thermal impedance for to-220fp figure 5. output characterisics figure 6. transfer characteristics 4 .com u datasheet
STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp electrical characteristics 7/17 figure 7. transconductance figure 8. static drain-source on resistance figure 9. gate charge vs gate-source voltage figure 10. capacitance variations figure 11. normalized gate threshold voltage vs temperature figure 12. normalized on resistance vs temperature 4 .com u datasheet
electrical characteristics STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp 8/17 figure 13. source-drain diode forward characteristics 4 .com u datasheet
STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp test circuit 9/17 3 test circuit figure 14. switching times test circuit for resistive load figure 15. gate charge test circuit figure 16. test circuit for inductive load switching and diode recovery times figure 17. unclamped inductive load test circuit figure 18. unclamped inductive wavefo rm figure 19. switching time waveform 4 .com u datasheet
package mechanical data STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp 10/17 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at : www.st.com 4 .com u datasheet
STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp package mechanical data 11/17 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ?p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data 4 .com u datasheet
package mechanical data STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp 12/17 to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0o 4o d 2 pak mechanical data 3 4 .com u datasheet
STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp package mechanical data 13/17 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 .0385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data 4 .com u datasheet
package mechanical data STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp 14/17 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 a1 2.40 2.72 0.094 0.107 b 0.61 0.88 0.024 0.034 b1 1.14 1.70 0.044 0.066 c 0.49 0.70 0.019 0.027 c2 1.23 1.32 0.048 0.052 d 8.95 9.35 0.352 0.368 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 e 10 10.40 0.393 0.410 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l2 1.27 1.40 0.050 0.055 to-262 (i 2 pak) mechanical data 4 .com u datasheet
STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp packaging mechanical 15/17 5 packaging mechanical data tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data 4 .com u datasheet
revision history STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp 16/17 6 revision history table 8. revision history date revision changes 09-sep-2004 6 preliminary version 08-may-2006 7 d 2 pak package inserted 22-may-2006 8 updated values table 5: dynamic 26-jul-2006 9 new template, no content change 4 .com u datasheet
STB11NM60FD - STB11NM60FD-1 - stp11nm60fd - stp11nm60fdfp 17/17 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2006 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of STB11NM60FD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X