Part Number Hot Search : 
Z0120B MX25L800 C3195 204G22 06N60C 2SB1668 CD4781 P0800SA
Product Description
Full Text Search
 

To Download STB11NM60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/12 may 2003 stp11nm60 - stp11nm60fp STB11NM60 - STB11NM60-1 n-channel 600v - 0.4 w -11a to-220/to-220fp/d 2 pak/i 2 pak mdmesh?power mosfet (*)limited only by maximum temperature allowed (1)i sd <11a, di/dt<400a/s, v dd STB11NM60 STB11NM60-1 600 v 600 v 600 v 600 v < 0.45 w < 0.45 w < 0.45 w < 0.45 w 11 a 11 a 11 a 11 a symbol parameter value unit stp(b)11nm60(-1) stp11nm60fp v ds drain-source voltage (v gs =0) 600 v v dgr drain-gate voltage (r gs =20k w ) 600 v v gs gate- source voltage 30 v i d drain current (continuous) at t c = 25c 11 11 (*) a i d drain current (continuous) at t c = 100c 7 7 (*) a i dm (  ) drain current (pulsed) 44 44 (*) a p tot total dissipation at t c = 25c 160 35 w derating factor 1.28 0.28 w/c dv/dt(1) peak diode recovery voltage slope 15 v/ns v iso insulation winthstand voltage (dc) -- 2500 v t stg storage temperature C65 to 150 c t j max. operating junction temperature 150 c to-220 1 2 3 1 2 3 i 2 pa k 1 2 3 to-220fp 1 3 d 2 pak internal schematic diagram 4 .com u datasheet
stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 2/12 thermal data avalanche characteristics electrical characteristics (t case = 25 c unless otherwise specified) off on (1) dynamic 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. c oss eq. is defined as a constant equivalent capacitance giving the same charging time as c oss when v ds increases from 0 to 80% v dss . to-220/d 2 pak/i 2 pak to-220fp rthj-case thermal resistance junction-case max 0.78 3.57 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 5.5 a e as single pulse avalanche energy (starting t j = 25 c, i d =i ar ,v dd =50v) 350 mj symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 600 v i dss zero gate voltage drain current (v gs =0) v ds = max rating 1a v ds = max rating, t c = 125 c 10 a i gss gate-body leakage current (v ds =0) v gs = 30v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds =v gs ,i d = 250a 345v r ds(on) static drain-source on resistance v gs =10v,i d = 5.5a 0.4 0.45 w symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds >i d(on) xr ds(on)max, i d = 5.5a 5.2 s c iss input capacitance v ds =25v,f=1mhz,v gs =0 1000 pf c oss output capacitance 230 pf c rss reverse transfer capacitance 25 pf c oss eq. (2) equivalent output capacitance v gs =0v,v ds = 0v to 480v 100 pf r g gate input resistance f=1 mhz gate dc bias = 0 test signal level = 20mv open drain 1.6 w 4 .com u datasheet
3/12 stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 electrical characteristics (continued) switching on switching off source drain diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time v dd = 300v, i d = 5.5a r g = 4.7 w v gs =10v (see test circuit, figure 3) 20 ns t r rise time 20 ns q g total gate charge v dd = 400v, i d =11a, v gs =10v 30 nc q gs gate-source charge 10 nc q gd gate-drain charge 15 nc symbol parameter test conditions min. typ. max. unit t r(voff) off-voltage rise time v dd =400v,i d = 11a, r g = 4.7 w, v gs =10v (see test circuit, figure 5) 6ns t f fall time 11 ns t c cross-over time 19 ns symbol parameter test conditions min. typ. max. unit i sd source-drain current 11 a i sdm (2) source-drain current (pulsed) 44 a v sd (1) forward on voltage i sd =11a,v gs =0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 11a, di/dt = 100a/s, v dd = 100 v, t j = 25c (see test circuit, figure 5) 390 3.8 19.5 ns c a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 11a, di/dt = 100a/s, v dd = 100 v, t j = 150c (see test circuit, figure 5) 570 5.7 20 ns c a safe operating area for to-220/d2pak/i2pak safe operating area for to-220fp 4 .com u datasheet
stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 4/12 transconductance static drain-source on resistance transfer characteristics output characteristics thermal impedance for to-220fp thermal impedance for to-220/d2pak/i2pak 4 .com u datasheet
5/12 stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 source-drain diode forward characteristics normalized on resistance vs temperature normalized gate thereshold voltage vs temp. capacitance variations gate charge vs gate-source voltage 4 .com u datasheet
stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 6/12 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load 4 .com u datasheet
7/12 stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ?p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data 4 .com u datasheet
stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 8/12 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 .0385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data 4 .com u datasheet
9/12 stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r 0.4 0.015 v2 0o 8o d 2 pak mechanical data 3 4 .com u datasheet
stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 10/12 dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 e 2.4 2.7 0.094 0.106 e 10 10.4 0.393 0.409 l 13.1 13.6 0.515 0.531 l1 3.48 3.78 0.137 0.149 l2 1.27 1.4 0.050 0.055 l l1 b2 b d e a c2 c a1 l2 e p011p5/e to-262 (i 2 pak) mechanical data 4 .com u datasheet
11/12 stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 tape and reel shipment (suffix t4)* tube shipment (no suffix)* d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data 4 .com u datasheet
stp11nm60 / stp11nm60fp / STB11NM60 / STB11NM60-1 12/12 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2003 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of STB11NM60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X