Part Number Hot Search : 
100D12N2 TB0763A D45242 DR060 4EM3T5 AM12N65B 8L05A TS556C
Product Description
Full Text Search
 

To Download SSP7480N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSP7480N 12 a, 80 v, r ds(on) 26 m ? n-channel enhancement mosfet elektronische bauelemente 28-jun-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free description these miniature surface mount mosfets utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. typical applications are dc-dc conv erters and power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. features ? low r ds(on) provides higher efficiency and extends battery life. ? low thermal impedance copper leadframe sop-8pp saves board space. ? fast switching speed. ? high performance trench technology. product summary product summary v ds (v) r ds (on) (m ? ? i d (a) 80 26@v gs = 10v 12 36@v gs = 4.5v 11 absolute maximum ratings and thermal data (t a = 25 c unless otherwise specified) parameter symbol rating unit drain-source voltage v ds 80 v gate-source voltage v gs 20 v continuous drain current a t a =25c i d 12 a t a =70c 9 pulsed drain current b i dm 50 a continuous source current (diode conduction) a i s 2.3 a power dissipation a t a =25c p d 5.0 w t a =70c 3.2 operating junction and st orage temperature range t j , t stg -55 ~ 150 c thermal resistance data maximum junction to ambient a t Q 10 sec r ja 25 c / w steady-state 65 notes a. surface mounted on 1? x 1? fr4 board. b. pulse width limited by maximum junction temperature. ? ? gate ??? ? source ???? ? drain ref. millimete r ref. millimete r min. max. min. max. a 1.00 1.10 0 12 b 5.70 5.80 b 0.33 0.51 c 0.20 0.30 d 1.27bsc d 3.61 3.98 e 1.35 1.75 e 5.40 6.10 g 1.10 - f 0.08 0.20 g 3.60 3.99 sop-8pp b e f g g a e b d c d
SSP7480N 12 a, 80 v, r ds(on) 26 m ? n-channel enhancement mosfet elektronische bauelemente 28-jun-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25c unless otherwise specified) parameter symbo min typ max unit test conditions static gate-threshold voltage v gs(th) 1 - - v v ds = v gs , i d = 250 a gate-body leakage i gss - - 100 na v ds = 0v, v gs = 12v zero gate voltage drain current i dss - - 1 a v ds = 64v, v gs = 0v - - 5 v ds = 64v, v gs = 0v, t j =55 c on-state drain current a i d(on) 40 - - a v ds = 5v, v gs = 10v drain-source on-resistance a r ds(on) - - 26 m ? v gs = 10v, i d = 6a - - 36 v gs = 4.5v, i d = 5a forward transconductance a g fs - 40 - s v ds = 15v, , i d = 6a diode forward voltage v sd - 0.7 - v i s = 2.3a, v gs = 0v dynamic b total gate charge q g - 15 - nc i d = 6a v ds = 15v v gs = 4.5v gate-source charge q gs - 3 - gate-drain charge q gd - 5 - turn-on delay time td (on) - 15 - ns i d = 1a, v dd = 15v v gen = 10v r l = 6 ? rise time t r - 10 - turn-off delay time td (off) - 54 - fall time t f - 26 - notes a. pulse test pw Q 300 us duty cycle Q 2%. b. guaranteed by design, not subject to production testing.


▲Up To Search▲   

 
Price & Availability of SSP7480N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X