Part Number Hot Search : 
2SC5606 BZ5239 0LT1G WP7113 29L333C 70233 MHS132 P47C2
Product Description
Full Text Search
 

To Download SFM19M-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sfm11m-lfr thru SFM19M-LFR page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 1a surface mount super fast recovery rectifiers sfm11m-lfr thru SFM19M-LFR features z for surface mounted applications z low profile package z built-in strain relief z easy pick and place z plastic material used carries underwriters laboratory classification 94 v-0 z super fast switching z glass passivated chip junction z high temperature soldering: 250c/10 seconds at terminals z rohs mechanical data z case: molded plastic, sod-123, dimensions in inches and (millimeters) z terminals: solder plated z polarity: indicated by cathode band z weight: 0.04 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inducti ve load. for capacitive load, derate current by 20% ratings symbol sfm11m -lfr sfm12m -lfr sfm13m -lfr sfm14m -lfr sfm15m -lfr sfm16m -lfr sfm18m -lfr sfm19m -lfr units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 600 800 v maximum rms voltage v rms 35 70 105 140 210 280 420 560 v maximum dc blocking voltage v dc 50 100 150 200 300 400 600 800 v maximum average forward rectified current at tl=90 c i o 1.0 a maximum overload surge 8.3ms single half sine-wave i fsm 30 a typical junction capacitance (note 1) c j 15 10 pf typical thermal resistance (note 2) jl 30 c/w storage temperature range t stg -55 to + 150 c operating temperature range t op -55 to + 125 c electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol sfm11m -lfr sfm12m -lfr sfm13m -lfr sfm14m -lfr sfm15m -lfr sfm16m -lfr sfm18m -lfr sfm19m -lfr units maximum forward voltage at 1.0a and 25 v f 0.95 1.25 1.85 v maximum reverse current at 25 i r 5 a maximum reverse recovery time (note 3) t rr 35 ns marking s1 s2 s3 s4 s5 s6 s8 s9 note: 1. measured at 1.0 mhz and applied reverse voltage of 4.0 v 2. thermal resistance from junction to terminal 5.0mm 2 (.013 mm thick) land areas 3. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a .035(0.9) typ. .071(1.8 ) .055(1.4 ) .161(4.1) .146(3.7) .063(1.6) .055(1.4) .0012(0.3) typ. .035(0.9) typ. .126(3.2) .110(2.8)
sfm11m-lfr thru SFM19M-LFR page: 2 ratings and characteristic curve sfm11m-lfr thru SFM19M-LFR fig. 1-test circuit diagram and reverse recovery time characteristic +0.5a 0 -0.25a trr fig. 3-typical reverse characteristics .1 .2 .4 1.0 2 4 10 20 40 100 reverse voltage (v) 200 100 40 20 10 6 4 2 1 junction capacitance (pf) sfm11m-lf~sfm14m-lf sfm15m-lf~sfm19m-lf 1 5 10 20 50 100 number of cycles at 60 hz peak forward surge current ( a ) t j =25 o c .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 instantaneous forward voltage (v) 0 20 40 60 80 100 120 140 t j =25 o c t j =80 o c t j =100 o c sfm11m-lf~sfm14m-lf sfm18m-lf~ sfm19m-lf 10 1.0 .1 .01 .001 instantaneous forward current (a) instantaneous reverse current (ua) average forward current ( a ) 2.0 1.0 0 25 50 7 5 10 0 12 5 15 0 17 5 lead temperature ( o c) fig. 2-typical forward current derating curve single phase half wave 60 hz resistive or inductive load set time base for 10/20 ns/cm sfm15m-lf~sfm16m-lf 100 10 1.0 0.1 0.01 pulse generator ( note 2 ) (+) 25 v dc (approx) ( - ) d.u.t. 1 non inductive oscilloscope ( note 1 ) 50 no inductive 100 no inductive (-) (+) note: 1. rise time=7ns max. input impedance=1 mohms 22pf 2. rise time =10ns max. source impedance=50 ohms percent of rated peak reverse voltage (%) p.c.b mounted on 0.30.3?(8.08.0mm) copper pad areas 1cm fig. 4-typical instantaneous forward characteristics fig. 5-maximum non-repetitive forward surge current 40 30 25 20 15 10 5 0 8.3 ms single half sine wave (jedec method) fig. 6-typical junction capacitance


▲Up To Search▲   

 
Price & Availability of SFM19M-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X