Part Number Hot Search : 
P03HDL SA158 ON1278 1N5333 C124GC NTE2556 215500 2SC4589
Product Description
Full Text Search
 

To Download MUR160-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur105-lfr thru mur1100-lfr page: 1 +++ frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 1a ultra fast efficient rectifier mur105-lfr thru mur1100-lfr features z low power loss, high efficiency z low leakage z low forward voltage drop z high current capability z high speed switching z high reliability z high current surge z glass passivated chip junction z rohs mechanical data z case: molded plastic, do41, dimensions in inches and (millimeters) z epoxy: ul 94v-0 rate flame retardant z lead: mil-std-202e method 208c guaranteed z mounting position: any z weight: 0.34 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol mur 105-lf r mur 110-lf r mur 115-lf r mur 120-lf r mur 140-lf r mur 160-lf r mur 180-lf r mur 1100-lf r units maximum recurrent peak reverse voltage v rrm 50 100 150 200 400 600 800 1000 v maximum rms voltage v rms 35 70 105 140 280 480 560 700 v maximum dc blocking voltage v dc 50 100 150 200 400 600 800 1000 v maximum average forward rectified current 0.375? (9.5mm) lead length at ta=55 c i o 1.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 35 a typical junction capacitance (note 1) c j 70 pf typical thermal resistance (note 2) r ja 50 /w storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 150 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol mur 105-lf r mur 110-lf r mur 115-lf r mur 120-lf r mur 140-lf r mur 160-lf r mur 180-lf r mur 1100-lf r units maximum forward voltage at i o dc v f 0.875 1.25 1.75 v maximum reverse current at 25 i r 2 5 a maximum reverse current at 100 i r 50 a maximum reverse recovery time (note 3) t rr 25 50 75 ns note: 1. measured at 1 mhz and applied reverse voltage 0f 4.0 volts 2. both leads attached to heat sink 20x20x1t(mm) copper plate at lead length 5mm 3. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a .205(5.2) .166(4.2) 1.0(25.4) min .034(0.9) .028(0.7) 1.0(25.4) min .107(2.7) .080(2.0)
mur105-lfr thru mur1100-lfr page: 2 ratings and characteristic curve mur105-lfr thru mur1100-lfr 1000 100 10 1.0 0.1 0.01 fig. 5-maximum non-repetitive forward surge current 40 30 25 20 15 10 5 0 1 5 10 20 50 100 number of cycles at 60 hz peak forward surge current ( a ) 8.3 ms single half sine wave (jedec method) fig. 6-typical junction capacitance .1 .2 .4 1.0 2 4 10 20 40 100 reverse voltage (v) 200 100 40 20 10 6 4 2 1 junction capacitance (pf) t j =25 o c average forward current ( a ) 2.0 1.0 0 25 50 7 5 10 0 12 5 15 0 17 5 ambient temperature ( o c) fig. 2-typical forward current derating curve single phase half wave 60 hz resistive or inductive load trr +0.5a 0 -0.25a 1cm set time base for 10/20 ns/cm fig. 3-typical reverse characteristics 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) t j =25 o c t j =80 o c t j =125 o c instantaneous reverse current (ua) 100 10 1.0 0.1 0.01 fig. 4-typical instantaneous forward characteristics .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 instantaneous forward voltage (v) mur105-lf ~120-lf 10 1.0 .1 .01 .001 instantaneous forward current (a) mur140-lf ~1100-lf fig. 1-test circuit diagram and reverse recovery time characteristic pulse generator ( note 2 ) (+) 25 v dc (approx) (-) d.u.t. 1 non inductive oscilloscope ( note 1 ) 50 no inductive 100 no inductive (-) (+) note: 1. rise time=7ns max. input impedance=1 mohms 22pf 2. rise time =10ns max. source impedance=50 ohms


▲Up To Search▲   

 
Price & Availability of MUR160-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X