Part Number Hot Search : 
CA3240E 21256SNF SS15L SG16036A MTN2130 BC317 SI3227 13001
Product Description
Full Text Search
 

To Download MT5Z20V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mt5zxxx series 200mw , sod-523 surface mount zener diodes elektronische bauelemente 6-jan-2012 rev. a page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. e f b c d a rohs compliant product a suffix of -c specifies halogen & lead-free features  wide zener voltage range selection, 2.4v to 75v  flat lead sod-523 small outline plastic package  extremely small sod-523 package  surface device type mounting  green emc  matte tin(sn) lead finish  band indicates cathode package information package mpq leader size sod-523 3k 7 inch absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit power dissipation p d 200 mw operating and storage temperature range t j , t stg -55~150 c sod-523 ref. millimeter ref. millimeter min. max. min. max. a 1.50 1.70 d 1.10 1.30 b 0.70 0.90 e 0.25 0.35 c 0.50 0.77 f 0.07 0.20
mt5zxxx series 200mw , sod-523 surface mount zener diodes elektronische bauelemente 6-jan-2012 rev. a page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25c unless otherwise specified, v f =1v maximum@ i f =10ma) type number marking zener voltage range maximum zener impedance maximum reverse leakage current v z @i zt i zt z zt @i zt z zk @i zk i zk i r @v r min(v) nom(v) max(v) ma   ma a v mt5z2v4 50 2.2 2.4 2.6 5 100 1000 1 50 1 mt5z2v7 51 2.5 2.7 2.9 5 100 1000 1 20 1 mt5z3v0 52 2.8 3.0 3.2 5 100 1000 1 10 1 mt5z3v3 53 3.1 3.3 3.5 5 95 1000 1 5 1 mt5z3v6 54 3.4 3.6 3.8 5 90 1000 1 5 1 mt5z3v9 55 3.7 3.9 4.1 5 90 1000 1 3 1 mt5z4v3 56 4.0 4.3 4.6 5 90 1000 1 3 1 mt5z4v7 57 4.4 4.7 5.0 5 80 800 1 3 2 mt5z5v1 58 4.8 5.1 5.4 5 60 500 1 2 2 mt5z5v6 59 5.2 5.6 6.0 5 40 200 1 1 2 mt5z6v2 5a 5.8 6.2 6.6 5 10 100 1 3 4 mt5z6v8 5b 6.4 6.8 7.2 5 15 160 1 2 4 mt5z7v5 5c 7.0 7.5 7.9 5 15 160 1 1 5 mt5z8v2 5d 7.7 8.2 8.7 5 15 160 1 0.7 5 mt5z9v1 5e 8.5 9.1 9.6 5 15 160 1 0.2 7 mt5z10v 5f 9.4 10 10.6 5 20 160 1 0.1 8 mt5z11v 5g 10.4 11 11.6 5 20 160 1 0.1 8 mt5z12v 5h 11.4 12 12.7 5 25 80 1 0.1 8 mt5z13v 5j 12.4 13 14.1 5 30 80 1 0.1 8 mt5z15v 5k 14.3 15 15.8 5 30 80 1 0.05 10.5 mt5z16v 5l 15.3 16 17.1 5 40 80 1 0.05 11.2 mt5z18v 5m 16.8 18 19.1 5 45 80 1 0.05 12.6 MT5Z20V 5n 18.8 20 21.2 5 55 100 1 0.05 14 mt5z22v 5p 20.8 22 23.3 5 55 100 1 0.05 15.4 mt5z24v 5r 22.8 24 25.6 5 70 120 1 0.05 16.8 mt5z27v 5s 25.1 27 28.9 2 80 300 0.5 0.05 18.9 mt5z30v 5t 28 30 32 2 80 300 0.5 0.05 21 mt5z33v 5u 31 33 35 2 80 300 0.5 0.05 23.2 mt5z36v 5v 34 36 38 2 90 500 0.5 0.05 25.2 mt5z39v 5x 37 39 41 2 130 500 0.5 0.05 27.3
mt5zxxx series 200mw , sod-523 surface mount zener diodes elektronische bauelemente 6-jan-2012 rev. a page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25c unless otherwise specified, v f =1v maximum@ i f =10ma) type number marking zener voltage range maximum zener impedance maximum reverse leakage current v z @i zt i zt z zt @i zt z zk @i zk i zk i r @v r min(v) nom(v) max(v) ma   ma a v mt5z43v 5y 40 43 46 2 150 500 0.5 0.05 30.1 mt5z47v 5z 44 47 50 2 170 500 0.5 0.05 32.9 mt5z51v 5? 48 51 54 2 180 500 0.5 0.05 35.7 mt5z56v 5= 52 56 60 2 200 500 0.5 0.05 39.2 mt5z62v 5 58 62 66 2 215 500 0.5 0.05 43.4 mt5z68v 5> 64 68 72 2 240 500 0.5 0.05 47.6 mt5z75v 5< 70 75 79 2 255 500 0.5 0.05 52.5 notes: 1. the zener voltage (v z ) is tested under pulse condition of 10ms. 2. the zener impedance is derived from the 60-cycle ac voltage, which results when an ac current havin g an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed to i zt or i zk . characteristic curves
mt5zxxx series 200mw , sod-523 surface mount zener diodes elektronische bauelemente 6-jan-2012 rev. a page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of MT5Z20V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X