Part Number Hot Search : 
HD74LV 2J272J 06MU08MU SY8954 FDFMA2 2J272J 07M00 SIEMENS
Product Description
Full Text Search
 

To Download MFU1206FF06300E000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 28747 for technical questions, contact: thinfilm.chipfuse@vishay.com www.vishay.com revision: 06-may-10 1 thin film chip fuses mfu series vishay beyschlag mfu thin film chip fuses are the perfect choice for the most fields of modern electronics. the highly controlled manufacturing thin film proc ess guarantees an outstanding stability of fusing characterist ics. typical applications include information technology, te lecommunication, medical equipment, industrial, audio/video, and automotive electronics. features ? advanced thin film technology ? very quick acting fuse characteristics ? outstanding stability of fusing characteristics ? standard smd sizes ? green product, supports lead (pb)-free soldering ? halogen-free according to iec 61249-2-21 definition ? compliant to rohs directive 2002/95/ec applications ? information technology ? industrial electronics ? automotive electronics ? telecommunication ? medical equipment ? audio/video electronics size inch 0402 0603 0805 1206 metric 1005m 1608m 2012m 3216m technical specifications description mfu 0402 mfu 0603 mfu 0805 mfu 1206 metric size 1005m 1608m 2012m 3216m rated current range i r 0.5 a to 3.15 a 0.5 a to 5.0 a 0.5 a to 5.0 a 0.5 a to 6.3 a rated voltage, u max. dc 32 v 32 v 32 v 63 v breaking capacity, i max. at u max. dc 50 a at 32 v 50 a at 32 v 50 a at 32 v 50 a at 63 v voltage drop at 1 x i r 90 mv to 368 mv 85 mv to 361 mv 98 mv to 374 mv 116 mv to 433 mv cold resistance at 0.1 x i r 22 m to 560 m 13 m to 550 m 15 m to 570 m 14 m to 660 m climatic category (lct/uct/days) 55/125/56 55/125/56 55/125/56 55/125/56 permissible continuous current rating at ? amb = 23 c 0.7 x i r 0.7 x i r 0.7 x i r 0.7 x i r approval ul recognition file e253806 e253806 e253806 e253806 iec 60127-4 n/a refer to table: mfu 0603 rating refer to table: mfu 1206 rating fit observed 0.2 x 10 - 9 /h 0.2 x 10 - 9 /h 0.2 x 10 - 9 /h 0.2 x 10 - 9 /h
www.vishay.com for technical questions, contact: thinfilm.chipfuse@vishay.com document number: 28747 2 revision: 06-may-10 mfu series vishay beyschlag thin film chip fuses notes (1) products can be ordered using either the part number or the product description (2) please refer to table packaging part number and pr oduct description (1) part number: mfu0603ff01000pw00 model/size fuse characteristic rated current value packaging (2) special mfu0402 mfu0603 mfu0805 mfu1206 ff = very quick acting rated current value in ma examples: 0.5 a = 00500 1.0 a = 01000 6.3 a = 06300 e1 e5 e0 p1 p5 pw up to 2 digits 00 = standard product description: mfu 0603 -ff pw 1a0 mfu 0603 -ff pw 1a0 model size fuse characteristic packaging (2) rated current value mfu 0402 0603 0805 1206 ff = very quick acting e1 e5 e0 p1 p5 pw rated current value in ma examples: 0.5 a = 0a5 1.0 a = 1a0 6.3 a = 6a3 packaging model reel diameter pieces/reel code mfu0402 180 mm/7" 1000 e1 180 mm/7" 5000 e5 180 mm/7" 10 000 e0 mfu0603 180 mm/7" 1000 p1 180 mm/7" 5000 p5 330 mm/13" 20 000 pw mfu0805 180 mm/7" 1000 p1 180 mm/7" 5000 p5 330 mm/13" 20 000 pw mfu1206 180 mm/7" 1000 p1 180 mm/7" 5000 p5 330 mm/13" 20 000 pw mfu0603ff01000pw00
document number: 28747 for technical questions, contact: thinfilm.chipfuse@vishay.com www.vishay.com revision: 06-may-10 3 mfu series thin film chip fuses vishay beyschlag dimensions solder pad dimensions note ? the given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards iec 611 88-5-x, or in publication ipc-7351. they do not guarantee any supposed thermal pr operties, particularly as thes e are also strongly influenced by many other parameters. dimensions - chip fuse types, mass and relevant physical dimensions type h (mm) l (mm) w (mm) w t (mm) t 1 (mm) t 2 (mm) mass (mg) mfu 0402 0.32 0.07 1.0 0.05 0.5 0.05 > 75 % of w 0.2 + 0.1/- 0.15 0.2 0.1 0.65 mfu 0603 0.45 + 0.1/- 0.05 1.55 0.05 0.85 0.1 > 75 % of w 0.3 + 0.15/- 0.2 0.3 + 0.15/- 0.2 1.9 mfu 0805 0.45 + 0.1/- 0.05 2.0 0.1 1.25 0.15 > 75 % of w 0.4 + 0.1/- 0.2 0.4 + 0.1/- 0.2 4.7 mfu 1206 0.55 0.1 3.2 + 0.1/- 0.2 1.6 0.15 > 75 % of w 0.5 0.25 0.5 0.25 9.5 recommended solder pad dimensions type wave soldering reflow soldering g (mm) y (mm) x (mm) z (mm) g (mm) y (mm) x (mm) z (mm) mfu 0402 - - - - 0.35 0.55 0.55 1.45 mfu 0603 0.55 1.10 1.10 2.75 0.65 0.70 0.95 2.05 mfu 0805 0.80 1.25 1.50 3.30 0.90 0.90 1.40 2.70 mfu 1206 1.40 1.50 1.90 4.40 1.50 1.15 1.75 3.80 t 2 t 1 l h w w t g x y z
www.vishay.com for technical questions, contact: thinfilm.chipfuse@vishay.com document number: 28747 4 revision: 06-may-10 mfu series vishay beyschlag thin film chip fuses notes (1) other values of rated current are available on request (2) typical values (3) for packages with 1000 pieces, please use for packaging e1 instead of e5 (4) for packages with 10 000 pieces, pleas e use for packaging e0 instead of e5 (5) available on request notes (6) other values of rated current are available on request (7) typical values (8) for packages with 1000 pieces, please use for packaging p1 instead of p5 (9) for packages with 20 000 pieces, pleas e use for packaging pw instead of p5 mfu 0402 rating - very quick acting (ff) size fuse char. rated current (1) rated voltage pre-arcing (2) i 2 t at 10 x i r volt. drop (2) at 1 x i r cold resis (2) at 0.1 x i r breaking capacity dc mark. approval part number (3)(4) 0402 ff 500 ma (5) 32 v 0.0009 a 2 s 368 mv 560 m 50 a at 32 v - ul mfu0402ff00500e500 630 ma (5) 32 v 0.0014 a 2 s 331 mv 400 m 50 a at 32 v - ul mfu0402ff00630e500 750 ma (5) 32 v 0.0020 a 2 s 275 mv 280 m 50 a at 32 v - ul mfu0402ff00750e500 800 ma 32 v 0.0023 a 2 s 231 mv 220 m 50 a at 32 v - ul mfu0402ff00800e500 1.0 a 32 v 0.0028 a 2 s 184 mv 140 m 50 a at 32 v - ul mfu0402ff01000e500 1.25 a 32 v 0.0039 a 2 s 159 mv 97 m 50 a at 32 v - ul mfu0402ff01250e500 1.5 a 32 v 0.0059 a 2 s 146 mv 74 m 50 a at 32 v - ul mfu0402ff01500e500 1.6 a 32 v 0.0065 a 2 s 136 mv 65 m 50 a at 32 v - ul mfu0402ff01600e500 1.75 a 32 v 0.0077 a 2 s 124 mv 54 m 50 a at 32 v - ul mfu0402ff01750e500 2.0 a 32 v 0.0101 a 2 s 115 mv 44 m 50 a at 32 v - ul mfu0402ff02000e500 2.5 a 32 v 0.0157 a 2 s 107 mv 33 m 50 a at 32 v - ul mfu0402ff02500e500 3.0 a 32 v 0.0227 a 2 s 95 mv 24 m 50 a at 32 v - ul mfu0402ff03000e500 3.15 a 32 v 0.0250 a 2 s 90 mv 22 m 50 a at 32 v - ul mfu0402ff03150e500 mfu 0603 rating - very quick acting (ff) size fuse char. rated current (6) rated voltage pre-arcing (7) i 2 t at 10 x i r volt. drop (7) at 1 x i r cold resis (7) at 0.1 x i r breaking capacity dc mark. approval part number (8)(9) 0603 ff 500 ma 32 v 0.0009 a 2 s 361 mv 550 m 50 a at 32 v f ul/iec mfu0603ff00500p500 630 ma 32 v 0.0014 a 2 s 331 mv 400 m 50 a at 32 v ct ul mfu0603ff00630p500 750 ma 32 v 0.0020 a 2 s 258 mv 262 m 50 a at 32 v g ul mfu0603ff00750p500 800 ma 32 v 0.0023 a 2 s 249 mv 237 m 50 a at 32 v cv ul mfu0603ff00800p500 1.0 a 32 v 0.0028 a 2 s 223 mv 170 m 50 a at 32 v h ul/iec mfu0603ff01000p500 1.25 a 32 v 0.0039 a 2 s 180 mv 110 m 50 a at 32 v j ul mfu0603ff01250p500 1.5 a 32 v 0.0059 a 2 s 155 mv 79 m 50 a at 32 v k ul mfu0603ff01500p500 1.6 a 32 v 0.0065 a 2 s 159 mv 76 m 50 a at 32 v ef ul/iec mfu0603ff01600p500 1.75 a 32 v 0.0077 a 2 s 138 mv 60 m 50 a at 32 v l ul mfu0603ff01750p500 2.0 a 32 v 0.0101 a 2 s 150 mv 57 m 50 a at 32 v n ul/iec mfu0603ff02000p500 2.5 a 32 v 0.0157 a 2 s 121 mv 37 m 50 a at 32 v o ul mfu0603ff02500p500 3.0 a 32 v 0.0227 a 2 s 126 mv 32 m 50 a at 32 v p ul mfu0603ff03000p500 3.15 a 32 v 0.0250 a 2 s 120 mv 29 m 50 a at 32 v el ul/iec mfu0603ff03150p500 3.5 a 32 v 0.0308 a 2 s 106 mv 23 m 50 a at 32 v r ul mfu0603ff03500p500 4.0 a 32 v 0.0403 a 2 s 100 mv 19 m 50 a at 32 v s ul mfu0603ff04000p500 5.0 a 32 v 0.2275 a 2 s 85 mv 13 m 50 a at 32 v t ul mfu0603ff05000p500
document number: 28747 for technical questions, contact: thinfilm.chipfuse@vishay.com www.vishay.com revision: 06-may-10 5 mfu series thin film chip fuses vishay beyschlag notes (1) other values of rated curre nt are available on request (2) typical values (3) for packages with 1000 piec es, please use for packaging p1 instead of p5 (4) for packages with 20 000 pieces, pleas e use for packaging pw instead of p5 mfu 0805 rating - very quick acting (ff) size fuse char. rated current (1) rated voltage pre-arcing (2) i 2 t at 10 x i r volt. drop (2) at 1 x i r cold resis (2) at 0.1 x i r breaking capacity dc mark. approval part number (3)(4) 0805 ff 500 ma 32 v 0.0009 a 2 s 374 mv 570 m 50 a at 32 v f ul mfu0805ff00500p500 630 ma 32 v 0.0014 a 2 s 347 mv 420 m 50 a at 32 v ct ul mfu0805ff00630p500 750 ma 32 v 0.0021 a 2 s 280 mv 285 m 50 a at 32 v g ul mfu0805ff00750p500 800 ma 32 v 0.0023 a 2 s 262 mv 250 m 50 a at 32 v cv ul mfu0805ff00800p500 1.0 a 32 v 0.0028 a 2 s 243 mv 185 m 50 a at 32 v h ul mfu0805ff01000p500 1.25 a 32 v 0.0040 a 2 s 205 mv 125 m 50 a at 32 v j ul mfu0805ff01250p500 1.5 a 32 v 0.0059 a 2 s 171 mv 87 m 50 a at 32 v k ul mfu0805ff01500p500 1.6 a 32 v 0.0065 a 2 s 164 mv 78 m 50 a at 32 v ef ul mfu0805ff01600p500 1.75 a 32 v 0.0077 a 2 s 161 mv 70 m 50 a at 32 v l ul mfu0805ff01750p500 2.0 a 32 v 0.0101 a 2 s 176 mv 67 m 50 a at 32 v n ul mfu0805ff02000p500 2.5 a 32 v 0.0157 a 2 s 131 mv 40 m 50 a at 32 v o ul mfu0805ff02500p500 3.0 a 32 v 0.0227 a 2 s 134 mv 34 m 50 a at 32 v p ul mfu0805ff03000p500 3.15 a 32 v 0.0250 a 2 s 128 mv 31 m 50 a at 32 v el ul mfu0805ff03150p500 3.5 a 32 v 0.0308 a 2 s 119 mv 26 m 50 a at 32 v r ul mfu0805ff03500p500 4.0 a 32 v 0.0403 a 2 s 105 mv 20 m 50 a at 32 v s ul mfu0805ff04000p500 5.0 a 32 v 0.2275 a 2 s 98 mv 15 m 50 a at 32 v t ul mfu0805ff05000p500 mfu 1206 rating - very quick acting (ff) size fuse char. rated current (1) rated voltage pre-arcing (2) i 2 t at 10 x i r volt. drop (2) at 1 x i r cold resis (2) at 0.1 x i r breaking capacity dc mark. approval part number (3)(4) 1206 ff 500 ma 63 v 0.0009 a 2 s 433 mv 660 m 50 a at 63 v f ul/iec mfu1206ff00500p500 630 ma 63 v 0.0014 a 2 s 372 mv 450 m 50 a at 63 v ct ul mfu1206ff00630p500 750 ma 63 v 0.0022 a 2 s 325 mv 330 m 50 a at 63 v g ul mfu1206ff00750p500 800 ma 63 v 0.0023 a 2 s 273 mv 260 m 50 a at 63 v cv ul mfu1206ff00800p500 1.0 a 63 v 0.0028 a 2 s 262 mv 200 m 50 a at 63 v h ul/iec mfu1206ff01000p500 1.25 a 63 v 0.0041 a 2 s 230 mv 140 m 50 a at 63 v j ul mfu1206ff01250p500 1.5 a 63 v 0.0059 a 2 s 207 mv 105 m 50 a at 63 v k ul mfu1206ff01500p500 1.6 a 63 v 0.0066 a 2 s 168 mv 80 m 50 a at 63 v ef ul/iec mfu1206ff01600p500 1.75 a 63 v 0.0077 a 2 s 174 mv 76 m 50 a at 63 v l ul mfu1206ff01750p500 2.0 a 63 v 0.0102 a 2 s 181 mv 69 m 50 a at 63 v n ul/iec mfu1206ff02000p500 2.5 a 63 v 0.0159 a 2 s 161 mv 49 m 50 a at 63 v o ul mfu1206ff02500p500 3.0 a 63 v 0.0229 a 2 s 173 mv 44 m 50 a at 63 v p ul mfu1206ff03000p500 3.15 a 63 v 0.0251 a 2 s 153 mv 37 m 50 a at 63 v el ul/iec mfu1206ff03150p500 3.5 a 63 v 0.0310 a 2 s 161 mv 35 m 50 a at 63 v r ul mfu1206ff03500p500 4.0 a 63 v 0.0404 a 2 s 147 mv 28 m 50 a at 63 v s ul mfu1206ff04000p500 5.0 a 63 v 0.2275 a 2 s 131 mv 20 m 50 a at 63 v t ul mfu1206ff05000p500 6.3 a 63 v 0.5160 a 2 s 116 mv 14 m 50 a at 63 v et ul mfu1206ff06300p500
www.vishay.com for technical questions, contact: thinfilm.chipfuse@vishay.com document number: 28747 6 revision: 06-may-10 mfu series vishay beyschlag thin film chip fuses description production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of metal alloy is deposited on a high grade ceramic body. the fuse elements are covered by a protective coating designed for electrical, mechanical and climatic protection. the terminations receive a final pure tin on nickel plating. the result of the determined production is verified by an extensive testing procedure performed on 100 % of the individual fuses. only accepted products are laid directly into the paper tape in accordance with iec 60286-3 . approvals the fuses are tested in accordance with iec 60127-4 and ul 248-14 which refers to ul 248-1, iec 60127-1 and iec 60068 series. approval of conformity is indicated by the umf logo on the package label. recognition by underwriter laboratories inc. is indicated by the ul logo on the package label. assembly the fuses are suitable for processing on automatic smd assembly systems. they are suitable for automatic soldering using wave, reflow or vapour phase. the encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, esters and aqueous solutions. the fuses are rohs compliant, the pure tin plating provides compatibility with lead (pb)-free and lead-containing soldering processes. the immunity of the plating against tin whisker growth has been proven under extensive testing. solderability is specified for 2 years after production or re-qualific ation. the permitted storage time is 20 years. all products comply with the ce fic-eeca-eicta list of legal restrictions on hazardous substances. this includes full compliance with the following directives: ? 2000/53/ec end of vehicle life directive (elv) and annex ii (elv ii) ? 2002/95/ec restriction of the use of hazardous substances directive (rohs) ? 2002/96/ec waste electrical and electronic equipment directive (weee) functional performance note (1) current rating factor is in addi tion to the given permissible c ontinuous current rating of 0.7 lead (pb)-free identification on the packa g e label e3 current rating factor (1) vs. ambient temperature ? amb - 60 150 0 ambient temperature amb [c] current rating factor [%] 50 60 70 8 0 90 100 110 120 mfu series 75 90 105 120 135 ? 40 30 20 10 - 45 - 30 - 15 0 15 30 45 60
document number: 28747 for technical questions, contact: thinfilm.chipfuse@vishay.com www.vishay.com revision: 06-may-10 7 mfu series thin film chip fuses vishay beyschlag functional performance note (1) fuses mounted on a test board according to iec 60127-4 typical t pre-arc vs. i characteristic of mfu 0402 (1) typical i 2 t vs. t pre-arc characteristic of mfu 0402 (1) 0.1 100 10 -4 1 current i [a] pre-arc time t pre-arc [s] 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0402-ff 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a 10 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0402-ff 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a pre-arc time t pre-arc [s] joule integral l 2 t [a 2 s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2
www.vishay.com for technical questions, contact: thinfilm.chipfuse@vishay.com document number: 28747 8 revision: 06-may-10 mfu series vishay beyschlag thin film chip fuses functional performance note (1) fuses mounted on a test board according to iec 60127-4 typical t pre-arc vs. i characteristic of mfu 0603 (1) typical i 2 t vs. t pre-arc characteristic of mfu 0603 (1) 0.1 100 10 -4 1 current i [a] pre-arc time t pre-arc [s] 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0603-ff 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a 10 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0603-ff 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a pre-arc time t pre-arc [s] joule integral l 2 t [a 2 s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2
document number: 28747 for technical questions, contact: thinfilm.chipfuse@vishay.com www.vishay.com revision: 06-may-10 9 mfu series thin film chip fuses vishay beyschlag functional performance note (1) fuses mounted on a test board according to iec 60127-4 typical t pre-arc vs. i characteristic of mfu 0805 (1) typical i 2 t vs. t pre-arc characteristic of mfu 0805 (1) 0.1 100 10 -4 1 current i [a] pre-arc time t pre-arc [s] 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0 8 05-ff 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a 10 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0 8 05-ff 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a pre-arc time t pre-arc [s] joule integral l 2 t [a 2 s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2
www.vishay.com for technical questions, contact: thinfilm.chipfuse@vishay.com document number: 28747 10 revision: 06-may-10 mfu series vishay beyschlag thin film chip fuses functional performance note (1) fuses mounted on a test board according to iec 60127-4 typical t pre-arc vs. i characteristic of mfu 1206 (1) typical i 2 t vs. t pre-arc characteristic of mfu 1206 (1) 0.1 100 10 -4 1 current i [a] pre-arc time t pre-arc [s] 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 1206-ff 6.30 a 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a 10 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 1206-ff 6.30 a 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0. 8 0 a 0.75 a 0.63 a 0.50 a pre-arc time t pre-arc [s] joule integral l 2 t [a 2 s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2
document number: 28747 for technical questions, contact: thinfilm.chipfuse@vishay.com www.vishay.com revision: 06-may-10 11 mfu series thin film chip fuses vishay beyschlag test and requirements all tests are carried out in accordance with the following specifications: iec 60127-1, miniature fuse - part 1: definitions for miniature fuses and general requirements for miniature fuse-links iec 60127-4, universal modular fuse links (umf) ul 248-1, low voltage fuses - part 1: general requirements ul 248-14, low voltage fuses - part 14: supplemental fuses for the full test schedule refer to the documents listed above. the testing also covers most of the requirements specified by meti and ccc. the tests are carried out in accordance with iec 60068 and under standard atmospheric conditions in accordance with iec 60068-1, 5.3. climatic category lct/uct/56 (rated temperature range: lower category temperature, upper category temperature; damp heat, long term, 56 days) is valid. unless otherwise specified the following values apply: temperature: 15 c to 35 c relative humidity: 45 % to 75 % air pressure: 86 kpa to 106 kpa (860 mbar to 1060 mbar). the components are mounted for testing on printed-circuit boards in accordance with iec 60127-4, unless otherwise specified. the requirements stated in the test procedures and requirements table are based on the required tests and permitted limits of iec 60127-1 and iec 60127-4 respectively. however, some additional tests and a number of improvements against thos e minimum requirements have been included. test procedures and requirements iec 60127-4 clause iec 60068-2 test method test procedure requirements permissible change 8.3.2 21 (u e1 ) substrate bending depth 1 mm; rate 1 mm/s 1 times no visible damage r/r 10 % 8.6.2 58 (td) solderability solder bath method; snpb40; non-activated flux; (215 3) c; (3 0.3) s good tinning ( 95 % covered); no visible damage solder bath method; snag3cu0.5 or snag3.5; non-activated flux; (245 3) c; (2 0.2) s good tinning ( 95 % covered); no visible damage 8.7.2 58 (td) resistance to soldering heat solder bath method; (260 5) c; (10 1) s no visible damage r/r 10 % reflow method 2 (ir/forced gas convection); (260 5) c; (10 1) s no visible damage r/r 10 % 9.2.1 - time/current characteristics at nominal temperature cold resistance at 0.1 x i r ; destructive testing under overcurrent conditions (dc-current) mfu 0402 i r 0.75 a at 1.25 x i r , t pre-arc > 1 h at 2.0 x i r , t pre-arc < 60 s at 10 x i r , t pre-arc < 0.001 s mfu 0402 0.8 a i r 3.15 a at 1.25 x i r , t pre-arc > 1 h at 2.0 x i r , t pre-arc < 5 s at 10 x i r , t pre-arc < 0.001 s mfu 0603 i r 5.0 a mfu 0805 i r 5.0 a mfu 1206 i r 6.3 a 9.3.2 - breaking capacity 50 a at rated voltage acc. to ul 248-14 optical inspection with naked eye no visible damage 9.3.3 - residual resistance 50 a at rated voltage acc. to ul 248-14 insulation resistance at 2.0 x u r (dc) higher than 0.1 m
www.vishay.com for technical questions, contact: thinfilm.chipfuse@vishay.com document number: 28747 12 revision: 06-may-10 mfu series vishay beyschlag thin film chip fuses 9.4 - endurance test acc. to iec 60127-1 a) i = 1.0 x i r (dc) 1.0 h on; 0.25 h off; 23 c; 100 times b) i = 1.25 x i r (dc) 1.0 h on 23 c; 1 time mfu 0402 i r 3.15 a no visible damage r/r 10 % mfu 0603 i r 3.15 a mfu 0805 i r 3.15 a mfu 1206 i r 3.15 a 9.5 - maximum sustained dissipation acc. to iec 60127-1 calculation in accordance wi th results of clause 9.4 b) dissipation acc. to iec 60127-4 table 2 9.7 - fuse-link temperature the test is performed during the final 5 min of clause 9.4 b) mfu 0402 i r 3.15 a temperature rise of terminals 85 k mfu 0603 i r 3.15 a mfu 0805 i r 3.15 a mfu 1206 i r 3.15 a -- verification of temp.-rise and current- carrying capacity acc. to ul 248-14 clause 8.2.3 i = 1.0 x i r (dc) mfu 0402 i r 3.15 a temperature rise of hot spot 75 k acc. to ul 248-14 clause 8.2.4 mfu 0603 i r 5.0 a mfu 0805 i r 5.0 a mfu 1206 i r 6.3 a - 78 (cab) damp heat, steady state (40 2) c; 56 days; (93 3) % rh r/r 10 % i-t characteristic - 14 (na) rapid change of temperature 30 min at lct; 30 min at uct; lct = - 55 c; uct = 125 c; 5 cycles r/r 10 % - 6 (fc) vibration endurance by sweeping; 10 hz to 2000 hz; no resonance; amplitude 1.5 mm or 200 m/s 2 ; 6 h r/r 10 % - 45 (xa) component solvent resistance isopropyl alcohol; 50 c; method 2 no visible damage - 45 (xa) solvent resistance of marking isopropyl alcohol; 50 c; method 1, toothbrush marking legible, no visible damage - 21 (ue 3 ) shear (adhesion) rr 1608m; 9 n no visible damage rr 2012m and rr 3216m; 45 n - - flammability iec 60695-2-2, needle flame test; 10 s no burning after 30 s test procedures and requirements iec 60127-4 clause iec 60068-2 test method test procedure requirements permissible change
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of MFU1206FF06300E000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X