Part Number Hot Search : 
2A105K KTK5164U AS300DB TB6552F 74HC15 N4002 PAM8905 ST7787
Product Description
Full Text Search
 

To Download MC79L12ABDG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 october, 2006 ? rev. 8 1 publication order number: mc79l00/d mc79l00, mc79l00a series 100 ma negative voltage regulators the mc79l00, a series negative voltage regulators are inexpensive, easy?to?use devices suitable for numerous applications requiring up to 100 ma. like the higher powered mc7900 series negative regulators, this series features thermal shutdown and current limiting, making them remarkably rugged. in most applications, no external components are required for operation. the mc79l00 devices are useful for on?card regulation or any other application where a regulated negative voltage at a modest current level is needed. these regulators offer substantial advantage over the common resistor/zener diode approach. features ? no external components required ? internal short circuit current limiting ? internal thermal overload protection ? low cost ? complementary positive regulators offered (mc78l00 series) ? pb?free packages are available *automotive temperature range selections are available with special test conditions and additional tests in 5, 12 and 15 v devices. contact your local on semiconductor sales office for information. r1 r2 z1 r3 r 5 r18 q1 r6 q4 r7 r4 r8 q5 q10 q8 r9 q14 q9 c q6 r10 r11 q7 q2 q11 r14 r15 q13 q12 r16 r17 gnd output input figure 1. representative schematic diagram http://onsemi.com three?terminal low current negative fixed voltage regulators to?92 p suffix case 29 soic?8 d suffix case 751 marking diagrams see detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet. ordering information pin 1. ground 2. input 3. output pin 1. v out 2. v in 3. v in 4. nc 5. gnd 6. v in 7. v in 8. nc xxx = specific device code a = assembly location l = wafer lot y = year w, ww = work week y = b or c  = pb?free package mc79l xxxxx alyww   1 8 (note: microdot may be in either location) 9lxxx alyw  1 8 1 2 3
mc79l00, mc79l00a series http://onsemi.com 2 maximum ratings (t a = +25 c, unless otherwise noted.) rating symbol value unit input v oltage (?5 v) (?12, ?15, ?18 v) (?24 v) v i ?30 ?35 ?40 vdc power dissipation case 29 (t o?92 t ype) t a = 25 c thermal resistance, junction?to?ambient thermal resistance, junction?to?case case 751 (soic?8 type) (note 1) t a = 25 c thermal resistance, junction?to?ambient thermal resistance, junction?to?case pd r  ja r  jc pd r  ja r  jc internally limited 160 83 internally limited 180 45 w c/w c/w w c/w c/w storage temperature range t stg ?65 to +150 c junction t emperature t j +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. soic?8 junction?to?ambient thermal resistance is for minimum recommended pad size. refer to figure 9 for thermal resistance variation versus pad size. *this device series contains esd protection and exceeds the following tests: human body model 2000 v per mil_std_883, method 3015 machine model method 200 v. electrical characteristics (v i = ?10 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, ?40 c < t j +125 c (for mc79lxxab), 0 c < t j < +125 c (for mc79lxxac)). mc79l05c, ab mc79l05ac, ab characteristics symbol min typ max min typ max unit output voltage (t j = +25 c) v o ?4.6 ?5.0 ?5.4 ?4.8 ?5.0 ?5.2 vdc input regulation (t j = +25 c) ?7.0 vdc v i ?20 vdc ?8.0 vdc v i ?20 vdc reg line ? ? ? ? 200 150 ? ? ? ? 150 100 mv load regulation t j = +25 c, 1.0 ma i o 100 ma 1.0 ma i o 40 ma reg load ? ? ? ? 60 30 ? ? ? ? 60 30 mv output v oltage ?7.0 vdc v i ?20 vdc, 1.0 ma i o 40 ma v i = ?10 vdc, 1.0 ma i o 70 ma v o ?4.5 ?4.5 ? ? ?5.5 ?5.5 ?4.75 ?4.75 ? ? ?5.25 ?5.25 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? ? ? 6.0 5.5 ? ? ? ? 6.0 5.5 ma input bias current change ?8.0 vdc v i ?20 vdc 1.0 ma i o 40 ma i ib ? ? ? ? 1.5 0.2 ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 40 ? ? 40 ?  v ripple rejection (?8.0 v i ?18 vdc, f = 120 hz, t j = +25 c) rr 40 49 ? 41 49 ? db dropout voltage (i o = 40 ma, t j = +25 c) |v i ?v o | ? 1.7 ? ? 1.7 ? vdc
mc79l00, mc79l00a series http://onsemi.com 3 electrical characteristics (v i = ?19 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, ?40 c < t j +125 c (for mc79lxxac), 0 c < t j < +125 c (for mc79lxxab)). mc79l12c, ab mc79l12ac, ab characteristics symbol min typ max min typ max unit output voltage (t j = +25 c) v o ?11.1 ?12 ?12.9 ?11.5 ?12 ?12.5 vdc input regulation (t j = +25 c) ?14.5 vdc v i ?27 vdc ?16 vdc v i ?27 vdc reg line ? ? ? ? 250 200 ? ? ? ? 250 200 mv load regulation t j = +25 c, 1.0 ma i o 100 ma 1.0 ma i o 40 ma reg load ? ? ? ? 100 50 ? ? ? ? 100 50 mv output v oltage ?14.5 vdc v i ?27 vdc, 1.0 ma i o 40 ma v i = ?19 vdc, 1.0 ma i o 70 ma v o ?10.8 ?10.8 ? ? ?13.2 ?13.2 ?11.4 ?11.4 ? ? ?12.6 ?12.6 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? ? ? 6.5 6.0 ? ? ? ? 6.5 6.0 ma input bias current change ?16 vdc v i ?27 vdc 1.0 ma i o 40 ma i ib ? ? ? ? 1.5 0.2 ? ? ? ? 1.5 0.2 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 80 ? ? 80 ?  v ripple rejection (?15 v i ?25 vdc, f = 120 hz, t j = +25 c) rr 36 42 ? 37 42 ? db dropout voltage (i o = 40 ma, t j = +25 c) |v i ?v o | ? 1.7 ? ? 1.7 ? vdc electrical characteristics (v i = ?23 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, ?40 c < t j +125 c (for mc79lxxab), 0 c < t j < +125 c (for mc79lxxac)). mc79l15c mc79l15ac, ab characteristics symbol min typ max min typ max unit output voltage (t j = +25 c) v o ?13.8 ?15 ?16.2 ?14.4 ?15 ?15.6 vdc input regulation (t j = +25 c) ?17.5 vdc v i ?30 vdc ?20 vdc v i ?30 vdc reg line ? ? ? ? 300 250 ? ? ? ? 300 250 mv load regulation t j = +25 c, 1.0 ma i o 100 ma 1.0 ma i o 40 ma reg load ? ? ? ? 150 75 ? ? ? ? 150 75 mv output v oltage ?17.5 vdc v i ?vdc, 1.0 ma i o 40 ma v i = ?23 vdc, 1.0 ma i o 70 ma v o ?13.5 ?13.5 ? ? ?16.5 ?16.5 ?14.25 ?14.25 ? ? ?15.75 ?15.75 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? ? ? 6.5 6.0 ? ? ? ? 6.5 6.0 ma input bias current change ?20 vdc v i ?30 vdc 1.0 ma i o 40 ma  i ib ? ? ? ? 1.5 0.2 ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 90 ? ? 90 ?  v ripple rejection (?18.5 v i ?28.5 vdc, f = 120 hz) rr 33 39 ? 34 39 ? db dropout voltage i o = 40 ma, t j = +25 c |v i ?v o | ? 1.7 ? ? 1.7 ? vdc
mc79l00, mc79l00a series http://onsemi.com 4 electrical characteristics (v i = ?27 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, 0 c < t j > +125 c, unless otherwise noted). mc79l18c mc79l18ac characteristics symbol min typ max min typ max unit output voltage (t j = +25 c) v o ?16.6 ?18 ?19.4 ?17.3 ?18 ?18.7 vdc input regulation (t j = +25 c) ?20.7 vdc v i ?33 vdc ?21.4 vdc v i ?33 vdc ?22 vdc v i ?33 vdc ?21 vdc v i ?33 vdc reg line ? ? ? ? ? ? ? ? ? 325 275 ? ? ? ? ? ? ? ? ? 325 ? ? 275 mv load regulation t j = +25 c, 1.0 ma i o 100 ma 1.0 ma i o 40 ma reg load ? ? ? ? 170 85 ? ? ? ? 170 85 mv output v oltage ?20.7 vdc v i ?33 vdc, 1.0 ma i o 40 ma ?21.4 vdc v i ?33 vdc, 1.0 ma i o 40 ma v i = ?27 vdc, 1.0 ma i o 70 ma v o ? ?16.2 ?16.2 ? ? ? ? ?19.8 ?19.8 ?17.1 ? ?17.1 ? ? ? ?18.9 ? ?18.9 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? ? ? 6.5 6.0 ? ? ? ? 6.5 6.0 ma input bias current change ?21 vdc v i ?33 vdc ?27 vdc v i ?33 vdc 1.0 ma i o 40 ma i ib ? ? ? ? ? ? ? 1.5 0.2 ? ? ? ? ? ? 1.5 ? 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 150 ? ? 150 ?  v ripple rejection (?23 v i ?33 vdc, f = 120 hz, t j = +25 c) rr 32 46 ? 33 48 ? db dropout voltage i o = 40 ma, t j = +25 c |v i ?v o| ? 1.7 ? ? 1.7 ? vdc electrical characteristics (v i = ?33 v, i o = 40 ma, c i = 0.33  f, c o = 0.1  f, 0 c < t j < +125 c, unless otherwise noted). mc79l24c mc79l24ac characteristics symbol min typ max min typ max unit output voltage (t j = +25 c) v o ?22.1 ?24 ?25.9 ?23 ?24 ?25 vdc input regulation (t j = +25 c) ?27 vdc v i ?38 vdc ?27.5 vdc v i ?38 vdc ?28 vdc v i ?38 vdc reg line ? ? ? ? ? ? ? 350 300 ? ? ? ? ? ? 350 ? 300 mv load regulation t j = +25 c, 1.0 ma i o 100 ma 1.0 ma i o 40 ma reg load ? ? ? ? 200 100 ? ? ? ? 200 100 mv output v oltage ?27 vdc v i ?38 v, 1.0 ma i o 40 ma ?28 vdc v i ?38 vdc, 1.0 ma i o 40 ma v i = ?33 vdc, 1.0 ma i o 70 ma v o ? ?21.4 ?21.4 ? ? ? ? ?26.4 ?26.4 ?22.8 ? ?22.8 ? ? ? ?25.2 ? ?25.2 vdc input bias current (t j = +25 c) (t j = +125 c) i ib ? ? ? ? 6.5 6.0 ? ? ? ? 6.5 6.0 ma input bias current change ?28 vdc v i ?38 vdc 1.0 ma i o 40 ma  i ib ? ? ? ? 1.5 0.2 ? ? ? ? 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n ? 200 ? ? 200 ?  v ripple rejection (?29 v i ?35 vdc, f = 120 hz, t j = +25 c) rr 30 43 ? 31 47 ? db dropout voltage i o = 40 ma, t j = +25 c |v i ?v o | ? 1.7 ? ? 1.7 ? vdc
mc79l00, mc79l00a series http://onsemi.com 5 applications information design considerations the mc79l00, a series of fixed voltage regulators are designed with thermal overload protections that shuts down the circuit when subjected to an excessive power overload condition, internal short circuit protection that limits the maximum current the circuit will pass. in many low current applications, compensation capacitors are not required. however, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire length, or if the output load capacitance is large. an input bypass capacitor should be selected to provide good high?frequency characteristics to insure stable operation under all load conditions. a 0.33  f or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. the bypass capacitor should be mounted with the shortest possible leads directly across the regulator?s input terminals. normally good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. bypassing the output is also recommended. figure 2. positive and negative regulator figure 3. standard application +v in +v o 0.1  f ?v in ?v o 0.33  f mc78lxx mc79lxx 0.1  f 0.33  f input output c o ** 0.1  f c i * 0.33  f mc79lxx a common ground is required between the input and the output voltages. the input voltage must remain typically 2.0 v above the output voltage even during the low point on the ripple voltage. * c i is required if regulator is located an appreciable * distance from the power supply filter ** c o improves stability and transient response.
mc79l00, mc79l00a series http://onsemi.com 6 typical characteristics (t a = +25 c, unless otherwise noted.) i ib , input bias current (ma) i ib , input bias current (ma) v o , output voltage (v) figure 4. dropout characteristics figure 5. dropout voltage versus junction temperature figure 6. input bias current versus ambient temperature figure 7. input bias current versus input voltage figure 8. maximum average power dissipation versus ambient temperature (to?92) 8.0 6.0 4.0 2.0 0 0 ?2.0 ?4.0 ?6.0 ?0.8 ?10 v in , input voltage (v) mc79l05c v o = ?5.0 v t j = 25 c i o = 1.0 ma i o = 100 ma i o = 40 ma ?2.5 ?2.0 ?1.5 ?1.0 ?0.5 0 0 25 50 75 100 125 , input/output differential voltage (v) io t j , junction temperature ( c) i o = 70 ma ?v v 4.0 4.2 3.8 3.6 3.4 3.2 3.0 0 0 25 50 75 100 125 t a , ambient temperature ( c) mc79l05c v in = ?10 v v o = ?5.0 v i o = 40 ma 5.0 4.0 3.0 2.0 1.0 0 0 ?5.0 ?10 ?15 ?20 ?25 ?30 ?35 ?40 v in , input voltage (v) mc79l05c v o = ?5.0 v i o = 40 ma 10,000 1,000 100 10 , power dissipation (mw) d t a , ambient temperature ( c) 25 50 75 100 125 150 p no heatsink r  ja = 200 c/w p d(max) to 25 c = 625 mw figure 9. sop?8 thermal resistance and maximum power dissipation versus p.c.b. copper length 30 50 70 90 110 130 150 0.4 0.8 1.2 1.6 2.0 2.4 2.8 0203050 40 10 l, length of copper (mm) 170 3.2 p d(max) for t a = +50 c r  ja p d , maximum power dissipation (w) ??? ??? ??? ??? ??? ??? r ja , thermal resistance dropout of regulation is defined when  v o = 2% of v o
mc79l00, mc79l00a series http://onsemi.com 7 ordering information device nominal voltage operating temperature range package shipping ? mc79l05abd ?5.0 v tj = ?40 to +125 c soic?8 98 units / rail mc79l05abdg soic?8 (pb?free) 98 units / rail mc79l05abdr2 soic?8 2500 / tape & reel mc79l05abdr2g soic?8 (pb?free) 2500 / tape & reel mc79l05abp to?92 2000 units / bag mc79l05abpg to?92 (pb?free) 2000 units / bag mc79l05abpra to?92 2000 / tape & reel mc79l05abprag to?92 (pb?free) 2000 / tape & reel mc79l05acd tj = 0 to +125 c soic?8 98 units / rail mc79l05acdg soic?8 (pb?free) 98 units / rail mc79l05acdr2 soic?8 2500 / tape & reel mc79l05acdr2g soic?8 (pb?free) 2500 / tape & reel mc79l05acp to?92 2000 units / bag mc79l05acpg to?92 (pb?free) 2000 units / bag mc79l05acpra to?92 2000 / tape & reel mc79l05acprag to?92 (pb?free) 2000 / tape & reel mc79l05acprm to?92 2000 / tape & ammo box mc79l05acprmg to?92 (pb?free) 2000 / tape & ammo box mc79l05acprp to?92 2000 / tape & ammo box mc79l05acprpg to?92 (pb?free) 2000 / tape & ammo box mc79l12abd ?12 v tj = ?40 to +125 c soic?8 98 units / rail MC79L12ABDG soic?8 (pb?free) 98 units / rail mc79l12abdr2 soic?8 2500 / tape & reel mc79l12abdr2g soic?8 (pb?free) 2500 / tape & reel mc79l12abp to?92 2000 units / bag mc79l12abpg to?92 (pb?free) 2000 units / bag mc79l12abpra to?92 2000 / tape & reel mc79l12abprag to?92 (pb?free) 2000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d.
mc79l00, mc79l00a series http://onsemi.com 8 ordering information device nominal voltage operating temperature range package shipping ? mc79l12acd ?12 v tj = 0 to +125 c soic?8 98 units / rail mc79l12acdg soic?8 (pb?free) 98 units / rail mc79l12acdr2 soic?8 2500 / tape & reel mc79l12acdr2g soic?8 (pb?free) 2500 / tape & reel mc79l12acp to?92 2000 units / bag mc79l12acpg to?92 (pb?free) 2000 units / bag mc79l12acpra to?92 2000 / tape & reel mc79l12acprag to?92 (pb?free) 2000 / tape & reel mc79l12acprp to?92 2000 / tape & ammo box mc79l12acprpg to?92 (pb?free) 2000 / tape & ammo box mc79l15abd ?15 v tj = ?40 to +125 c soic?8 98 units / rail mc79l15abdg soic?8 (pb?free) 98 units / rail mc79l15abdr2 soic?8 2500 / tape & reel mc79l15abdr2g soic?8 (pb?free) 2500 / tape & reel mc79l15abp to?92 2000 units / bag mc79l15abpg to?92 (pb?free) 2000 units / bag mc79l15abprp to?92 2000 / tape & ammo box mc79l15abprpg to?92 (pb?free) 2000 / tape & ammo box mc79l15acd tj = 0 to +125 c soic?8 98 units / rail mc79l15acdg soic?8 (pb?free) 98 units / rail mc79l15acdr2 soic?8 2500 / tape & reel mc79l15acdr2g soic?8 (pb?free) 2500 / tape & reel mc79l15acp to?92 2000 units / bag mc79l15acpg to?92 (pb?free) 2000 units / bag mc79l15acpra to?92 2000 / tape & reel mc79l15acprag to?92 (pb?free) 2000 / tape & reel mc79l15acpre to?92 2000 / tape & reel mc79l15acpreg to?92 (pb?free) 2000 / tape & reel mc79l15acprp to?92 2000 / tape & ammo box mc79l15acprpg to?92 (pb?free) 2000 / tape & ammo box ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d.
mc79l00, mc79l00a series http://onsemi.com 9 ordering information device nominal voltage operating temperature range package shipping ? mc79l18abprp ?18 v tj = ?40 to +125 c to?92 2000 / tape & ammo box mc79l18abprpg to?92 (pb?free) 2000 / tape & ammo box mc79l18acp tj = 0 to +125 c to?92 2000 units / bag mc79l18acpg to?92 (pb?free) 2000 units / bag mc79l24abp ?24 v tj = ?40 to +125 c to?92 2000 units / bag mc79l24abpg to?92 (pb?free) 2000 units / bag mc79l24acp tj = 0 to +125 c to?92 2000 units / bag mc79l24acpg to?92 (pb?free) 2000 units / bag mc79l24acprm to?92 2000 / tape & ammo box mc79l24acprmg to?92 (pb?free) 2000 / tape & ammo box mc79l24acprp to?92 2000 / tape & ammo box mc79l24acprpg to?92 (pb?free) 2000 / tape & ammo box ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d.
mc79l00, mc79l00a series http://onsemi.com 10 package dimensions soic?8 case 751?07 issue ah seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751?01 thru 751?06 are obsolete. new standard is 751?07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ?x? ?y? g m y m 0.25 (0.010) ?z? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting t echniques reference manual, solderrm/d. soldering footprint*
mc79l00, mc79l00a series http://onsemi.com 11 package dimensions to?92 (to?226) case 29?11 issue al notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j l b k g h section x?x c v d n n xx seating plane dim min max min max millimeters inches a 0.175 0.205 4.45 5.20 b 0.170 0.210 4.32 5.33 c 0.125 0.165 3.18 4.19 d 0.016 0.021 0.407 0.533 g 0.045 0.055 1.15 1.39 h 0.095 0.105 2.42 2.66 j 0.015 0.020 0.39 0.50 k 0.500 ??? 12.70 ??? l 0.250 ??? 6.35 ??? n 0.080 0.105 2.04 2.66 p ??? 0.100 ??? 2.54 r 0.115 ??? 2.93 ??? v 0.135 ??? 3.43 ??? 1 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, in cluding without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different a pplications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical e xperts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc prod uct could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney f ees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was neglig ent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 mc79l00/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC79L12ABDG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X