Part Number Hot Search : 
CA3000 18F42 VH048 B1512 7WG74 T495TC N60A4D 10095057
Product Description
Full Text Search
 

To Download MC74HC11AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    semiconductor technical data 1 rev 0 ? motorola, inc. 1997 12/97    
    
 highperformance silicongate cmos the mc74hc11a is identical in pinout to the ls11. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. ? output drive capability: 10 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2 to 6 v ? low input current: 1 m a ? high noise immunity characteristic of cmos devices ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 60 fets or 15 equivalent gates logic diagram y1 a1 pin 14 = v cc pin 7 = gnd y = abc b1 c1 1 2 13 a2 b2 c2 3 4 5 a3 b3 c3 9 10 11 12 6 8 y2 y3 this document contains information on a new product. specifications and information herein are subject to change without notice. b x l x h   function table pin assignment a l x x h 11 12 13 14 8 9 10 5 4 3 2 1 7 6 b3 c3 y1 c1 v cc y3 a3 b2 a2 b1 a1 gnd y2 c2 inputs output c x x l h y l l l h d suffix soic package case 751a03 n suffix plastic package case 64606 ordering information mc74hcxxan mc74hcxxad mc74hcxxadt plastic soic tssop 1 14 1 14 1 14 dt suffix tssop package case 948g01
mc74hc11a motorola highspeed cmos logic data dl129 e rev 6 2 ??????????????????????? ??????????????????????? maximum ratings* ??? ??? symbol ?????????????? ?????????????? parameter ?????? ?????? value ??? ??? unit ??? ??? v cc ?????????????? ?????????????? dc supply voltage (referenced to gnd) ?????? ?????? 0.5 to + 7.0 ??? ??? v ??? ??? v in ?????????????? ?????????????? dc input voltage (referenced to gnd) ?????? ?????? 0.5 to v cc + 0.5 ??? ??? v ??? ??? v out ?????????????? ?????????????? dc output voltage (referenced to gnd) ?????? ?????? 0.5 to v cc + 0.5 ??? ??? v ??? ??? i in ?????????????? ?????????????? dc input current, per pin ?????? ?????? 20 ??? ??? ma ??? ??? i out ?????????????? ?????????????? dc output current, per pin ?????? ?????? 25 ??? ??? ma ??? ??? i cc ?????????????? ?????????????? dc supply current, v cc and gnd pins ?????? ?????? 50 ??? ??? ma ??? ? ? ? ? ? ? p d ?????????????? ? ???????????? ? ? ???????????? ? power dissipation in still air plastic dip2 soic package2 tssop package2 ?????? ? ???? ? ? ???? ? 750 500 450 ??? ? ? ? ? ? ? mw ??? ? ? ? t stg ?????????????? ? ???????????? ? storage temperature ?????? ? ???? ? 65 to + 150 ??? ? ? ?  c ??? ? ? ? ??? t l ?????????????? ? ???????????? ? ?????????????? lead temperature, 1 mm from case for 10 seconds (plastic dip, soic or tssop package) ?????? ? ???? ? ?????? 260 ??? ? ? ? ???  c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. 2derating e plastic dip: 10 mw/  c from 65  to 125  c soic package: 7 mw/  c from 65  to 125  c tssop package: 6.1 mw/  c from 65  to 125  c for high frequency or heavy load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d). recommended operating conditions ???? ???? symbol ?????????????? ?????????????? parameter ??? ??? min ??? ??? max ??? ??? unit ???? ???? v cc ?????????????? ?????????????? dc supply voltage (referenced to gnd) ??? ??? 2.0 ??? ??? 6.0 ??? ??? v ???? ???? v in , v out ?????????????? ?????????????? dc input voltage, output voltage (referenced to gnd) ??? ??? 0 ??? ??? v cc ??? ??? v ???? ???? t a ?????????????? ?????????????? operating temperature, all package types ??? ??? 55 ??? ??? + 125 ??? ???  c ???? ? ?? ? ? ?? ? ???? t r , t f ?????????????? ? ???????????? ? ? ???????????? ? ?????????????? input rise and fall time v cc = 2.0 v (figure 1) v cc = 3.0 v v cc = 4.5 v v cc = 6.0 v ??? ? ? ? ? ? ? ??? 0 0 0 0 ??? ? ? ? ? ? ? ??? 1000 600 500 400 ??? ? ? ? ? ? ? ??? ns ????????????????????????????????? dc electrical characteristics (voltages referenced to gnd) ???? ???? sbl ????????? ????????? p ????????? ????????? t c di i ???? ???? v ????????? ????????? guaranteed limit ??? ??? ui ???? ? ?? ? ???? symbol ????????? ? ??????? ? ????????? parameter ????????? ? ??????? ? ????????? test conditions ???? ? ?? ? ???? v cc v ??? ? ?? ??? 55 to 25  c ???? ? ?? ? ????  85  c ???? ? ?? ? ????  125  c ??? ? ? ? ??? unit ???? ? ?? ? ? ?? ? ???? v ih ????????? ? ??????? ? ? ??????? ? ????????? minimum highlevel input voltage ????????? ? ??????? ? ? ??????? ? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ??? ? ?? ? ?? ??? 1.5 2.1 3.15 4.2 ???? ? ?? ? ? ?? ? ???? 1.5 2.1 3.15 4.2 ???? ? ?? ? ? ?? ? ???? 1.5 2.1 3.15 4.2 ??? ? ? ? ? ? ? ??? v ???? ? ?? ? ? ?? ? ???? v il ????????? ? ??????? ? ? ??????? ? ????????? maximum lowlevel input voltage ????????? ? ??????? ? ? ??????? ? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ??? ? ?? ? ?? ??? 0.5 0.9 1.35 1.8 ???? ? ?? ? ? ?? ? ???? 0.5 0.9 1.35 1.8 ???? ? ?? ? ? ?? ? ???? 0.5 0.9 1.35 1.8 ??? ? ? ? ? ? ? ??? v ???? ? ?? ? ???? v oh ????????? ? ??????? ? ????????? minimum highlevel output voltage ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  20 m a ???? ? ?? ? ???? 2.0 4.5 6.0 ??? ? ?? ??? 1.9 4.4 5.9 ???? ? ?? ? ???? 1.9 4.4 5.9 ???? ? ?? ? ???? 1.9 4.4 5.9 ??? ? ? ? ??? v ???? ? ?? ? ???? ????????? ? ??????? ? ????????? ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  2.4 ma |i out |  4.0 ma |i out |  5.2 ma ???? ? ?? ? ???? 3.0 4.5 6.0 ??? ? ?? ??? 2.48 3.98 5.48 ???? ? ?? ? ???? 2.34 3.84 5.34 ???? ? ?? ? ???? 2.20 3.70 5.20 ??? ? ? ? ??? this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74hc11a highspeed cmos logic data dl129 e rev 6 3 motorola ????????????????????????????????? ????????????????????????????????? dc electrical characteristics (voltages referenced to gnd) ??? ??? unit ????????? ????????? guaranteed limit ???? ???? v cc v ????????? ????????? test conditions ????????? ????????? parameter ???? ???? symbol ??? ??? ??? unit ???? ???? ????  125  c ???? ???? ????  85  c ??? ??? ??? 55 to 25  c ???? ???? ???? v cc v ????????? ????????? ????????? test conditions ????????? ????????? ????????? parameter ???? ???? ???? symbol ???? ? ?? ? ???? v ol ????????? ? ??????? ? ????????? maximum lowlevel output voltage ????????? ? ??????? ? ????????? v in = v ih |i out |  20 m a ???? ? ?? ? ???? 2.0 4.5 6.0 ??? ? ?? ??? 0.1 0.1 0.1 ???? ? ?? ? ???? 0.1 0.1 0.1 ???? ? ?? ? ???? 0.1 0.1 0.1 ??? ? ? ? ??? v ???? ? ?? ? ???? ????????? ? ??????? ? ????????? ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  2.4 ma |i out |  4.0 ma |i out |  5.2 ma ???? ? ?? ? ???? 3.0 4.5 6.0 ??? ? ?? ??? 0.26 0.26 0.26 ???? ? ?? ? ???? 0.33 0.33 0.33 ???? ? ?? ? ???? 0.40 0.40 0.40 ??? ? ? ? ??? ???? ???? i in ????????? ????????? maximum input leakage current ????????? ????????? v in = v cc or gnd ???? ???? 6.0 ??? ??? 0.1 ???? ???? 1.0 ???? ???? 1.0 ??? ??? m a ???? ? ?? ? ???? i cc ????????? ? ??????? ? ????????? maximum quiescent supply current (per package) ????????? ? ??????? ? ????????? v in = v cc or gnd i out = 0 m a ???? ? ?? ? ???? 6.0 ??? ? ?? ??? 1 ???? ? ?? ? ???? 10 ???? ? ?? ? ???? 40 ??? ? ? ? ??? m a note: information on typical parametric values can be found in chapter 2 of the motorola hi ghspeed cmos data book (dl129/d). ????????????????????????????????? ????????????????????????????????? ac electrical characteristics (c l = 50 pf, input t r = t f = 6 ns) ???? ???? sbl ????????????????? ????????????????? p ???? ???? v ????????? ????????? guaranteed limit ??? ??? ui ???? ? ?? ? ???? symbol ????????????????? ? ??????????????? ? ????????????????? parameter ???? ? ?? ? ???? v cc v ??? ? ?? ??? 55 to 25  c ???? ? ?? ? ????  85  c ???? ? ?? ? ????  125  c ??? ? ? ? ??? unit ???? ? ?? ? ? ?? ? ???? t plh , t phl ????????????????? ? ??????????????? ? ? ??????????????? ? ????????????????? maximum propagation delay, input a, b, or c to output y (figures 1 and 2) ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ??? ? ?? ? ?? ??? 95 45 19 16 ???? ? ?? ? ? ?? ? ???? 120 60 24 20 ???? ? ?? ? ? ?? ? ???? 145 75 29 25 ??? ? ? ? ? ? ? ??? ns ???? ? ?? ? ? ?? ? ???? t tlh , t thl ????????????????? ? ??????????????? ? ? ??????????????? ? ????????????????? maximum output transition time, any output (figures 1 and 2) ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ??? ? ?? ? ?? ??? 75 30 15 13 ???? ? ?? ? ? ?? ? ???? 95 40 19 16 ???? ? ?? ? ? ?? ? ???? 110 55 22 19 ??? ? ? ? ? ? ? ??? ns ???? ???? c in ????????????????? ????????????????? maximum input capacitance ???? ???? e ??? ??? 10 ???? ???? 10 ???? ???? 10 ??? ??? pf notes: 1. for propagation delays with loads other than 50 pf, see chapter 2 of the motorola hi ghspeed cmos data book (dl129/d). 2. information on typical parametric values can be found in chapter 2 of the motorola hi ghspeed cmos data book (dl129/d). c pdiiici (pg)* typical @ 25 c, v cc = 5.0 v f c pd power dissipation capacitance (per gate)* 27 pf * used to determine the noload dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d). expanded logic diagram (1/3 of the device) figure 1. switching waveforms t r v cc gnd 90% 50% 10% 90% 50% 10% input a, b, or c output y t plh t phl t tlh t thl t f a b c y * includes all probe and jig capacitance c l * test point device under test output figure 2. test circuit
mc74hc11a motorola highspeed cmos logic data dl129 e rev 6 4 outline dimensions n suffix plastic dip package case 64606 issue l notes: 1. leads within 0.13 (0.005) radius of true position at seating plane at maximum material condition. 2. dimension l to center of leads when formed parallel. 3. dimension b does not include mold flash. 4. rounded corners optional. 17 14 8 b a f hg d k c n l j m seating plane dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l 0.300 bsc 7.62 bsc m 0 10 0 10 n 0.015 0.039 0.39 1.01  d suffix plastic soic package case 751a03 issue f min min max max millimeters inches dim a b c d f g j k m p r 8.55 3.80 1.35 0.35 0.40 0.19 0.10 0 5.80 0.25 8.75 4.00 1.75 0.49 1.25 0.25 0.25 7 6.20 0.50 0.337 0.150 0.054 0.014 0.016 0.008 0.004 0 0.228 0.010 0.344 0.157 0.068 0.019 0.049 0.009 0.009 7 0.244 0.019 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b p 7 pl g c k seating plane d 14 pl m j r x 45 1 7 8 14 0.25 (0.010) t b a m s s b 0.25 (0.010) m m f
mc74hc11a highspeed cmos logic data dl129 e rev 6 5 motorola outline dimensions dt suffix plastic tssop package case 948g01 issue o dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane w.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l u seating plane 0.10 (0.004) t ??? ??? section nn detail e j j1 k k1 detail e f m w 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t v 14x ref k n n motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. mc74hc11a/d ? mfax is a trademark of motorola, inc. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.: spd, strategic planning office, 141, p.o. box 5405, denver, colorado 80217. 13036752140 or 18004412447 4321 nishigotanda, shagawaku, tokyo, japan. 0354878488 customer focus center: 18005216274 mfax ? : rmfax0@email.sps.mot.com touchtone 1 6022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, motorola fax back system us & canada only 18007741848 51 ting kok road, tai po, n.t., hong kong. 85226629298 http://sps.motorola.com/mfax/ home page : http://motorola.com/sps/


▲Up To Search▲   

 
Price & Availability of MC74HC11AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X