Part Number Hot Search : 
K100305 T518A HPM24AX 5248B HPLW212 04NT4G 00511 HPLW112
Product Description
Full Text Search
 

To Download MC10EP29MNTXG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 june, 2009 ? rev. 8 1 publication order number: mc10ep29/d mc10ep29, mc100ep29 3.3v / 5v?ecl dual differential data and clock d flip-flop with set and reset description the mc10/100ep29 is a dual master ? slave flip ? flop. the device features fully differential data and clock inputs as well as outputs. the mc10/100ep29 is functionally equivalent to the mc10/100el29. data enters the master latch when the clock is low and transfers to the slave upon a positive transition on the clock input. the differential inputs have special circuitry which ensures device stability under open input conditions. when both differential inputs are left open the d input will pull down to v ee and the d input will bias around v cc /2. the outputs will go to a defined state, however the state will be random based on how the flip flop powers up. both flip flops feature asynchronous, overriding set and reset inputs. note that the set and reset inputs cannot both be high simultaneously. the v bb pin, an internally generated voltage supply, is available to this device only. for single-ended input conditions, the unused differential input is connected to v bb as a switching reference voltage. v bb may also rebias ac coupled inputs. when used, decouple v bb and v cc via a 0.01  f capacitor and limit current sourcing or sinking to 0.5 ma. when not used, v bb should be left open. the 100 series contains temperature compensation. features ? maximum frequency > 3 ghz typical ? 500 ps typical propagation delays ? pecl mode operating range: v cc = 3.0 v to 5.5 v with v ee = 0 v ? necl mode operating range: v cc = 0 v with v ee = ? 3.0 v to ? 5.5 v ? open input default state ? safety clamp on inputs ? these are pb ? free devices marking diagram* tssop ? 20 dt suffix case 948e xxxx = mc10 or 100 a = assembly location l = wafer lot y = year w = work week  = pb ? free package *for additional marking information, refer to application note and8002/d. http://onsemi.com (note: microdot may be in either location) see detailed ordering and shipping information in the package dimensions section on p age 8 of this data sheet. ordering information xxxx ep29 alyw   1 20 qfn ? 20 mn suffix case 485e xxxx ep29 alyw  
mc10ep29, mc100ep29 http://onsemi.com 2 v bb figure 1. 20 ? lead pinout (top view) and logic diagram clk0 d1 clk1 17 18 16 15 14 13 12 4 35678 9 q0 11 10 q0 s0 s1 v cc q1 q1 v ee d0 19 20 2 1 r0 v cc clk0 d1 d0 clk1 r1 clk d s r q q clk d r s q q warning: all v cc and v ee pins must be externally connected to power supply to guarantee proper operation. 1 2 3 4 5 15 14 13 12 11 678910 20 19 18 17 16 figure 1. qfn ? 20 pinout (top view) s0 q0 q0 d0 r0 v cc q1 q1 r1 s1 v ee clk0 clk0 clk1 d0 v bb clk1 d1 d1 v cc exposed pad note: the exposed pad (ep) on package bottom must be attached to a heat ? sinking conduit. the exposed pad may only be electrically connected to v ee . mc10/100ep29 table 1. pin description pin function d0*, d0 *; d1*, d1 * ecl differential data inputs r0*, r1* ecl reset inputs clk0*, clk0 * ecl differential clock inputs clk1*, clk1 * ecl differential clock inputs s0* s1* ecl set inputs q0, q0 ; q1, q1 ecl differential data outputs v bb reference voltage output v cc positive supply v ee negative supply ep exposed pad *pins will default low when left open. table 2. truth table r s d clk q q l l l z l h l l h z h l h l x x l h l h x x h l h h x x undef undef z = low to high transition x = don?t care
mc10ep29, mc100ep29 http://onsemi.com 3 table 3. attributes characteristics value internal input pulldown resistor 75 k  internal input pullup resistor n/a esd protection human body model machine model charged device model > 2 kv > 100 v > 2 kv moisture sensitivity, indefinite time out of drypack (note 1) pb pkg pb ? free pkg tssop ? 20 qfn ? 20 level 1 n/a level 3 level 1 flammability rating oxygen index: 28 to 34 ul 94 v ? 0 @ 0.125 in transistor count 383 devices meets or exceeds jedec spec eia/jesd78 ic latchup test 1. for additional information, see application note and8003/d. table 4. maximum ratings symbol parameter condition 1 condition 2 rating unit v cc pecl mode power supply v ee = 0 v 6 v v ee necl mode power supply v cc = 0 v ? 6 v v i pecl mode input voltage necl mode input voltage v ee = 0 v v cc = 0 v v i  v cc v i  v ee 6 ? 6 v v i out output current continuous surge 50 100 ma ma i bb v bb sink/source 0.5 ma t a operating temperature range ? 40 to +85 c t stg storage temperature range ? 65 to +150 c  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm 20 tssop 20 tssop 140 100 c/w c/w  jc thermal resistance (junction ? to ? case) standard board 20 tssop 23 to 41 c/w  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm qfn ? 20 qfn ? 20 47 33 c/w c/w  jc thermal resistance (junction ? to ? case) standard board qfn ? 20 18 c/w t sol wave solder pb pb ? free 265 265 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability.
mc10ep29, mc100ep29 http://onsemi.com 4 table 5. 10ep dc characteristics, pecl v cc = 3.3 v, v ee = 0 v (note 2) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 3) 2165 2290 2415 2230 2355 2480 2290 2415 2540 mv v ol output low voltage (note 3) 1365 1490 1615 1430 1555 1680 1490 1615 1740 mv v ih input high voltage (single ? ended) 2090 2415 2155 2480 2215 2540 mv v il input low voltage (single ? ended) 1365 1690 1460 1755 1490 1815 mv v bb output voltage reference 1790 1890 1990 1855 1955 2055 1915 2015 2115 mv v ihcmr input high voltage common mode range (differential configuration) (note 4) 2.0 3.3 2.0 3.3 2.0 3.3 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. input and output parameters vary 1:1 with v cc . v ee can vary +0.3 v to ? 2.2 v. 3. all loading with 50  to v cc ? 2.0 v. 4. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. table 6. 10ep dc characteristics, pecl v cc = 5.0 v, v ee = 0 v (note 5) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 6) 3865 3990 4115 3930 4055 4180 3990 4115 4240 mv v ol output low voltage (note 6) 3065 3190 3315 3130 3255 3380 3190 3315 3440 mv v ih input high voltage (single ? ended) 3790 4115 3855 4180 3915 4240 mv v il input low voltage (single ? ended) 3065 3390 3130 3455 3190 3515 mv v bb output voltage reference 3490 3590 3690 3555 3655 3755 3615 3715 3815 mv v ihcmr input high voltage common mode range (differential configuration) (note 7) 2.0 5.0 2.0 5.0 2.0 5.0 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. input and output parameters vary 1:1 with v cc . v ee can vary +2.0 v to ? 0.5 v. 6. all loading with 50  to v cc ? 2.0 v. 7. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal.
mc10ep29, mc100ep29 http://onsemi.com 5 table 7. 10ep dc characteristics, necl v cc = 0 v; v ee = ? 5.5 v to ? 3.0 v (note 8) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 35 46 55 37 48 57 40 49 60 ma voh output high voltage (note 9) ? 1135 ? 1010 ? 885 ? 1070 ? 945 ? 820 ? 1010 ? 885 ? 760 mv v ol output low voltage (note 9) ? 1935 ? 1810 ? 1685 ? 1870 ? 1745 ? 1620 ? 1810 ? 1685 ? 1560 mv v ih input high voltage (single ? ended) ? 1210 ? 885 ? 1145 ? 820 ? 1085 ? 760 mv v il input low voltage (single ? ended) ? 1935 ? 1610 ? 1870 ? 1545 ? 1810 ? 1485 mv v bb output voltage reference ? 1510 ? 1410 ? 1310 ? 1445 ? 1345 ? 1245 ? 1385 ? 1285 ? 1185 mv v ihcmr input high voltage common mode range (differential configuration) (note 10) v ee + 2.0 0.0 v ee + 2.0 0.0 v ee + 2.0 0.0 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 8. input and output parameters vary 1:1 with v cc . 9. all loading with 50  to v cc ? 2.0 v. 10. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. table 8. 100ep dc characteristics, pecl v cc = 3.3 v, v ee = 0 v (note 11) symbol characteristic ? 40 c 25 c 85 c unit min typ max min typ max min typ max i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 12) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mv v ol output low voltage (note 12) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mv v ih input high voltage (single ? ended) 2075 2420 2075 2420 2075 2420 mv v il input low voltage (single ? ended) 1355 1675 1355 1675 1355 1675 mv v bb output voltage reference 1775 1875 1975 1775 1875 1975 1775 1875 1975 mv v ihcmr input high voltage common mode range (differential configuration) (note 13) 2.0 3.3 2.0 3.3 2.0 3.3 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 11. input and output parameters vary 1:1 with v cc . v ee can vary +0.3 v to ? 2.2 v. 12. all loading with 50  to v cc ? 2.0 v. 13. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal.
mc10ep29, mc100ep29 http://onsemi.com 6 table 9. 100ep dc characteristics, pecl v cc = 5.0 v, v ee = 0 v (note 14) symbol characteristic ? 40 c 25 c 85 c unit min typ max min typ max min typ max i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 15) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mv v ol output low voltage (note 15) 3055 3180 3305 3055 3180 3305 3055 3180 3305 mv v ih input high voltage (single ? ended) 3775 4120 3775 4120 3775 4120 mv v il input low voltage (single ? ended) 3055 3375 3055 3375 3055 3375 mv v bb output voltage reference 3475 3575 3675 3475 3575 3675 3475 3575 3675 mv v ihcmr input high voltage common mode range (differential configuration) (note 16) 2.0 5.0 2.0 5.0 2.0 5.0 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 14. input and output parameters vary 1:1 with v cc . v ee can vary +2.0 v to ? 0.5 v. 15. all loading with 50  to v cc ? 2.0 v. 16. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. table 10. 100ep dc characteristics, necl v cc = 0 v; v ee = ? 5.5 v to ? 3.0 v (note 17) symbol characteristic ? 40 c 25 c 85 c unit min typ max min typ max min typ max i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 18) ? 1145 ? 1020 ? 895 ? 1145 ? 1020 ? 895 ? 1145 ? 1020 ? 895 mv v ol output low voltage (note 18) ? 1945 ? 1820 ? 1695 ? 1945 ? 1820 ? 1695 ? 1945 ? 1820 ? 1695 mv v ih input high voltage (single ? ended) ? 1225 ? 880 ? 1225 ? 880 ? 1225 ? 880 mv v il input low voltage (single ? ended) ? 1945 ? 1625 ? 1945 ? 1625 ? 1945 ? 1625 mv v bb output voltage reference ? 1525 ? 1425 ? 1325 ? 1525 ? 1425 ? 1325 ? 1525 ? 1425 ? 1325 mv v ihcmr input high voltage common mode range (differential configuration) (note 19) v ee + 2.0 0.0 v ee + 2.0 0.0 v ee + 2.0 0.0 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 17. input and output parameters vary 1:1 with v cc . 18. all loading with 50  to v cc ? 2.0 v. 19. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal.
mc10ep29, mc100ep29 http://onsemi.com 7 table 11. ac characteristics v cc = 0 v; v ee = ? 3.0 v to ? 5.5 v or v cc = 3.0 v to 5.5 v; v ee = 0 v (note 20) symbol characteristic ? 40 c 25 c 85 c unit min typ max min typ max min typ max f max maximum frequency (see figure 2 f max /jitter) > 3.0 > 3.0 > 3.0 ghz t plh , t phl propagation delay to clk output differential s r 300 275 300 380 380 400 450 475 500 350 300 325 420 400 420 500 500 525 400 350 375 470 450 470 550 550 575 ps t s t h setup time hold time 100 100 20 20 100 100 20 20 100 100 20 20 ps t rr /t rr2 set/reset recovery 150 80 150 80 150 80 ps t pw minimum pulse width set, reset 500 300 500 300 500 300 ps t jitter cycle ? to ? cycle jitter (see figure 2 f max /jitter) .2 < 1 .2 < 1 .2 < 1 ps v pp input voltage swing (note 21) 150 800 1200 150 800 1200 150 800 1200 mv t r t f output rise/fall times q, q (20% ? 80%) 100 180 250 150 210 300 175 230 325 ps note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 20. measured using a 750 mv source, 50% duty cycle clock source. all loading with 50  to v cc ? 2.0 v. 21. v pp (min) is the minimum input swing for which ac parameters are guaranteed. 0 100 200 300 400 500 600 700 800 900 0 1000 2000 3000 4000 5000 figure 2. f max /jitter frequency (mhz) 1 2 3 4 5 6 7 8 9
mc10ep29, mc100ep29 http://onsemi.com 8 figure 3. typical termination for output driver and device evaluation (see application note and8020/d ? termination of ecl logic devices.) driver device receiver device qd q d z o = 50  z o = 50  50  50  v tt v tt = v cc ? 2.0 v ordering information device package shipping ? mc10ep29dt tssop ? 20 75 units / rail mc10ep29dtg tssop ? 20 (pb ? free) 75 units / rail mc10ep29dtr2 tssop ? 20 2500 / tape & reel mc10ep29dtr2g tssop ? 20 (pb ? free) 2500 / tape & reel mc10ep29mng qfn ? 20 (pb ? free) 92 units / rail MC10EP29MNTXG qfn ? 20 (pb ? free) 3000 / tape & reel mc100ep29dt tssop ? 20 75 units / rail mc100ep29dtg tssop ? 20 (pb ? free) 75 units / rail mc100ep29dtr2 tssop ? 20 2500 / tape & reel mc100ep29dtr2g tssop ? 20 (pb ? free) 2500 / tape & reel mc100ep29mng qfn ? 20 (pb ? free) 92 units / rail mc100ep29mntxg qfn ? 20 (pb ? free) 3000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. resource reference of application notes an1405/d ? ecl clock distribution techniques an1406/d ? designing with pecl (ecl at +5.0 v) an1503/d ? eclinps  i/o spice modeling kit an1504/d ? metastability and the eclinps family an1568/d ? interfacing between lvds and ecl an1672/d ? the ecl translator guide and8001/d ? odd number counters design and8002/d ? marking and date codes and8020/d ? termination of ecl logic devices and8066/d ? interfacing with eclinps and8090/d ? ac characteristics of ecl devices
mc10ep29, mc100ep29 http://onsemi.com 9 package dimensions tssop ? 20 case 948e ? 02 issue c dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? . 110 11 20 pin 1 ident a b ? t ? 0.100 (0.004) c d g h section n ? n k k1 jj1 n n m f ? w ? seating plane ? v ? ? u ? s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 --- --- s u 0.15 (0.006) t 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc10ep29, mc100ep29 http://onsemi.com 10 package dimensions x m 0.10 (0.004) t dim min max min max inches millimeters a 4.00 bsc 0.157 bsc b 4.00 bsc 0.157 bsc c 0.80 1.00 0.031 0.039 d 0.23 0.35 0.009 0.014 g 0.50 bsc 0.020 bsc h 1.38 1.43 0.054 0.056 j 0.20 ref 0.008 ref k 0.00 0.05 0.000 0.002 l 0.35 0.45 0.014 0.018 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters. 3. dimension d applies to plated terminal and is measured between 0.25 and 0.30 mm from terminal. 4. coplanarity applies to the exposed pad as well as the terminals. ? t ? ? x ? note 3 seating plane l a m ? y ? b n 0.25 (0.010) t 0.25 (0.010) t j c k r 0.08 (0.003) t e h f p d y 1 5 6 15 11 20 16 e 2.75 2.85 0.108 0.112 f 2.75 2.85 0.108 0.112 m 2.00 bsc 0.079 bsc n 2.00 bsc 0.079 bsc p 1.38 1.43 0.054 0.056 r 0.60 0.80 0.024 0.031 g 10 qfn ? 20 case 485e ? 01 issue o on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc10ep29/d eclinps is a trademark of semiconductor components industries, llc (scillc). literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC10EP29MNTXG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X