Part Number Hot Search : 
2NI136B HA13159 RL255GP MC68HC9 092316 R2000F C3356 TI202F
Product Description
Full Text Search
 

To Download LA1S109D-4D4LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?lan - mate? series single rj45 connector m odule with integrated 1000 base-t magnetics and leds p/n:la1s109d- 4d4 lf page : 1 /2 a 1(0 8 / 03 ) feature l rj -45 needs to be matched fcc standard l isolation @ 60hz : input to output:1500vrms. l comply with rohs requirements- whole part no cd, no hg, no cr6+, no pbb and pbde and no pb on external pins. l operating temperature range: 0 j to +70j . l storage temperature range: -25j to +85j. l recommended panel part number standard led forward*v(max) (typ) 4 green 2.6v 2.1v d4 green & orange 2.6v 2.2v *with a forward current of 20ma electrical specifications @ 25c turns ratio (5%) cross talk (db min) part number tx rx ocl (uh min) @ 100khz/0.1v with 8ma dc bias 0.3 -30mhz 30-60mhz 60-100mhz hi -pot (vrms) la1s109d- 4d4 lf 1ct:1ct 1ct:1ct 350 -40 -35 -30 1500 continue insertion loss (db max) return loss (db min) @ load 100[ cmr (db min) part number 1? 100mhz 1-30mhz 30-40mhz 40-50mhz 50-80mhz 1-30mhz 30-60mhz 60-125mhz la1s109d- 4d4 lf -1.0 -16 -13.5 -11.5 -10 -30 -25 -20 schematic bothhand usa email:sales@bothhandusa.com tel: 978-887-8050 462 boston st, topsfield, ma 01983 http://www.bothhandusa.com email:sales@bothhandusa.com tel: 978-887-8050 fax: 978-887-5434
?lan - mate? series single rj45 connector m odule with integrated 1000 base-t magnetics and leds p/n:la1s109d- 4d4 lf page : 2 /2 a 1(0 8 / 03 ) mechanical 1. plastic material : thermoplastic (ul 94v -0), black housing 2. metal shield : brass, 20u" inches thick nickel 3. spring wire : phosphor bronze with selective gold plating 4. solder pin : 0.4x0.4mm, phosphor bronze with solder plated 5. durability : 750 mating cycles min. pcb layout mounting hole(top view) bothhand usa email:sales@bothhandusa.com tel: 978-887-8050 462 boston st, topsfield, ma 01983 http://www.bothhandusa.com email:sales@bothhandusa.com tel: 978-887-8050 fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of LA1S109D-4D4LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X