Part Number Hot Search : 
P83CL410 30030 CY62136V AM2340NE 620NM TPC23M 0015800 D1215
Product Description
Full Text Search
 

To Download KTA1038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general purpose application. features  high breakdown voltage : v ceo =-100v.  low collector-emitter saturation voltage. : v ce(sat) =-2.0v(max.)  complementary to ktc2018. maximum rating (ta=25 1 ) dim millimeters 1. base 2. collector (heat sink) 3. emitter to-220ab 10.30 max 15.30 max 0.80 3.60 0.20 3.00 6.70 max 13.60 0.50 5.60 max 0.50 1.50 max 2.54 4.70 max 2.60 a b c d e f g h j k l m n o p a e mm 123 f b g h l c k j o n p d 1.37 max 1.50 max r s q c t q1.50 r 9.50 0.20 s 8.00 0.20 t 2.90 max + _ + _ + _ + _ 1998. 12. 31 1/2 semiconductor technical data KTA1038 epitaxial planar pnp transistor revision no : 1 electrical characteristics (ta=25 1 ) characteristic symbol rating unit collector-base voltage v cbo -100 v collector-emitter voltage v ceo -100 v emitter-base voltage v ebo -5 v collector current i c -5 a emitter current i e 5 a base current i b -0.5 a collector power dissipation (tc=25 1 ) p c 40 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-100v, i e =0 - - -100  a emitter cut-off current i ebo v eb =-5v, i c =0 - - -1.0 ma collector-emitter breakdown voltage v (br)ceo i c =-50ma, i b =0 -100 - - v emitter-basebreakdown voltage v (br)ebo i e =-10ma, i c =0 -5.0 - - v dc current gain h fe (1) (note) v ce =-5v, i c =-1a 70 - 240 h fe (2) v ce =-5v, i c =-4a 20 - - collector-emitter saturation voltage v ce(sat) i c =-4a, i b =-0.4a - - -2.0 v base-emitter voltage v be v ce =-5v, i c =-4a - - -1.5 v transition frequency f t v ce =-5v, i c =-1a - 30 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 90 - pf note : h fe (1) classification o:70  140 , y:120  240
KTA1038 revision no : 1 2001. 2/2 i - v cce ce collector-emitter voltage v (v) 0-1-2 c 0 collector current i (a) -1 safe operating area ce collector-emitter voltage v (v) -2 -0.1 c collector current i (a) 10 dc current gain h fe 500 -0.01 collector current i (a) c c fe h - i v - i ce(sat) c c collector current i (a) -0.01 -0.03 -0.03 ce(sat) collector-emitter saturation 10 collector power dissipation p (w) 0 c 25 0 ambient temperature ta ( c) pc - ta -3 -4 -5 -6 -7 -2 -3 -4 -5 common emitter tc =25 c i =-20ma b -50 -100 -150 -200 -250 0 50 75 100 125 150 20 30 40 50 tc =ta infinite heat sink -0.03 -0.1 -0.3 -1 -3 -10 30 50 100 300 common emitter v =-5v ce tc=75 c tc=25 c tc=-25 c voltage v (v) -0.1 -0.3 -1 -3 -10 -0.05 -0.1 -0.3 -0.5 -1 common emitter i /i =10 c b tc =75 c tc=25 c tc=-25 c -10 -30 -100 -300 -0.3 -0.5 -1 -3 -5 -10 single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature i max(pulsed) c i max (continuous) c 1ms 10ms 10 0ms 1s dc o pera t i o n (tc = 25 c) v max ceo -20 -2


▲Up To Search▲   

 
Price & Availability of KTA1038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X