Part Number Hot Search : 
MMBT8050 00095 704123 F0A531 4LC21 SB1050CT 0M000 C124GC
Product Description
Full Text Search
 

To Download KTA1036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general purpose application. features  low collector saturation voltage : v ce(sat) =-1.0v(max.) at i c =-2a, i b =-0.2a.  complementary to ktc2016. maximum rating (ta=25 1 ) dim millimeters 1. base 2. collector (heat sink) 3. emitter to-220ab 10.30 max 15.30 max 0.80 3.60 0.20 3.00 6.70 max 13.60 0.50 5.60 max 0.50 1.50 max 2.54 4.70 max 2.60 a b c d e f g h j k l m n o p a e mm 123 f b g h l c k j o n p d 1.37 max 1.50 max r s q c t q1.50 r 9.50 0.20 s 8.00 0.20 t 2.90 max + _ + _ + _ + _ 1999. 10. 20 1/2 semiconductor technical data KTA1036 epitaxial planar pnp transistor revision no : 3 electrical characteristics (ta=25 1 ) characteristic symbol rating unit collector-base voltage v cbo -60 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -7 v collector current i c -3 a base current i b -0.5 a collector power dissipation ta=25 1 p c 2.0 w tc=25 1 30 junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-60v, i e =0 - - -100  a emitter cut-off current i ebo v eb =-7v, i c =0 - - -100  a collector-emitter breakdown voltage v (br)ceo i c =-50ma, i b =0 -60 - - v dc current gain h fe (1) (note) v ce =-5v, i c =-0.5a 100 - 300 h fe (2) v ce =-5v, i c =-3a 20 - - collector-emitter saturation voltage v ce(sat) i c =-2a, i b =-0.2a - -0.5 -1.0 v base-emitter voltage v be v ce =-5v, i c =-0.5a - -0.7 -1.0 v transition frequency f t v ce =-5v, i c =-0.5a - 30 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 45 - pf switching time turn-on time t on - 0.4 -  s storage time t stg - 1.7 - fall time t f - 0.5 - note : h fe (1) classification y:100  200, gr:150  300 i b1 15 ? b1 i cc v =-30v i b2 i b2 20 sec -i =i =0.2a 1% b1 b2 output duty cycle input 0 < =
2/2 KTA1036 revision no : 3 1999. 10. 20 -0.02 ce(sat) collector current i (a) v - i collector-emitter saturation c -0.02 -0. 1 -0.3 -1 -3 1 i - v c ce ce collector-emitter voltage v (v) -1 -2 c 0 collector current i (a) -1 h - i fe c c collector current i (a) -0.02 fe dc current gain h 30 transient thermal resistance 1 th(t) 10 10 1 time t (sec) th(t) r - t collector current i (a) c -0.1 -5 -1 collector-emitter voltage v (v) ce safe operating area 10 collector power dissipation p (w) 0 c 150 50 0 ambient temperature ta ( c) pc - ta -3 -4 -5 -6 -2 -3 common emitter tc=25 c i =-10ma b -20 -30 -40 -50 -70 -80 0 -60 r ( c/w) -3 -2 10 10 -1 2 10 0.1 100 10 (1) without heat sink (2) infinite heat sink (1) ta=2 5 c (2) tc=25 c -0.1 -0.3 -1 -3 50 300 500 100 common emitter v =-5v ce tc=100 c tc=25 c tc=-25 c 100 200 20 30 40 tc=ta 1 infinite heat sink 300x300x2mm al heat sink 2 3 heat sink 200x200x2mm al 100x100x1mm al heat sink 4 5 heat sink 100x100x1mm fe 50x50x1mm al heat sink 6 7 heat sink 50x50x1mm fe no heat sink 8 1 2 3 4 5 6 7 8 c voltage v (v) ce(sat) -0.05 -0.1 -0.3 -0.5 -1 common emitter i /i =10 c b t c =10 0 c t c=25 c tc=-25 c -3 -10 -30 -50 -100 -0.3 -0.5 -1 -3 -5 -0.5 single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature i max(pulsed) c i max (continuous) c dc ope ration tc=25 c v (max) ceo 1m s 10ms 100ms 1s


▲Up To Search▲   

 
Price & Availability of KTA1036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X