Part Number Hot Search : 
N3811 TBC0303M TIP12 P89LP FC74N S3C7414 10100 SI4114DY
Product Description
Full Text Search
 

To Download IXLF19N250A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved 1 - 4 407 ixlf 19n250a ixys reserves the right to change limits, test conditions and dimensions. high voltage igbt in high voltage isoplus i4-pac tm features ? high voltage igbt - substitute for high voltage mosfets with significantly lower voltage drop and comparable switching speed - substitute for high voltage thyristors with voltage control of turn on & turn off - substitute for electromechanical trigger and discharge relays  isoplus i4-pac tm high voltage package - isolated back surface - enlarged creepage towards heatsink - enlarged creepage between high voltage pins - application friendly pinout - high reliability - industry standard outline - ul registered e 72873 applications  switched mode power supplies  dc-dc converters  resonant converters  laser generators, x ray generators  discharge circuits i c25 = 32 a v ces = 2500 v v ce(sat) = 3.2 v t f = 250 ns 5 1 2 1 5 2 igbt symbol conditions maximum ratings v ces t vj = 25c to 150c 2500 v v ges 20 v i c25 t c = 25c 32 a i c90 t c = 90c 19 a i cm v ge = 15 v; r g = 47 ? ; t vj = 125c 70 a v cek rbsoa, clamped inductive load; l = 100 h 1200 v p tot t c = 25c 250 w symbol conditions characteristic values (t vj = 25 c, unless otherwise specified) min. typ. max. v ce(sat) i c = 19 a; v ge = 15 v; t vj = 25c 3.2 3.9 v t vj = 125c 4.7 v v ge(th) i c = 1 ma; v ge = v ce 58v i ces v ce = v ces ; v ge = 0 v; t vj = 25c 0.15 ma t vj = 125c 0.2 ma i ges v ce = 0 v; v ge = 20 v 500 na t d(on) 100 ns t r 50 ns t d(off) 600 ns t f 250 ns e on 15 mj e off 30 mj c ies 2.28 nf c oes v ce = 25 v; v ge = 0 v; f = 1 mhz 103 pf c res 43 pf q gon v ce = 1500v; v ge = 15 v; i c = 19 a 142 nc r thjc 0.5 k/w inductive load, t vj = 125c v ce = 1500 v; i c = 19 a v ge = 15 v; r g = 47 ?
? 2004 ixys all rights reserved 2 - 4 ixlf 19n250a 407 dimensions in mm (1 mm = 0.0394") component symbol conditions maximum ratings t vj -55...+150 c t stg -55...+125 c v isol i isol 1 ma; 50/60 hz 2500 v~ f c mounting force w ith clip 20...120 n symbol conditions characteristic values min. typ. max. d s ,d a c pin - e pin 7.0 mm d s ,d a pin - backside metal 5.5 mm r thch with heatsink compound 0.15 k/w weight 9g
? 2004 ixys all rights reserved 3 - 4 407 ixlf 19n250a 0 10203040 10 100 1000 10000 0123456 0 20 40 60 80 012345 0 10 20 30 40 50 13 v 11 v t j = 125c 15 v 6 7 8 9 10 11 12 13 14 15 0 10 20 30 40 50 60 70 80 13 v 15 v 9 v 9 v v ce v a i c v ce a i c v v v v ge v ce i c pf capacitance t j = 25c v ge = 17 v 11 v a v ge = 17 v v ce = 20 v t j = 125c t j = 25c c oes c ies c res 0 50 100 150 0 5 10 15 20 nc q g v v ge v ce = 1500 v i c = 19 a t j = 25c 0 400 800 1200 1600 2000 2400 0 20 40 60 80 v ce i cm v a r g = 47 ? t j = 125c v cek < v ces f = 1 mhz fig. 1 typ. output characteristics fig. 2 typ. output characteristics fig. 3 typ. transfer characteristics fig. 4 capacitance curves fig. 5 typ. gate charge characteristics fig. 6 reverse biased safe operating area rbsoa
? 2004 ixys all rights reserved 4 - 4 ixlf 19n250a 407 0 10203040 0 10 20 30 40 50 0 40 80 120 160 200 0 10203040 0 10 20 30 40 50 60 0 200 400 600 800 1000 1200 0 50 100 150 200 250 0 10 20 30 40 0 500 1000 1500 2000 0 50 100 150 200 250 0 5 10 15 20 25 30 35 0 50 100 150 200 250 300 350 e on t d(on) t r e off t d(off) t f e on t d(on) t r e off t d(off) t f i c a i c a e off e on t t r g ? r g ? mj e on mj e off ns t ns t mj ns ns mj v ce = 1500 v v ge = 15 v r g = 47 ? t j = 125c v ce = 1500 v v ge = 15 v r g = 47 ? t j = 125c 0.001 0.01 0.1 1 10 0.01 0.1 1 t s k/w z thjc single pulse IXLF19N250A v ce = 1500 v v ge = 15 v i c = 19 a t j = 125c v ce = 1500 v v ge = 15 v i c = 19 a t j = 125c fig. 7 typ. turn on energy and switching fig. 8 typ. turn off energy and switching times versus collector current times versus collector current fig. 11 typ. transient thermal impedance fig. 9 typ. turn on energy and switching fig. 10 typ. turn off energy and switching times versus gate resistor times versus gate resistor


▲Up To Search▲   

 
Price & Availability of IXLF19N250A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X