Part Number Hot Search : 
24010 8160C C1455 K305C53 74HC174D LPC2109 U74HC123 M6GZ47
Product Description
Full Text Search
 

To Download HLS322-29GG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5 energy way, p.o. box 1019, west warwick, ri 02893 usa tel. 800-424-9850/401-823-5200 ?fax 401-823-8723 ?email info@advintcorp.com ?internet http://www.advintcorp.com open frame dual in-line sockets page 82 products shown covered by patents issued and/or pending. specifications subject to change without notice. inch/(mm ) features : multiple finger contact on all sockets assures maximum reliability. tapered entry for ease of insertion. closed bottom sleeve for 100% anti- wicking of solder. to fit .100 (2.54 mm) pitch. easily customized to fit your application. for surface mount applications use hls only. terminals and contacts: terminal: brass - copper alloy (c36000) astm-b-16 contact: beryllium copper - copper alloy (c17200) astm-b-194 solder preform: 63% tin, 37% lead plating: terminal: gold over nickel or tin-lead over nickel contact: gold over nickel or tin-lead over nickel gold per mil-g-45204 tin-lead per mil-p-81728 nickel per qq-n-290 standard & high temperature open frame dip sockets standard sockets ls - insulator material: glass filled thermoplastic polyester (p.b.t.) u.l. rated 94v-o, -60?c to 140?c (-76?f to 284?f) how to order ls 3 16 -01 t g body type standard open frame dip contact plating g - gold t - tin-lead terminal plating g - gold t - tin-lead terminal type see next page for terminal types. dip spacing 3 - .300" (7.62 mm) 4 - .400" (10.16 mm) 6 - .600" (15.24 mm) 9 - .900" (22.86 mm) number of pins (8 to 64) high temperature sockets hls - insulator material: high temp. glass filled thermoplastic u.l. rated 94v-o, -60?c to 260?c (-76?f to 500?f) how to order hls 3 16 -01 t g body type high temp. open frame dip contact plating g - gold t - tin-lead terminal plating g - gold t - tin-lead terminal type see next page for terminal types. dip spacing 3 - .300" (7.62 mm) 4 - .400" (10.16 mm) 6 - .600" (15.24 mm) 9 - .900" (22.86 mm) number of pins (8 to 64) cat15 5/22/01 9:42 am page 82
5 energy way, p.o. box 1019, west warwick, ri 02893 usa tel. 800-424-9850/401-823-5200 ?fax 401-823-8723 ?email info@advintcorp.com ?internet http://www.advintcorp.com inch/(mm ) products shown covered by patents issued and/or pending. specifications subject to change without notice. page 83 open frame dual in-line sockets standard & high temperature open frame dip sockets c a .050* (1.27) b terminal information type -150 .072 dia. (1.83) .165 (4.19) .125 (3.18) .020 dia. (.51) .072 dia. (1.83) .165 (4.19) .125 (3.18) .020 dia. (.51) solder preform type -151 .072 dia. (1.83) .020 dia. (.51) .110 (2.79) .130 (3.30) solder preform dimensional information # of pins abc .300 .400 .400 8 (7.62) (10.16) (10.16) .300 .400 .700 14 (7.62) (10.16) (17.78) .300 .400 .800 16 (7.62) (10.16) (20.32) .300 .400 .900 18 (7.62) (10.16) (22.86) .300 .400 1.000 20 (7.62) (10.16) (25.40) .300 .400 1.100 22 (7.62) (10.16) (27.94) .300 .400 1.200 24 (7.62) (10.16) (30.48) .300 .400 1.400 28 (7.62) (10.16) (35.56) .400 .500 1.100 22 (10.16) (12.70) (27.54) .400 .500 1.200 24 (10.16) (12.70) (30.48) .600 .700 1.200 24 (15.24) (17.78) (30.48) .600 .700 1.400 28 (15.24) (17.78) (35.56) .600 .700 1.600 32 (15.24) (17.78) (40.64) .600 .700 2.000 40 (15.24) (17.78) (50.80) .600 .700 2.400 48* (15.24) (17.78) (60.96) .900 1.000 3.200 64* (22.86) (25.40) (81.28) *socket body thickness is .100/(2.54) for 48 and 64 positions quick turn delivery available on standard terminal types. additional terminal types available. see terminal section for detailed terminal information. low profile solder tail type -01 .165 (4.19) .125 (3.18) .020 dia. (.51) low profile solder tail type -51 .130 (3.30) .110 (2.79) .020 dia. (.51) low profile solder tail type -29 .165 (4.19) .170 (4.32) .020 dia. (.51) super low profile type -04 .120 (3.05) .110 (2.79) .028 dia. (.71) low profile solder tail type -30 .165 (4.19) .275 (6.99) .020 dia. (.51) super low profile type -38 .120 (3.05) .140 (3.56) .028 dia. (.71) .095 (2.41) .095 (2.41) .028 dia. (.71) ultra low profile type -49 .083 (2.11) .082 (2.08) .025 dia. (.64) ultra low profile type -299 solder preform terminals available on hls body type surface mount type -237 hls only .052 dia. (1.32) .155 (3.94) see page 81 for complete details. dip cat15 5/22/01 9:42 am page 83
search by: keyword part number 1. enter any word or words that describe what your are looking for. 2. select search by: keyword. 3. click the search button. you will be presented with a list of products that match your criteria. click on the product name to get technical specs and access product- specific features such as data sheets in pdf format, our build-a-part online product configurator, related documents and more. for a quick product description and link to the product family page: 1. enter an exact part number (not case sensitive, but dashes must be included in the proper place, ex. mgsb357-636gg or 1ks068- 85tg). 2. select search by: part number. 3. click the search button. to find a local distributor or representative, please click on global sales directory.
4-digit part numbers for custom products and terminal part numbers are not included in the database. please contact customer service with your name and company contact information for product information and cad drawings for any products not listed. for detailed product information (data sheet, etc.), click on the product family link and use the description below to select the product-specific category from the next screen. to check if a cad drawing is available on-line, use the cad drawing lookup link in the bar at the bottom of the page. product family part no. description dip sockets & adapters ls324-48tg 24 pos. molded dip socket


▲Up To Search▲   

 
Price & Availability of HLS322-29GG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X