Part Number Hot Search : 
LUG01D 5R105 092316 HV2901 S6512 TA114T 74HCT 25C80
Product Description
Full Text Search
 

To Download FAN3121TMX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 fairchild semiconductor, all rights reserved high-speed, low-side gate drivers fairchilds offering the fan3000 series low-side gate drivers offer an unequaled combination of higher performance, smaller size, and more input options for driving n-channel power mosfets and igbts: ? industrys smallest packages (2 3 2 and 3 3 3mm mlp) ? choice of ttl or cmos input thresholds for all devices for best compatibility ? 2 inputs for each channel for design fexibility: either dual-input ( 1 and 2 logic), inverting and enable, or non-inverting and enable ? short and well-controlled time delays for 1mhz 1 switching, paralleling drivers, and optimizing drive timing to maximize effciency ? part of fairchilds total silicon solution for power supplies, backed by the global power resource?, a worldwide network of power supply design experts 40 different devices provide choices of 2a, 4a or 9a current ratings in single or dual-channel versions. in addition to the specifcations below, these drivers deliver fast switching and accurate timing to maximize effciency in high frequency power converter designs. ? millerdrive? architecture for the output stage, a bipolarCmosfet combination that provides the highest current during the miller plateau of the mosfet switching transition to minimize switching losses ? fail-safe inputs to hold the output low if an input signal is absent ? under-voltage lockout for predictable startup ? enable inputs which default to on if not connected ? industry-standard pin-outs ? thermal pads for heat removal (mlp packages) ? lead(pb)-free fnish specifcations for all* parameter value v dd to gnd, abs max 20v recommended v dd range 4.5v C 18v junction temperature, abs max 150c recommended ambient temperature C40c C 125c uvlo turn-on voltage 4v output propagation delay <20ns propagation matching between channels <2ns specifcations by current rating* typical applications ? switch-mode power supplies ? line drivers ? digital audio amplifers ? synchronous rectifer circuits ? dcCdc power converters ? any switching power mosfet or igbt * typical values unless noted, vdd = 12v, tj = C40c to 125c ** in development pwm in ? vdd vdd in ? vi n agnd gn d ou t in ? in ? agnd gn d ou t bia s f an310 0 fa n310 0 forward converter with hybrid synchronous rectifer parameter 2a 4a 9a** mid-voltage sink current/channel (amps) 2.5 4.3 9 mid-voltage source current/channel (amps) 1.7 2.8 6 peak sink current/channel (amps) 3 5 12 peak source current/channel (amps) 3 5 10 quiescent current, inputs disconnected (ma) 0.7 0.7 1.0 output rise/fall time (ns) for [load capacitance, nf] 13/9 [1] 12/9 [2.2] 20/18 [10] output reverse current withstand (ma) 500 500 1500
lit. no. 600523-001 high-speed, low-side gate drivers current rating is selected to achieve a desired switching time and switching loss for the total gate charge q g of the power switch. for each driver current rating, the table to the right shows the approximate minimum turn-on or turn- off time assuming no series gate-drive resistance (t sw,min =(q g /i rated ) x1.5, an empirical constant). input confguration single input plus enable ? inverting and enable ? non-inverting and enable ? enable defaults to high = on dual input ? inverting operation using in 2 (with in 1 held high) ? non-inverting operation using in 1 (with in 2 held low) ? other input can be enable in+ inC out 0 0 0 0 1 0 1 0 1 1 1 0 vdd in+ inC out gnd in vdd en out (or out) gnd input thresholds ttl (0.8v, 2.0v) ? for logic-level input signals, e.g., 3.3v or 5v ? for constant input thresholds as v dd varies ? most common choice cmos (~40% and 60% of v dd ) ? for noisy environments ? for ease of adding r-c time delays at driver input ? for input thresholds proportional to v dd package select for a maximum junction-to-lead thermal resistance of: r u jl, max = where: t j, max, op = maximum operating junction temperature 150c t l, max, op = maximum operating lead temperature maximum pcb temperature p pkg = average power dissipated in the package = v dd q g f sw minus the dissipation in the series gate resistance = i 2 g, rms r g (diffcult to estimate) f pcb = fraction of p pkg that fows into the pcb, e.g., 0.9 t j, max, op C t l, max, op p pkg f pcb channels current inputs per channel gnd pins package r u jl (c/w) part number (a) single 2a dual-input ( 1 and 2 ) 2 sot23-5 55 fan3100 x sx 2, 5 2x2mm mlp-6 3 fan3100 x mpx dual (b) 2a inverting and enable 3 soic-8 39 fan3226 x mx 3x3mm mlp-8 2 fan3226 x mpx non-inverting and enable soic-8 39 fan3227 x mx 3x3mm mlp-8 2 fan3227 x mpx dual-input ( 1 and 2 ) soic-8 39 fan3228 x mx 3x3mm mlp-8 2 fan3228 x mpx dual-input ( 1 an 8 soic-8 39 fan3229 x mx 3x3mm mlp-8 2 fan3229 x mpx dual 4a inverting and enable 3 soic-8 37 fan3223 x mx 3x3mm mlp-8 1 fan3223 x mpx non-inverting and enable soic-8 37 fan3224 x mx 3x3mm mlp-8 1 fan3224 x mpx dual-input ( 1 and 2 ) soic-8 37 fan3225 x mx 3x3mm mlp-8 1 fan3225 x mpx single 9a** inverting and enable 4, 5 soic-8 37 fan3121 x mx 3x3mm mlp-8 1 fan3121 x mpx non-inverting and enable soic-8 37 fan3122 x mx 3x3mm mlp-8 1 fan3122 x mpx (a) x = c or t for cmos or ttl input thresholds (b) channels may be paralleled to obtain a single 4a driver selection guide min. switching time (ns) q g for driver current rating (nc) 2a 4a 9a** 5 3.8 10 7.5 3.8 20 15 7.5 3.3 50 38 19 8.3 100 75 38 17 200 150 75 33 500 375 188 83 1000 750 375 167 12 10 8 6 4 2 0 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 v dd (v) input thresholds (v ) ttl input thresholds 12 10 8 6 4 2 0 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 v dd (v) input thresholds (v ) cmos input thresholds ** in development ** in development


▲Up To Search▲   

 
Price & Availability of FAN3121TMX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X