Part Number Hot Search : 
2SB922L 10SC10M BA20D3 C320A EMICO A1356 STW5098 54V6B1E2
Product Description
Full Text Search
 

To Download ECCM9JA20-1431818M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs eccm9ja20-14.31818m eccm9 j a 20 -14.31818m series rohs compliant (pb-free) 3.2mm x 5mm ceramic smd crystal frequency tolerance/stability 15ppm at 25c, 30ppm over -40c to +85c mode of operation at-cut fundamental nominal frequency 14.31818mhz load capacitance 20pf parallel resonant electrical specifications nominal frequency 14.31818mhz frequency tolerance/stability 15ppm at 25c, 30ppm over -40c to +85c aging at 25c 3ppm/year maximum load capacitance 20pf parallel resonant shunt capacitance (c0) 7pf maximum equivalent series resistance 70 ohms maximum mode of operation at-cut fundamental drive level 100watts maximum, 10watts correlation crystal cut at-cut spurious response >3db from fo to fo+5000ppm storage temperature range -40c to +125c insulation resistance 500 megaohms minimum at 100vdc environmental & mechanical specifications esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a mechanical dimensions (all dimensions in millimeters) pin connection 1 crystal 2 cover/ground 3 crystal 4 cover/ground line marking 1 e14.31 e=ecliptek 2 xxxxx xxxxx=ecliptek manufacturing identifier www.ecliptek.com | specification subject to change without notice | rev h 8/13/2010 | page 1 of 4 3 2 1 4 marking orient a tion 2 3 4 1 3.2 0.2 5.0 0.2 1.0 max 2.6 0.1 1.4 0.1 1.2 0.1 (x4) 0.9 0.1 (x4) note: chamf er not sho wn.
eccm9ja20-14.31818m 2.3 1.0 1.2 (x4) 1.5 (x4) www.ecliptek.com | specification subject to change without notice | rev h 8/13/2010 | page 2 of 4 all t oler ances are 0.1 sug g ested solder p ad la y out solder land (x4) all dimensions in millimeters
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods eccm9ja20-14.31818m high temperature infrared/convection ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev h 8/13/2010 | page 3 of 4
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods eccm9ja20-14.31818m low temperature infrared/convection 240c ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 60 - 120 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 240c maximum target peak temperature (tp target) 240c maximum 1 time / 230c maximum 2 times time within 5c of actual peak (tp) 10 seconds maximum 2 times / 80 seconds maximum 1 time ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev h 8/13/2010 | page 4 of 4


▲Up To Search▲   

 
Price & Availability of ECCM9JA20-1431818M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X