Part Number Hot Search : 
L1210 SE5532N LN233RPH M37451M8 LN233RPH SEL5755C 12500 2SD904
Product Description
Full Text Search
 

To Download E13C7C2F-127000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date ecliptek corp. oscillator e13c7 ceramic 3.3v os1m 01/10 e13c7 series oscillator e13c7 electrical specifications 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. ? crystal clock oscillators ? lvpecl output ? +3.3v supply voltage ? complementary output ? tri-state output function ? 6 pad ceramic smd package ? low stand-by current ? rohs compliant (pb-free) 0c to +70c, or -40c to +85c -55c to +125c 3.3v dc 5% 75ma maximum 100ma maximum 100ppm, 50ppm, 25ppm, or 20ppm maximum v cc -1.025v dc minimum v cc -1.085v dc minimum v cc -1.620v dc maximum v cc -1.555v dc maximum 300psec typical, 700psec maximum 50 5(%) 50 ohms into v cc -2.0v dc tri-state and complementary output enables output enables output disables output: high impedance 30a maximum 10 mseconds maximum 0.4psec typical, 1 psec maximum -60dbc/hz at 10hz offset -95dbc/hz at 100hz offset -125dbc/hz at 1khz offset -143dbc/hz at 10khz offset -145dbc/hz at 100khz offset -145dbc/hz at 1mhz offset -146dbc/hz at 10mhz offset nominal frequency (mhz) operating temperature range storage temperature range supply voltage (v cc ) input current frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time duty cycle load drive capability logic control / additional output tri-state input voltage standby current start up time rms phase jitter typical phase noise 77.76mhz to 159.999999mhz 160mhz to 312.5mhz inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, 1st year aging at 25c, shock, and vibration 0c to +85c -40c to 0c 0c to +85c -40c to 0c 20% to 80% of waveform at 50% of waveform v ih of 70% of v cc minimum no connection v il of 30% of v cc maximum without load fj = 12khz to 20mhz fo=156.250mhz h 2.0 l 7.0 w 5.0 77.76, 78.125, 80, 80.157, 85, 87.125, 90, 100, 106.25, 110, 119, 120, 122.888, 124.4, 125, 127, 128, 131.072, 133, 133.33, 133.333, 135, 137.472, 150, 155.52, 156.25, 159.375, 161.1328, 162.5, 163.84, 164.355, 164.355469, 166, 166.67, 167.3316, 170, 173.3705, 175, 176.83816, 187.5, 187.509375, 187.5103, 200, 212.5, 240, 250, or 312mhz
line 1: ecliptek line 2: xx.xxx m frequency in mhz (5 digits maximum + decimal) line 3: xx y zz week of year last digit of year ecliptek manufacturing identifier manufacturer category series package voltage class rev . date ecliptek corp. oscillator e13c7 ceramic 3.3v os1m 01/10 mechanical dimensions all dimensions in millimeters environmental/mechanical specifications marking specifications tape and reel dimensions all dimensions in millimeters suggested solder pad layout all dimensions in millimeters 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. e13c7 e 2 f - 155.520m tr part numbering guide available options blank=bulk tr=tape & reel frequency logic control/additional output f=tri-state and complementary output duty cycle 2=50 5(%) frequency tolerance & stability/ operating temperature range c=100ppm maximum over 0c to +70c d=50ppm maximum over 0c to +70c e=25ppm maximum over 0c to +70c (*) f=20ppm maximum over 0c to +70c (*) g=100ppm maximum over -40c to +85c h=50ppm maximum over -40c to +85c j=25ppm maximum over -40c to +85c (*) a b c d e f 16.3-.1 7.5.1 6.75.1 4 .1 2.1 f g h j k l 8.1 b0* 1.5 +.1-0 a0* .3 .05 k0* tape m n o p q 1.5 min 50 min 20.2 min 13.2 40 min r s t u v qty/reel 2.5 min 10 min 22.4 max 360 max 16.4+2-0 1,000 reel *compliant to eia 481a tolerances= +0.1 marking orientation 5.00 0.15 7.00 0.15 5.08 0.15 2.54 typ 1.2 0.2 2.60 0.15 1 2 3 4 5 6 1.4 0.1 2.00 max characteristic specification esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a pin 1: tri-state pin 2: no connect pin 3: case ground pin 4: output pin 5: complementary output pin 6: supply voltage (*) not available over nominal frequency range of 212.500001mhz to 312.500mhz


▲Up To Search▲   

 
Price & Availability of E13C7C2F-127000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X