df15005s-lfr thru df1510s-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 1.5a bridge rectifiers df15005s-lfr thru df1510s-lfr features z plastic material used carries underwriters laboratory recognition 94v-0 z glass passivated chip z ideal for printed circuit board z high temperature soldering guaranteed: 260c/10s at 5 lbs., (2.3kg) tension z rohs mechanical data z case: molded plastic, dfss, dimensions in inches and (millimeters) z terminals: lead solderable per mil-std-202, method 208 z polarity: polarity symbols marked on body z mounting position: any z weight: 0.38 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol df 15005s -lfr df 1501s -lfr df 1502s -lfr df 1504s -lfr df 1506s -lfr df 1508s -lfr df 1510s -lfr units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current at ta=40 c i o 1.5 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 50 a typical junction capacitance per element (note 1) c j 25 pf storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 150 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol df 15005s -lfr df 1501s -lfr df 1502s -lfr df 1504s -lfr df 1506s -lfr df 1508s -lfr df 1510s -lfr units maximum instantaneous forward voltage drop per element at io dc v f 1.1 v maximum reverse current t a =25 at rated dc blocking voltage per element t a =125 i r 10 0.5 a ma note: 1. measured at 1.0 mhz and applied reverse voltage of 4.0 volts 0.102(2.6) 0.080(2.2) 0.323(8.2) 0.315(8.0) 0.205(5.2) 0.197(5.0) 0.047(1.20) 0.037(0.95) 0.406(10.3) 0.394(10.0) 0.335(8.5) 0.307(7.8) 0.014(0.35) 0.008(0.20) 0.063(1.6) 0.055(1.4) 0.256(6.5) 0.244(6.2) 0.031(0.8) 0.024 ( 0.6 )
df15005s-lfr thru df1510s-lfr page: 2 rating and characteristics curves df15005s-lfr thru df1510s-lfr percent of rated peak reverse voltage (%) fig. 1 - derating curve for output rectified current 1.5 1.25 1.00 0.75 0.5 0.25 0 average forward output current amperes 20 40 60 80 100 120 140 150 ambient temperature, fig. 2 - maximum non-repetitive peak forward surge current per leg 60 50 40 30 20 10 0 peak forward surge current amperes 1 10 100 number cycles at 60h z t j =150 single sine -wave ( jedec method ) fig.3 - typical forward characteristics 10 1.0 0.1 .01 instantaneous forward current, amperes 0.4 0.6 0.8 1.0 1.2 1.4 instantaneous forward voltage, volts fig. 4 - typical reverse characteristics 100 10 1.0 0.1 0.01 instantaneous reverse current (ua) 0 20 40 60 80 100 120 140 t j =25 typical distribution t j =25 t j =125
|