Part Number Hot Search : 
SD1602E MOB36C UPD65000 CP2133 RGL1A AI329CA 62033 04365
Product Description
Full Text Search
 

To Download CY7C1992BV18-167BZXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18-mbit ddr-ii sio sram 2-word burst architecture cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 38-05623 rev. *d revised june 2, 2008 features 18-mbit density (2m x 8, 2m x 9, 1m x 18, 512k x 36) 300 mhz clock for high bandwidth 2-word burst for reducing address bus frequency double data rate (ddr) interfaces (data transferred at 600 mhz) at 300 mhz two input clocks (k and k ) for precise ddr timing ? sram uses rising edges only two input clocks for ou tput data (c and c ) to minimize clock skew and flight time mismatches echo clocks (cq and cq ) simplify data capture in high-speed systems synchronous internally self-timed writes 1.8v core power supply with hstl inputs and outputs variable drive hstl output buffers expanded hstl output voltage (1.4v?v dd ) available in 165-ball fbga package (13 x 15 x 1.4 mm) offered in both pb-free and non pb-free packages jtag 1149.1 compatib le test access port delay lock loop (dll) for accurate data placement configurations cy7c1392bv18 ? 2m x 8 cy7c1992bv18 ? 2m x 9 cy7c1393bv18 ? 1m x 18 cy7c1394bv18 ? 512k x 36 functional description the cy7c1392bv18, cy7c1992bv18, cy7c1393bv18, and cy7c1394bv18 are 1.8v synchronous pipelined srams, equipped with double data rate separate io (ddr-ii sio) architecture. the ddr-ii sio consists of two separate ports: the read port and the write port to access the memory array. the read port has data outputs to support read operations and the write port has data inputs to su pport write operations. the ddr-ii sio has separate data inputs and data outputs to completely eliminate the need to ?turn-aro und? the data bus required with common io devices. access to each port is accomplished through a common address bus. addresses for read and write are latched on alternate rising edges of the input (k) clock. write data is registered on the rising edges of both k and k . read data is driven on the rising edges of c and c if provided, or on the rising edge of k and k if c/c are not provided. each address location is associated with two 8-bit words in the case of cy7c1392bv18, two 9-bit words in the case of cy7c1992bv18, two 18-bit words in the case of cy7c1393bv18, and two 36-bit words in the case of cy7c1394bv18 that burst sequentia lly into or out of the device. asynchronous inputs include an output impedance matching input (zq). synchronous data outpu ts are tightly matched to the two output echo clocks cq/cq , eliminating the need to capture data separately from each individual ddr-ii sio sram in the system design. output data clocks (c/c ) enable maximum system clocking and data syn chronization flexibility. all synchronous inputs pass through input registers controlled by the k or k input clocks. all data outputs pass through output registers controlled by the c or c (or k or k in a single clock domain) input clocks. writes are conducte d with on-chip synchronous self-timed write circuitry. selection guide description 300 mhz 278 mhz 250 mhz 200 mhz 167 mhz unit maximum operating frequency 300 278 250 200 167 mhz maximum operating current x8 820 770 700 575 485 ma x9 825 775 700 575 490 x18 865 800 725 600 500 x36 935 850 770 630 540 [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 2 of 31 logic block diagram (cy7c1392bv18) logic block diagram (cy7c1992bv18) 1m x 8 array clk a (19:0) gen. k k control logic address register d [7:0] read add. decode read data reg. ld q [7:0] reg. reg. reg. 8 8 16 8 nws [1:0] v ref write add. decode write data reg 8 8 20 8 r/w ld r/w cq cq doff 1m x 8 array write data reg control logic c c 1m x 9 array clk a (19:0) gen. k k control logic address register d [8:0] read add. decode read data reg. ld q [8:0] reg. reg. reg. 9 18 9 bws [0] v ref write add. decode write data reg 9 9 20 9 r/w ld r/w cq cq doff 1m x 9 array write data reg control logic c c 9 [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 3 of 31 logic block diagram (cy7c1393bv18) logic block diagram (cy7c1394bv18) 512k x 18 array clk a (18:0) gen. k k control logic address register d [17:0] read add. decode read data reg. ld q [17:0] reg. reg. reg. 18 36 18 bws [1:0] v ref write add. decode write data reg 18 18 19 18 r/w ld r/w cq cq doff 512k x 18 array write data reg control logic c c 18 256k x 36 array clk a (17:0) gen. k k control logic address register d [35:0] read add. decode read data reg. ld q [35:0] reg. reg. reg. 36 72 36 bws [3:0] v ref write add. decode write data reg 36 36 18 36 r/w ld r/w cq cq doff 256k x 36 array write data reg control logic c c 36 [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 4 of 31 pin configuration the pin configuration for cy7c1392bv18, cy7c1992 bv18, cy7c1393bv18, and cy7c1394bv18 follows. [1] 165-ball fbga (13 x 15 x 1.4 mm) pinout cy7c1392bv18 (2m x 8) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/72m a r/w nws 1 k nc/144m ld a nc/36m cq b nc nc nc a nc/288m k nws 0 ancncq3 c nc nc nc v ss aaav ss nc nc d3 d nc d4 nc v ss v ss v ss v ss v ss nc nc nc e nc nc q4 v ddq v ss v ss v ss v ddq nc d2 q2 f nc nc nc v ddq v dd v ss v dd v ddq nc nc nc g nc d5 q5 v ddq v dd v ss v dd v ddq nc nc nc h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc nc v ddq v dd v ss v dd v ddq nc q1 d1 k nc nc nc v ddq v dd v ss v dd v ddq nc nc nc l nc q6 d6 v ddq v ss v ss v ss v ddq nc nc q0 m nc nc nc v ss v ss v ss v ss v ss nc nc d0 n nc d7 nc v ss aaav ss nc nc nc p nc nc q7 a a c a a nc nc nc r tdo tck a a a c aaatmstdi cy7c1992bv18 (2m x 9) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/72m a r/w nc k nc/144m ld a nc/36m cq b nc nc nc a nc/288m k bws 0 ancncq4 c nc nc nc v ss aaav ss nc nc d4 d nc d5 nc v ss v ss v ss v ss v ss nc nc nc e nc nc q5 v ddq v ss v ss v ss v ddq nc d3 q3 f nc nc nc v ddq v dd v ss v dd v ddq nc nc nc g nc d6 q6 v ddq v dd v ss v dd v ddq nc nc nc h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc nc v ddq v dd v ss v dd v ddq nc q2 d2 k nc nc nc v ddq v dd v ss v dd v ddq nc nc nc l nc q7 d7 v ddq v ss v ss v ss v ddq nc nc q1 m nc nc nc v ss v ss v ss v ss v ss nc nc d1 n nc d8 nc v ss aaav ss nc nc nc p nc nc q8 a a c a a nc d0 q0 r tdo tck a a a c aaatmstdi note 1. nc/36m, nc/72m, nc/144m, and nc/288m are not connected to the die and can be tied to any voltage level. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 5 of 31 cy7c1393bv18 (1m x 18) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/144m nc/36m r/w bws 1 k nc/288m ld a nc/72m cq b nc q9 d9 a nc k bws 0 ancncq8 c nc nc d10 v ss aaav ss nc q7 d8 d nc d11 q10 v ss v ss v ss v ss v ss nc nc d7 e nc nc q11 v ddq v ss v ss v ss v ddq nc d6 q6 f nc q12 d12 v ddq v dd v ss v dd v ddq nc nc q5 g nc d13 q13 v ddq v dd v ss v dd v ddq nc nc d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc d14 v ddq v dd v ss v dd v ddq nc q4 d4 k nc nc q14 v ddq v dd v ss v dd v ddq nc d3 q3 l nc q15 d15 v ddq v ss v ss v ss v ddq nc nc q2 m nc nc d16 v ss v ss v ss v ss v ss nc q1 d2 n nc d17 q16 v ss aaav ss nc nc d1 p nc nc q17 a a c a a nc d0 q0 r tdo tck a a a c aaatmstdi cy7c1394bv18 (512k x 36) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/288m nc/72m r/w bws 2 k bws 1 ld nc/36m nc/144m cq b q27 q18 d18 a bws 3 kbws 0 ad17q17q8 c d27 q28 d19 v ss aaav ss d16 q7 d8 d d28 d20 q19 v ss v ss v ss v ss v ss q16 d15 d7 e q29 d29 q20 v ddq v ss v ss v ss v ddq q15 d6 q6 f q30 q21 d21 v ddq v dd v ss v dd v ddq d14 q14 q5 g d30 d22 q22 v ddq v dd v ss v dd v ddq q13 d13 d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j d31 q31 d23 v ddq v dd v ss v dd v ddq d12 q4 d4 k q32 d32 q23 v ddq v dd v ss v dd v ddq q12 d3 q3 l q33 q24 d24 v ddq v ss v ss v ss v ddq d11 q11 q2 m d33 q34 d25 v ss v ss v ss v ss v ss d10 q1 d2 n d34 d26 q25 v ss aaav ss q10 d9 d1 p q35 d35 q26 a a c a a q9 d0 q0 r tdo tck a a a c aaatmstdi pin configuration (continued) the pin configuration for cy7c1392bv18, cy7c1992 bv18, cy7c1393bv18, and cy7c1394bv18 follows. [1] 165-ball fbga (13 x 15 x 1.4 mm) pinout [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 6 of 31 pin definitions pin name io pin description d [x:0] input- synchronous data input signals. sampled on the rising edge of k and k clocks during valid write operations. cy7c1392bv18 - d [7:0] cy7c1992bv18 - d [8:0] cy7c1393bv18 - d [17:0] cy7c1394bv18 - d [35:0] ld input- synchronous synchronous load . this input is brought low when a bus cycle sequence is defined. this definition includes address and read/write direction. all transact ions operate on a burst of 2 data (one clock period of bus activity). nws 0 , nws 1 nibble write select 0, 1 ? active low (cy7c1392bv18 only) . sampled on the rising edge of the k and k clocks during write operations. used to select which nibble is written into the device during the current portion of the write operations .nibbles not written remain unaltered. nws 0 controls d [3:0] and nws 1 controls d [7:4] . all nibble write selects are sampled on the same e dge as the data. deselecting a nibble write select ignores the corresponding nibble of data and it is not written into the device. bws 0 , bws 1 , bws 2 , bws 3 input- synchronous byte write select 0, 1, 2 and 3 ? active low . sampled on the rising edge of the k and k clocks during write operations. used to select which byte is written in to the device during the current portion of the write operations. bytes not written remain unaltered. cy7c1992bv18 ? bws 0 controls d [8:0] cy7c1393bv18 ? bws 0 controls d [8:0] , bws 1 controls d [17:9] . cy7c1394bv18 ? bws 0 controls d [8:0] , bws 1 controls d [17:9] ,bws 2 controls d [26:18] and bws 3 controls d [35:27]. all the byte write selects are sampled on the same edge as the data. deselecting a byte write select ignores the corresponding byte of data and it is not written into the device. a input- synchronous address inputs. sampled on the rising edge of the k clock du ring active read and write operations. these address inputs are multiplexed for both read and writ e operations. internally, the device is organized as 2m x 8 (2 arrays each of 1m x 8) for cy7c1392bv18, 2m x 9 (2 arrays each of 1m x 9) for cy7c1992bv18, 1m x 18 (2 arrays each of 512k x 18) for cy7c1393bv18 and 512k x 36 (2 arrays each of 256k x 36) for cy7c1394bv18. therefore, only 20 address inputs are needed to access the entire memory array of cy7c1392bv18 and cy7c1992bv18, 19 address inputs for cy7c1393bv18 and 18 address inputs for cy7c1394bv18. these inputs are ignored wh en the appropriate port is deselected. q [x:0] outputs- synchronous data output signals . these pins drive out the requested data during a read operation. valid data is driven out on the rising edge of both the c and c clocks during read operations, or k and k when in single clock mode. when the read port is deselected, q [x:0] are automatically tri-stated. cy7c1392bv18 ? q [7:0] cy7c1992bv18 ? q [8:0] cy7c1393bv18 ? q [17:0] cy7c1394bv18 ? q [35:0] r/w input- synchronous synchronous read/write input . when ld is low, this input designates the access type (read when r/w is high, write when r/w is low) for the loaded address. r/w must meet the setup and hold times around the edge of k. c input clock positive input clock for output data . c is used in conjunction with c to clock out the read data from the device. c and c can be used together to deskew the flight times of various devices on the board back to the controller. see application example on page 9 for further details. c input clock negative input clock for output data . c is used in conjunction with c to clock out the read data from the device. c and c can be used together to deskew the flight times of various devices on the board back to the controller. see application example on page 9 for further details. k input clock positive input clock input . the rising edge of k is used to capture synchronous inputs to the device and to drive out data through q [x:0] when in single clock mode. all accesses are initiated on the rising edge of k. k input clock negative input clock input . k is used to capture synchronous inputs being presented to the device and to drive out data through q [x:0] when in single clock mode. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 7 of 31 cq echo clock cq is referenced with respect to c . this is a free-running clock and is synchronized to the input clock for output data (c) of the ddr-ii. in the single clock mode, cq is generated with respect to k. the timings for the echo clocks is shown in the switching characteristics on page 23. cq echo clock cq is referenced with respect to c . this is a free-running clock and is synchronized to the input clock for output data (c ) of the ddr-ii. in the single clock mode, cq is generated with respect to k . the timings for the echo clocks is shown in the switching characteristics on page 23. zq input output impedance matching input . this input is used to tune the dev ice outputs to the system data bus impedance. cq, cq , and q [x:0] output impedance are set to 0.2 x rq, where rq is a resistor connected between zq and ground. alternatively, this pin can be connected directly to v ddq , which enables the minimum impedance mode. this pin cannot be connected directly to gnd or left unconnected. doff input dll turn off ? active low . connecting this pin to ground turns off the dll inside the device. the timing in the dll turned off operation differs from those listed in this data sheet. tdo output tdo for jtag . tck input tck pin for jtag . tdi input tdi pin for jtag . tms input tms pin for jtag . nc n/a not connected to the die . can be tied to any voltage level. nc/36m n/a not connected to the die . can be tied to any voltage level. nc/72m n/a not connected to the die . can be tied to any voltage level. nc/144m n/a not connected to the die . can be tied to any voltage level. nc/288m n/a not connected to the die . can be tied to any voltage level. v ref input- reference reference voltage input . static input used to set the reference level for hstl inputs, outputs, and ac measurement points. v dd power supply power supply inputs to the core of the device . v ss ground ground for the device . v ddq power supply power supply inputs for the outputs of the device . pin definitions (continued) pin name io pin description [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 8 of 31 functional overview the cy7c1392bv18, cy7c1992bv18, cy7c1393bv18, and cy7c1394bv18 are synchronous pipelined burst srams equipped with a ddr-ii separate io interface. accesses are initiated on the ri sing edge of the positive input clock (k). all synchronous input timing is referenced from the rising edge of the input clocks (k and k ) and all output timing is referenced to the rising edge of the output clocks (c/c , or k/k when in single clock mode). all synchronous data inputs (d [x:0] ) pass through input registers controlled by the rising edge of the input clocks (k and k ). all synchronous data outputs (q [x:0] ) pass through output registers controlled by the rising edge of the output clocks (c/c , or k/k when in single-clock mode). all synchronous control (r/w , ld , bws [0:x] ) inputs pass through input registers controlled by the rising edge of the input clock (k). cy7c1393bv18 is described in the following sections. the same basic descriptions apply to cy7c1392bv18, cy7c1992bv18, and cy7c1394bv18. read operations the cy7c1393bv18 is organized internally as two arrays of 512k x 18. accesses are completed in a burst of two sequential 18-bit data words. read operations are initiated by asserting r/w high and ld low at the rising edge of the positive input clock (k). the address presented to address inputs is stored in the read address register. follo wing the next k clock rise the corresponding lowest order 18-bit word of data is driven onto the q [17:0] using c as the output timing reference. on the subse- quent rising edge of c, the next 18 -bit data word is driven onto the q [17:0] . the requested data is valid 0.45 ns from the rising edge of the output clock (c or c , or k and k when in single clock mode, for 200 mhz and 250 mhz device). read accesses can be initiated on every rising edge of the positive input clock (k). this pipelines the data flow such that data is transferred out of the device on every rising edge of the output clocks, c/c (or k/k when in single clock mode). the cy7c1393bv18 first completes the pending read transac- tions, when read access is desel ected. synchronous internal circuitry automatically tri-stat es the output following the next rising edge of the positive output clock (c). write operations write operations are initiated by asserting r/w low and ld low at the rising edge of the positive input clock (k). the address presented to address inputs is stored in the write address register. on the following k clock rise the data presented to d [17:0] is latched and stored into the 18-bit write data register, provided bws [1:0] are both asserted active. on the subsequent rising edge of the negative input clock (k ) the information presented to d [17:0] is also stored into the write data register, provided bws [1:0] are both asserted active. the 36 bits of data are then written into the memory array at the specified location. write accesses can be initiated on every rising edge of the positive input clock (k). this pipel ines the data flow such that 18 bits of data can be transferred into the device on every rising edge of the input clocks (k and k ). when write access is deselected, the device ignores all inputs after the pending write operations are completed. byte write operations byte write operations are su pported by the cy7c1393bv18. a write operation is initiated as described in the write operations section. the bytes that are written are determined by bws 0 and bws 1 , which are sampled with each set of 18-bit data words. asserting the appropriate byte wr ite select input during the data portion of a write latches the da ta being presented and writes it into the device. deasserting the byte write select input during the data portion of a write enables the data stored in the device for that byte to remain unaltered. this feature can be used to simplify read/modify/write operati ons to a byte write operation. single clock mode the cy7c1393bv18 can be used with a single clock that controls both the input and output registers. in this mode the device recognizes only a single pair of input clocks (k and k ) that control both the input and output registers. this operation is identical to the operation if the device had zero skew between the k/k and c/c clocks. all timing para meters remain the same in this mode. to use this mode of operation, tie c and c high at power on. this function is a strap option and not alterable during device operation. ddr operation the cy7c1393bv18 enables high-performance operation through high clock frequencies (achieved through pipelining) and double data rate mode of operation. if a read occurs after a write cycl e, address and dat a for the write are stored in registers. the write information must be stored because the sram cannot perform the last word write to the array without conflicting with the read. the data stays in this register until the next write cycle occurs. on the first write cycle after the read(s), the stored data from the earlier write is written into the sram array. this is called a posted write. depth expansion depth expansion requires replicating the ld control signal for each bank. all other control signals can be common between banks as appropriate. programmable impedance an external resistor, rq, must be connected between the zq pin on the sram and v ss to enable the sram to adjust its output driver impedance. the value of rq must be 5x the value of the intended line impedance driven by the sram. the allowable range of rq to guarantee impedance matching with a tolerance of 15% is between 175 and 350 , with v ddq =1.5v. the output impedance is adjusted ev ery 1024 cycles at power up to account for drifts in supply voltage and temperature. echo clocks echo clocks are provided on the ddr-ii to simplify data capture on high-speed systems. two echo clocks are generated by the ddr-ii. cq is referenced with respect to c and cq is referenced with respect to c . these are free-running clocks and are synchronized to the output clock of the ddr-ii. in the single clock mode, cq is generated with respect to k and cq is generated with respect to k . the timing for the echo clocks is shown in switching characteristics on page 23. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 9 of 31 dll these chips use a delay lock loop (dll) that is designed to function between 120 mhz and the specified maximum clock frequency. during power up, when the doff is tied high, the dll is locked after 1024 cycles of stable clock. the dll can also be reset by slowing or stopping the input clocks k and k for a minimum of 30 ns. however, it is not necessary to reset the dll to lock it to the desired frequency. the dll automatically locks 1024 clock cycles after a stable cl ock is presented. the dll may be disabled by applying ground to the doff pin. when the dll is turned off, the device behave s in ddr-i mode (with one cycle latency and a longer access time). for information refer to the application note dll considerations in qdrii?/ddrii . application example figure 1 shows four ddr-ii sio used in an application. figure 1. application example ld # r/w # b w # vt = v ref cc# cq cq# k# zq q d k cc# k bus master (cpu or asic) sram 1 sram 4 data in data out address ld# r/w# bws# sram 1 input cq sram 1 input cq# sram 4 input cq sram 4 input cq# source k source k# delayed k delayed k# r=50 ohms r = 250 ohms cq cq# k# zq q ld # r/w # b w s # ld # r/w # vt vt vt r r r a a d r = 250 ohms b w s # [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 10 of 31 truth table the truth table for cy7c1392bv18, cy7c1992bv 18, cy7c1393bv18, and cy7c1394bv18 follows. [2, 3, 4, 5, 6, 7] operation k ld r/w dq dq write cycle: load address; wait one cycle; input write data on consecutive k and k rising edges. l-h l l d(a + 0) at k(t + 1) d(a + 1) at k (t + 1) read cycle: load address; wait one and a half cycle; read data on consecutive c and c rising edges. l-h l h q(a + 0) at c (t + 1) q(a + 1) at c(t + 2) nop: no operation l-h h x high-z high-z standby: clock stopped stopped x x previous state previous state write cycle descriptions the write cycle description table for cy7c1392bv18 and cy7c1393bv18 follows. [2, 8] bws 0 / nws 0 bws 1 / nws 1 k k comments l l l?h ? during the data portion of a write sequence : cy7c1392bv18 ? both nibbles (d [7:0] ) are written into the device. cy7c1393bv18 ? both bytes (d [17:0] ) are written into the device. l l ? l-h during the data portion of a write sequence : cy7c1392bv18 ? both nibbles (d [7:0] ) are written into the device. cy7c1393bv18 ? both bytes (d [17:0] ) are written into the device. l h l?h ? during the data portion of a write sequence : cy7c1392bv18 ? only the lower nibble (d [3:0] ) is written into the device, d [7:4] remains unaltered. cy7c1393bv18 ? only the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. l h ? l?h during the data portion of a write sequence : cy7c1392bv18 ? only the lower nibble (d [3:0] ) is written into the device, d [7:4] remains unaltered. cy7c1393bv18 ? only the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. h l l?h ? during the data portion of a write sequence : cy7c1392bv18 ? only the upper nibble (d [7:4] ) is written into the device, d [3:0] remains unaltered. cy7c1393bv18 ? only the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h l ? l?h during the data portion of a write sequence : cy7c1392bv18 ? only the upper nibble (d [7:4] ) is written into the device, d [3:0] remains unaltered. cy7c1393bv18 ? only the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h h l?h ? no data is written into the devices during this portion of a write operation. h h ? l?h no data is written into the devices during this portion of a write operation. notes 2. x = ?don't care,? h = logic high, l = logic low, represents rising edge. 3. device powers up deselected with the outputs in a tri-state condition. 4. ?a? represents address location latched by the devices when tr ansaction was initiated. a + 0, a + 1 represents the internal a ddress sequence in the burst. 5. ?t? represents the cycle at which a read/write operation is st arted. t + 1, and t + 2 are the first, and second clock cycles respectively succeeding the ?t? clock cycle. 6. data inputs are registered at k and k rising edges. data outputs are delivered on c and c rising edges, except when in single clock mode. 7. it is recommended that k = k and c = c = high when clock is stopped. this is not essential, but per mits most rapid restart by overcoming transmission line charging symmetrically. 8. is based on a write cycle that was initiated in accordance with the write cycle descriptions table. nws 0 , nws 1 , bws 0 , bws 1 , bws 2 , and bws 3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 11 of 31 write cycle descriptions the write cycle description tabl e for cy7c1992bv18 follows. [2, 8] bws 0 k k l l?h ? during the data portion of a write sequence, the single byte (d [8:0] ) is written into the device. l ? l?h during the data portion of a write sequence, the single byte (d [8:0] ) is written into the device. h l?h ? no data is written into the device du ring this portion of a write operation. h ? l?h no data is written into the device du ring this portion of a write operation. write cycle descriptions the write cycle description tabl e for cy7c1394bv18 follows. [2, 8] bws 0 bws 1 bws 2 bws 3 k k comments lllll?h?during the data portion of a write se quence, all four bytes (d [35:0] ) are written into the device. llll?l?hduring the data portion of a write se quence, all four bytes (d [35:0] ) are written into the device. l h h h l?h ? during the data portion of a wr ite sequence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. l h h h ? l?h during the data portion of a wr ite sequence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. h l h h l?h ? during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remains unaltered. h l h h ? l?h during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remains unaltered. h h l h l?h ? during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remains unaltered. h h l h ? l?h during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remains unaltered. h h h l l?h ? during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. h h h l ? l?h during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. hhhhl?h?no data is written into the device during this portion of a write operation. hhhh?l?hno data is written into the device during this portion of a write operation. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 12 of 31 ieee 1149.1 serial boundary scan (jtag) these srams incorporate a serial boundary scan test access port (tap) in the fbga package. this part is fully compliant with ieee standard #1149.1-2001. the tap operates using jedec standard 1.8v io logic levels. disabling the jtag feature it is possible to operate t he sram without using the jtag feature. to disable the tap controller, tck must be tied low (v ss ) to prevent clocking of the device. tdi and tms are inter- nally pulled up and may be unconnected. they may alternatively be connected to v dd through a pull up resistor. tdo must be left unconnected. upon power up, the device comes up in a reset state, which does not interfere with the operation of the device. test access port?test clock the test clock is used only with the tap controller. all inputs are captured on the rising edge of tc k. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. this pin may be left unconnected if the tap is not used. the pin is pulled up inter- nally, resulting in a logic high level. test data-in (tdi) the tdi pin is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information on loading the instruction register, see the tap controller state diagram on page 14. tdi is internally pulled up and can be unconnected if the tap is unused in an application. tdi is connected to the most signific ant bit (msb) on any register. test data-out (tdo) the tdo output pin is used to serially clock data out from the registers. the output is acti ve, depending upon the current state of the tap state machine (see instruction codes on page 17). the output changes on the falling edge of tck. tdo is connected to the least signific ant bit (lsb) of any register. performing a tap reset a reset is performed by forcing tms high (v dd ) for five rising edges of tck. this reset does not affect the operation of the sram and can be performed while the sram is operating. at power up, the tap is reset internally to ensure that tdo comes up in a high-z state. tap registers registers are connected between the tdi and tdo pins to scan the data in and out of the sram test circuitry. only one register can be selected at a time through the instruction registers. data is serially loaded into the tdi pin on the rising edge of tck. data is output on the tdo pin on the falling edge of tck. instruction register three-bit instructions can be serial ly loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo pins, as shown in tap controller block diagram on page 15. upon power up, the inst ruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state, as described in the previous section. when the tap controller is in the capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to allow for fault isolation of the board level serial test path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between tdi and tdo pins. this enables shifting of data through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is conn ected to all of the input and output pins on the sram. several no connect (nc) pins are also included in the scan register to reserve pins for higher density devices. the boundary scan register is l oaded with the contents of the ram input and output ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo pins when the controller is moved to the shift-dr state. the extest, sample/preload, and sample z instructions can be used to capture the contents of the input and output ring. the boundary scan order on page 18 shows the order in which the bits are connected. each bi t corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction register. the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id regi ster has a vendor code and other information described in identification register definitions on page 17. tap instruction set eight different instructions ar e possible with the three-bit instruction register. all combinations are listed in instruction codes on page 17. three of thes e instructions are listed as reserved and must not be used. the other five instructions are described in this section in detail. instructions are loaded into the tap controller during the shift-ir state when the instruction regist er is placed between tdi and tdo. during this state, instructions are shifted through the instruction register through t he tdi and tdo pins. to execute the instruction after it is shif ted in, the tap controller must be moved into the update-ir state. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 13 of 31 idcode the idcode instruction loads a vendor-specific, 32-bit code into the instruction register. it also places the instruction register between the tdi and tdo pins and shifts the idcode out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded in to the instruction register at power up or whenever the tap controller is supplied a test-logic-reset state. sample z the sample z instruction connec ts the boundary scan register between the tdi and tdo pins when the tap controller is in a shift-dr state. the sample z command puts the output bus into a high-z state until the next command is supplied during the update ir state. sample/preload sample/preload is a 1149.1 mandatory instruction. when the sample/preload instructions are loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the input and output pins is captured in the boundary scan register. the user must be aware that the tap controller clock can only operate at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output undergoes a transition. the tap may then try to capture a signal while in transition (metastable state). this does not harm the device, but there is no guarantee as to the value that is captured. repeatable results may not be possible. to guarantee that the boundary scan register captures the correct value of a signal, the sram signal must be stabilized long enough to meet the tap cont roller's capture setup plus hold times (t cs and t ch ). the sram clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a sample/preload instruction. if this is an issue, it is still possible to capture all other signals and simply ignore the value of the ck and ck captured in the boundary scan register. after the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo pins. preload places an initial data pattern at the latched parallel outputs of the boundary scan regi ster cells before the selection of another boundary scan test operation. the shifting of data for the sample and preload phases can occur concurrently when required, that is, while the data captured is shifted out, the preloaded data can be shifted in. bypass when the bypass instruction is loa ded in the inst ruction register and the tap is placed in a shift-dr state, the bypass register is placed between the tdi and tdo pins. the advantage of the bypass instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. extest the extest instruction drives the preloaded data out through the system output pi ns. this instruction also connects the boundary scan register for serial access between the tdi and tdo in the shift-dr controller state. extest output bus tri-state ieee standard 1149.1 mandates t hat the tap controller be able to put the output bus into a tri-state mode. the boundary scan register has a special bit located at bit #47. when this scan cell, called the ?e xtest output bus tri-state,? is latched into the preload register during the update-dr state in the tap controller, it directly controls the state of the output (q-bus) pins, when the extest is entered as the current instruction. when high, it enables the output buffers to drive the output bus. when low, this bit places the output bus into a high-z condition. this bit can be set by entering the sample/preload or extest command, and then shifting the desired bit into that cell, during the shift-dr state. during update-dr, the value loaded into that shift-register cell latches into the preload register. when the extest instruction is entered, this bit directly controls the output q-bus pins. note that this bit is pre-set low to enable the output when the device is powered up, and also when the tap controller is in the test-logic-reset state. reserved these instructions are not implemented but are reserved for future use. do not use these instructions. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 14 of 31 tap controller state diagram the state diagram for the tap controller follows. [9] test-logic reset test-logic/ idle select dr-scan capture-dr shift-dr exit1-dr pause-dr exit2-dr update-dr 1 0 1 1 0 1 0 1 0 0 0 1 1 1 0 1 0 1 0 0 0 1 0 1 1 0 1 0 0 1 1 0 select ir-scan capture-ir shift-ir exit1-ir pause-ir exit2-ir update-ir note 9. the 0/1 next to each state represents the value at tms at the rising edge of tck. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 15 of 31 tap controller block diagram tap electrical characteristics over the operating range [10, 11, 12] parameter description test conditions min max unit v oh1 output high voltage i oh = ? 2.0 ma 1.4 v v oh2 output high voltage i oh = ? 100 a1.6 v v ol1 output low voltage i ol = 2.0 ma 0.4 v v ol2 output low voltage i ol = 100 a0.2v v ih input high voltage 0.65v dd v dd + 0.3 v v il input low voltage ?0.3 0.35v dd v i x input and output load current gnd v i v dd ?5 5 a 0 0 1 2 . . 29 30 31 boundary scan register identification register 0 1 2 . . . . 106 0 1 2 instruction register bypass register selection circuitry selection circuitry tap controller tdi tdo tck tms notes 10. these characteristics pertain to the tap inputs (tms, tck, tdi, and tdo). parallel load levels are specified in the electrical characteristics table. 11. overshoot: v ih (ac) < v ddq + 0.85v (pulse width less than t cyc /2), undershoot: v il (ac) > ? 1.5v (pulse width less than t cyc /2). 12. all voltage referenced to ground. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 16 of 31 tap ac switching characteristics over the operating range [13, 14] parameter description min max unit t tcyc tck clock cycle time 50 ns t tf tck clock frequency 20 mhz t th tck clock high 20 ns t tl tck clock low 20 ns setup times t tmss tms setup to tck clock rise 5 ns t tdis tdi setup to tck clock rise 5 ns t cs capture setup to tck rise 5 ns hold times t tmsh tms hold after tck clock rise 5 ns t tdih tdi hold after clock rise 5 ns t ch capture hold after clock rise 5 ns output times t tdov tck clock low to tdo valid 10 ns t tdox tck clock low to tdo invalid 0 ns tap timing and test conditions figure 2 shows the tap timing and test conditions. [14] figure 2. tap timing and test conditions t tl t th (a) tdo c l = 20 pf z 0 = 50 gnd 0.9v 50 1.8v 0v all input pulses 0.9v test clock test mode select tck tms test data in tdi test data out t tcyc t tmsh t tmss t tdis t tdih t tdov t tdox tdo notes 13. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 14. test conditions are specified using the load in tap ac test conditions. t r /t f = 1 ns. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 17 of 31 identification regi ster definitions instruction field value description cy7c1392bv18 cy7c1992bv18 cy7c1393bv18 cy7c1394bv18 revision number (31:29) 000 000 000 000 version number. cypress device id (28:12) 11010100010000101 11010100010001101 11010100010010101 11010100010100101 defines the type of sram. cypress jedec id (11:1) 00000110100 00000110100 00000110100 00000110100 allows unique identification of sram vendor. id register presence (0) 1111indicates the presence of an id register. scan register sizes register name bit size instruction 3 bypass 1 id 32 boundary scan 107 instruction codes instruction code description extest 000 captures the input and output ring contents. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operation. sample z 010 captures the input and output contents. places the boundary scan register between tdi and tdo. forces all sram output drivers to a high-z state. reserved 011 do not use: this instru ction is reserved for future use. sample/preload 100 captures the input and output ring c ontents. places the boundary scan register between tdi and tdo. does not affect the sram operation. reserved 101 do not use: this instru ction is reserved for future use. reserved 110 do not use: this instru ction is reserved for future use. bypass 111 places the bypass register between tdi and tdo. this operation does not affect sram operation. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 18 of 31 boundary scan order bit # bump id bit # bump id bit # bump id bit # bump id 0 6r 27 11h 54 7b 81 3g 1 6p 28 10g 55 6b 82 2g 26n 299g 566a 831j 3 7p 30 11f 57 5b 84 2j 4 7n 31 11g 58 5a 85 3k 57r 329f 594a 863j 6 8r 33 10f 60 5c 87 2k 7 8p 34 11e 61 4b 88 1k 8 9r 35 10e 62 3a 89 2l 9 11p 36 10d 63 1h 90 3l 10 10p 37 9e 64 1a 91 1m 11 10n 38 10c 65 2b 92 1l 12 9p 39 11d 66 3b 93 3n 13 10m 40 9c 67 1c 94 3m 14 11n 41 9d 68 1b 95 1n 15 9m 42 11b 69 3d 96 2m 16 9n 43 11c 70 3c 97 3p 17 11l 44 9b 71 1d 98 2n 18 11m 45 10b 72 2c 99 2p 19 9l 46 11a 73 3e 100 1p 20 10l 47 internal 74 2d 101 3r 21 11k 48 9a 75 2e 102 4r 22 10k 49 8b 76 1e 103 4p 23 9j 50 7c 77 2f 104 5p 24 9k 51 6c 78 3f 105 5n 25 10j 52 8a 79 1g 106 5r 26 11j 53 7a 80 1f [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 19 of 31 power up sequence in ddr-ii sram ddr-ii srams must be powered up and initialized in a predefined manner to prevent undefined operations. power up sequence apply power and drive doff either high or low (all other inputs can be high or low). ? apply v dd before v ddq . ? apply v ddq before v ref or at the same time as v ref . ? drive doff high. provide stable doff (high), power and clock (k, k ) for 1024 cycles to lock the dll. dll constraints dll uses k clock as its synchronizing input. the input must have low phase jitter, which is specified as t kc var . the dll functions at frequencies down to 120 mhz. if the input clock is unstable and the dll is enabled, then the dll may lock onto an incorrect frequency, causing unstable sram behavior. to avoid this, provide1024 cycles stable clock to relock to the desired clock frequency. figure 3. power up waveforms > 1024 stable clock start normal operation doff stabl e (< +/- 0.1v dc per 50ns ) fix high (or tie to v ddq ) k k ddq dd v v / ddq dd v v / clock start ( clock starts after stable ) ddq dd v v / ~ ~ ~ ~ unstable clock [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 20 of 31 maximum ratings exceeding maximum ratings may impair the useful life of the device. these user guidelines are not tested. storage temperature ................................. ?65c to +150c ambient temperature with power applied.. ?55c to +125c supply voltage on v dd relative to gnd ... .....?0.5v to +2.9v supply voltage on v ddq relative to gnd.......?0.5v to +v dd dc applied to outputs in high-z ........ ?0.5v to v ddq + 0.3v dc input voltage [11] .............................. ?0.5v to v dd + 0.3v current into outputs (low) ........................................ 20 ma static discharge voltage (mil-std-883, m. 3015).. > 2001v latch up current.................................................... > 200 ma operating range range ambient temperature (t a ) v dd [15] v ddq [15] commercial 0c to +70c 1.8 0.1v 1.4v to v dd industrial ?40c to +85c electrical characteristics dc electrical characteristics over the operating range [12] parameter description test conditions min typ max unit v dd power supply voltage 1.7 1.8 1.9 v v ddq io supply voltage 1.4 1.5 v dd v v oh output high voltage note 16 v ddq /2 ? 0.12 v ddq /2 + 0.12 v v ol output low voltage note 17 v ddq /2 ? 0.12 v ddq /2 + 0.12 v v oh(low) output high voltage i oh = ? 0.1 ma, nominal impedance v ddq ? 0.2 v ddq v v ol(low) output low voltage i ol = 0.1 ma, nominal impedance v ss 0.2 v v ih input high voltage v ref + 0.1 v ddq + 0.3 v v il input low voltage ?0.3 v ref ? 0.1 v i x input leakage current gnd v i v ddq ? 5 5 a i oz output leakage current gnd v i v ddq, output disabled ? 5 5 a v ref input reference voltage [18] typical value = 0.75v 0.68 0.75 0.95 v i dd [19] v dd operating supply v dd = max, i out = 0 ma, f = f max = 1/t cyc 300 mhz (x8) 820 ma (x9) 825 (x18) 865 (x36) 935 278 mhz (x8) 770 ma (x9) 775 (x18) 800 (x36) 850 250 mhz (x8) 700 ma (x9) 700 (x18) 725 (x36) 770 notes 15. power up: assumes a linear ramp from 0v to v dd (min) within 200 ms. during this time v ih < v dd and v ddq < v dd . 16. outputs are impedance controlled. i oh = ?(v ddq /2)/(rq/5) for values of 175 < rq < 350 . 17. outputs are impedance controlled. i ol = (v ddq /2)/(rq/5) for values of 175 < rq < 350 . 18. v ref (min) = 0.68v or 0.46v ddq , whichever is larger, v ref (max) = 0.95v or 0.54v ddq , whichever is smaller. 19. the operation current is calculated with 50% read cycle and 50% write cycle. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 21 of 31 i dd [19] v dd operating supply v dd = max, i out = 0 ma, f = f max = 1/t cyc 200 mhz (x8) 575 ma (x9) 575 (x18) 600 (x36) 630 167 mhz (x8) 485 ma (x9) 490 (x18) 500 (x36) 540 i sb1 automatic power down current max v dd , both ports deselected, v in v ih or v in v il f = f max = 1/t cyc , inputs static 300 mhz (x8) 275 ma (x9) 275 (x18) 285 (x36) 300 278 mhz (x8) 265 ma (x9) 265 (x18) 275 (x36) 290 250 mhz (x8) 255 ma (x9) 255 (x18) 260 (x36) 275 200 mhz (x8) 245 ma (x9) 245 (x18) 250 (x36) 260 167 mhz (x8) 240 ma (x9) 240 (x18) 245 (x36) 255 ac electrical characteristics over the operating range [11] parameter description test conditions min typ max unit v ih input high voltage v ref + 0.2 ? ? v v il input low voltage ? ? v ref ? 0.2 v electrical characteristics (continued) dc electrical characteristics over the operating range [12] parameter description test conditions min typ max unit [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 22 of 31 capacitance tested initially and after any design or process change that may affect these parameters. parameter description test conditions max unit c in input capacitance t a = 25 c, f = 1 mhz, v dd = 1.8v, v ddq = 1.5v 5 pf c clk clock input capacitance 6 pf c o output capacitance 7pf thermal resistance tested initially and after any design or process change that may affect these parameters. parameter description test conditions 165 fbga package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, in accordance with eia/jesd51. 18.7 c/w jc thermal resistance (junction to case) 4.5 c/w figure 4. ac test loads and waveforms 1.25v 0.25v r = 50 5pf including jig and scope all input pulses device r l = 50 z 0 = 50 v ref = 0.75v v ref = 0.75v [20] 0.75v under te s t 0.75v device under te s t output 0.75v v ref v ref output zq zq (a) slew rate = 2 v/ns rq = 250 (b) rq = 250 20. unless otherwise noted, test conditions are based on signal tr ansition time of 2v/ns, timing reference levels of 0.75v, vref = 0.75v, rq = 250 , v ddq = 1.5v, input pulse levels of 0.25v to 1.25v, and output loading of the specified i ol /i oh and load capacitance shown in (a) of ac test loads and waveforms . [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 23 of 31 switching characteristics over the operating range [20, 21] cypress parameter consortium parameter description 300 mhz 278 mhz 250 mhz 200 mhz 167 mhz unit min max min max min max min max min max t power v dd (typical) to the first access [22] 11111ms t cyc t khkh k clock and c clock cycle time 3.3 8.4 3.4 8.4 4.0 8.4 5.0 8.4 6.0 8.4 ns t kh t khkl input clock (k/k ; c/c ) high 1.32 ? 1.4 ? 1.6 ? 2.0 ? 2.4 ? ns t kl t klkh input clock (k/k ; c/c ) low 1.32 ? 1.4 ? 1.6 ? 2.0 ? 2.4 ? ns t khk h t khk h k clock rise to k clock rise and c to c rise (rising edge to rising edge) 1.49 ? 1.6 ? 1.8 ? 2.2 ? 2.7 ? ns t khch t khch k/k clock rise to c/c clock rise (rising edge to rising edge) 01.4501.5501.802.202.7ns setup times t sa t avkh address setup to k clock rise 0.4 ? 0.4 ? 0.5 ? 0.6 ? 0.7 ? ns t sc t ivkh control setup to k clock rise (ld , r/w ) 0.4 ? 0.4 ? 0.5 ? 0.6 ? 0.7 ? ns t scddr t ivkh double data rate control setup to clock (k/k ) rise (bws 0 , bws 1 , bws 2 , bws 3 ) 0.3 ? 0.3 ? 0.35 ? 0.4 ? 0.5 ? ns t sd [23] t dvkh d [x:0] setup to clock (k/k ) rise 0.3 ? 0.3 ? 0.35 ? 0.4 ? 0.5 ? ns hold times t ha t khax address hold after k clock rise 0.4 ? 0.4 ? 0.5 ? 0.6 ? 0.7 ? ns t hc t khix control hold after k clock rise (ld , r/w ) 0.4 ? 0.4 ? 0.5 ? 0.6 ? 0.7 ? ns t hcddr t khix double data rate control hold after clock (k/k ) rise (bws 0 , bws 1 , bws 2 , bws 3 ) 0.3 ? 0.3 ? 0.35 ? 0.4 ? 0.5 ? ns t hd t khdx d [x:0] hold after clock (k/k ) rise 0.3 ? 0.3 ? 0.35 ? 0.4 ? 0.5 ? ns notes 21. when a part with a maximum frequency above 167 mhz is operating at a lower clock frequency, it requires the input timings of the frequency range in which it is being operated and outputs data with the output timings of that frequency range. 22. this part has a voltage regulator internally; t power is the time that the power must be supplied above v dd minimum initially before a read or write operation can be initiated. 23. for d2 data signal on cy7c1992bv18 device, t sd is 0.5 ns for 200 mhz, 250 mhz, 278 mhz, and 300 mhz frequencies. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 24 of 31 output times t co t chqv c/c clock rise (or k/k in single clock mode) to data valid ? 0.45 ? 0.45 ? 0.45 ? 0.45 ? 0.50 ns t doh t chqx data output hold after output c/c clock rise (active to active) ?0.45 ? ?0.45 ? ?0.45 ? ?0.45 ? ?0.50 ? ns t ccqo t chcqv c/c clock rise to echo clock valid ? 0.45 ? 0.45 ? 0.45 ? 0.45 ? 0.50 ns t cqoh t chcqx echo clock hold after c/c clock rise ?0.45 ? ?0.45 ? ?0.45 ? ?0.45 ? ?0.50 ? ns t cqd t cqhqv echo clock high to data valid 0.27 0.27 0.30 0.35 0.40 ns t cqdoh t cqhqx echo clock high to data invalid ?0.27 ? ?0.27 ? ?0.30 ? ?0.35 ? ?0.40 ? ns t chz t chqz clock (c/c ) rise to high-z (active to high-z) [24, 25] ? 0.45 ? 0.45 ? 0.45 ? 0.45 ? 0.50 ns t clz t chqx1 clock (c/c ) rise to low-z [24, 25] ?0.45 ? ?0.45 ? ?0.45 ? ?0.45 ? ?0.50 ? ns dll timing t kc var t kc var clock phase jitter ? 0.20 ? 0.20 ? 0.20 ? 0.20 ? 0.20 ns t kc lock t kc lock dll lock time (k, c) 1024 ? 1024 ? 1024 ? 1024 ? 1024 ? cycles t kc reset t kc reset k static to dll reset 30 30 30 30 30 ns switching characteristics (continued) over the operating range [20, 21] cypress parameter consortium parameter description 300 mhz 278 mhz 250 mhz 200 mhz 167 mhz unit min max min max min max min max min max notes 24. t chz , t clz , are specified with a load capacitance of 5 pf as in (b) of ac test loads and waveforms . transition is measured 100 mv from steady-state voltage. 25. at any voltage and temperature t chz is less than t clz and t chz less than t co . [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 25 of 31 switching waveforms figure 5. read/write/deselect sequence [26, 27, 28] k 1234567 8 k ld r/w a q d c c# read (burst of 2) read (burst of 2) read (burst of 2) write (burst of 2) write (burst of 2) t khch t khch nop nop cq cq# t kh t khkh t co t kl t cyc t t hc t sa t ha t sd t hd t sd t hd t clz t doh sc t kh t khkh t kl t cyc t cqd t ccqo t cqoh t ccqo t cqoh dont care undefined a0 a1 a2 a3 a4 d20 d21 d30 d31 q40 q11 q10 q41 q00 q01 t cqdoh t chz notes 26. q00 refers to output from address a0. q01 refers to output from the next internal burst address following a0, that is, a0+1. 27. outputs are disabled (high-z) one clock cycle after a nop. 28. in this example, if address a4 = a3, then data q40 = d30 and q41 = d31. write data is forwarded immediately as read results. this note applies to the whole diagram. [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 26 of 31 ordering information not all of the speed, package, and temper ature ranges are available. please cont act your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram package type operating range 300 cy7c1392bv18-300bzc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1992bv18-300bzc cy7c1393bv18-300bzc cy7c1394bv18-300bzc cy7c1392bv18-300bzxc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1992bv18-300bzxc cy7c1393bv18-300bzxc cy7c1394bv18-300bzxc cy7c1392bv18-300bzi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1992bv18-300bzi cy7c1393bv18-300bzi cy7c1394bv18-300bzi cy7c1392bv18-300bzxi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1992bv18-300bzxi cy7c1393bv18-300bzxi cy7c1394bv18-300bzxi 278 cy7c1392bv18-278bzc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1992bv18-278bzc cy7c1393bv18-278bzc cy7c1394bv18-278bzc cy7c1392bv18-278bzxc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1992bv18-278bzxc cy7c1393bv18-278bzxc cy7c1394bv18-278bzxc cy7c1392bv18-278bzi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1992bv18-278bzi cy7c1393bv18-278bzi cy7c1394bv18-278bzi cy7c1392bv18-278bzxi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1992bv18-278bzxi cy7c1393bv18-278bzxi cy7c1394bv18-278bzxi [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 27 of 31 250 cy7c1392bv18-250bzc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1992bv18-250bzc cy7c1393bv18-250bzc cy7c1394bv18-250bzc cy7c1392bv18-250bzxc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1992bv18-250bzxc cy7c1393bv18-250bzxc cy7c1394bv18-250bzxc cy7c1392bv18-250bzi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1992bv18-250bzi cy7c1393bv18-250bzi cy7c1394bv18-250bzi cy7c1392bv18-250bzxi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1992bv18-250bzxi cy7c1393bv18-250bzxi cy7c1394bv18-250bzxi 200 cy7c1392bv18-200bzc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1992bv18-200bzc cy7c1393bv18-200bzc cy7c1394bv18-200bzc cy7c1392bv18-200bzxc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1992bv18-200bzxc cy7c1393bv18-200bzxc cy7c1394bv18-200bzxc cy7c1392bv18-200bzi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1992bv18-200bzi cy7c1393bv18-200bzi cy7c1394bv18-200bzi cy7c1392bv18-200bzxi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1992bv18-200bzxi cy7c1393bv18-200bzxi cy7c1394bv18-200bzxi ordering information (continued) not all of the speed, package, and temper ature ranges are available. please cont act your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram package type operating range [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 28 of 31 167 cy7c1392bv18-167bzc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) commercial cy7c1992bv18-167bzc cy7c1393bv18-167bzc cy7c1394bv18-167bzc cy7c1392bv18-167bzxc 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free CY7C1992BV18-167BZXC cy7c1393bv18-167bzxc cy7c1394bv18-167bzxc cy7c1392bv18-167bzi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) industrial cy7c1992bv18-167bzi cy7c1393bv18-167bzi cy7c1394bv18-167bzi cy7c1392bv18-167bzxi 51-85180 165-ball fine pitch ball grid array (13 x 15 x 1.4 mm) pb-free cy7c1992bv18-167bzxi cy7c1393bv18-167bzxi cy7c1394bv18-167bzxi ordering information (continued) not all of the speed, package, and temper ature ranges are available. please cont act your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram package type operating range [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 29 of 31 package diagram figure 6. 165-ball fbga (13 x 15 x 1.4 mm), 51-85180 a 1 pin 1 corner 15.000.10 13.000.10 7.00 1.00 ?0.50 (165x) ?0.25mcab ?0.05 m c b a 0.15(4x) 0.350.06 seating plane 0.530.05 0.25 c 0.15 c pin 1 corner top view bottom view 2 3 4 5 6 7 8 9 10 10.00 14.00 b c d e f g h j k l m n 11 11 10 9 8 67 5 4 3 2 1 p r p r k m n l j h g f e d c b a a 15.000.10 13.000.10 b c 1.00 5.00 0.36 -0.06 +0.14 1.40 max. solder pad type : non-solder mask defined (nsmd) notes : package weight : 0.475g jedec reference : mo-216 / design 4.6c package code : bb0ac 51-85180-a [+] feedback
cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 document #: 38-05623 rev. *d page 30 of 31 document history page document title: cy7c1392bv18/cy7c1992bv18/cy7c13 93bv18/cy7c1394bv18, 18-mbit ddr-ii sio sram 2-word burst architecture document number: 38-05623 rev. ecn no. submission date orig, of change description of change ** 252474 see ecn syt new data sheet *a 325581 see ecn syt removed cy7c1394bv18 from the title included 300-mhz speed bin added industrial temperature grade replaced tbds for i dd and i sb1 specs replaced the tbds on the thermal characteristics table to ja = 28.51 c/w and jc = 5.91 c/w replaced tbds in the capacitance table for the 165 fbga package changed the package diagram from bb165e (15 x 17 x 1.4 mm) to bb165d (13 x 15 x 1.4 mm) added lead-free product information updated the ordering information by shading and unshading mpns as per availability *b 413997 see ecn nxr converted from preliminary to final added cy7c1992bv18 part number to the title added 278-mhz speed bin changed address of cypress semiconductor corporation on page# 1 from ?3901 north first street? to ?198 champion court? changed c/c pin description in the featur es section and pin description added power-up sequence details and waveforms added foot notes #15, 16, 17 on page# 18 replaced three-state with tri-state changed the description of i x from input load current to input leakage current on page# 19 modified the i dd and i sb values modified test condition in footnote #18 on page# 19 from v ddq < v dd to v ddq < v dd replaced package name column with package diagram in the ordering information table updated the ordering information *c 472384 see ecn nxr modified the zq definition from al ternately, this pin can be connected directly to v dd to alternately, this pin can be connected directly to v ddq included maximum ratings for supply voltage on v ddq relative to gnd changed the maximum ratings for dc input voltage from v ddq to v dd changed t th and t tl from 40 ns to 20 ns, changed t tmss , t tdis , t cs , t tmsh , t tdih , t ch from 10 ns to 5 ns and changed t tdov from 20 ns to 10 ns in tap ac switching characteristics table modified power-up waveform changed the maximum rating of ambient temperature with power applied from ?10c to +85c to ?55c to +125c added additional notes in the ac parameter section modified ac switching waveform corrected the typo in the ac switching characteristics table updated the ordering information table [+] feedback
document #: 38-05623 rev. *d revised june 2, 2008 page 31 of 31 qdr rams and quad data rate rams comprise a new family of products developed by cypress, idt, nec, renesas, and samsung. all pr oduct and company names mentioned in this document are the trademarks of their respective holders. cy7c1392bv18, cy7c1992bv18 cy7c1393bv18, cy7c1394bv18 ? cypress semiconductor corporation, 2004-2008. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreemen t with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support syst ems where a malfunction or failure may reas onably be expected to result in significa nt injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and international treaty provisions. cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or impl ied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress re serves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. sales, solutions, and legal information worldwide sales and design support cypress maintains a worldwide network of offices, solution center s, manufacturer?s representative s, and distributors. to find t he office closest to you, visit us at cypress.com/sales. products psoc psoc.cypress.com clocks & buffers clocks.cypress.com wireless wireless.cypress.com memories memory.cypress.com image sensors image.cypress.com psoc solutions general psoc.cypress.com/solutions low power/low voltage psoc.cypress.com/low-power precision analog psoc.cypress.com/precision-analog lcd drive psoc.cypress.com/lcd-drive can 2.0b psoc.cypress.com/can usb psoc.cypress.com/usb *d 2511728 06/03/08 vkn/pyrs updated logic block diagrams updated i dd /i sb specs added footnote# 19 related to i dd updated power up sequence waveform and its description changed dll minimum operating frequency from 80 mhz to 120 mhz changed ja spec from 28.51 to 18.7 changed jc spec from 5.91 to 4.5 changed t cyc maximum spec to 8.4 ns for all speed bins modified footnotes 21 and 28 document history page document title: cy7c1392bv18/cy7c1992bv18/cy7c13 93bv18/cy7c1394bv18, 18-mbit ddr-ii sio sram 2-word burst architecture document number: 38-05623 [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1992BV18-167BZXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X