Part Number Hot Search : 
AN8570SH P1611 RM21B CXN1010 FP7287 ES1ELEE 1H222M GI09N20
Product Description
Full Text Search
 

To Download 87898-1056 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0878981056 status: active overview: kk description: 2.54mm (.100") pitch kk? header, surface mount, breakaway, vertical, 10 circuits, 2.50m (98") tin (sn) plating, tape on reel packaging, with cap, lead-free documents: drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 87898 application board-to-board, wire-to-board overview kk product name kk? physical breakaway yes circuits (loaded) 10 circuits (maximum) 10 color - resin black first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal copper alloy material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm polarized to mating part no polarized to pcb no robotic placement pick and place cap shrouded no stackable no temperature range - operating -55c to +105c termination interface: style surface mount electrical current - maximum per contact 3a voltage - maximum 250v material info reference - drawing numbers packaging specification pk-89990-486 sales drawing sd-87898-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87898 series mates with kk? pcb receptacles 4455. sl? idt housings 70430 , 7720, 70400. c-grid? pcb receptacles 90147, 90148
this document was generated on 05/25/2010 please check www.molex.com for latest part information





















▲Up To Search▲   

 
Price & Availability of 87898-1056

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X