Part Number Hot Search : 
CDZFH36B SAC22 OB2212 8880V 128128A BC850B MC330 MC330
Product Description
Full Text Search
 

To Download 87697-2002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/22/2010 please check www.molex.com for latest part information part number: 0876972002 status: active overview: extreme_powerplus_ssi description: 6.35mm (.250") pitch, power, 2.54mm (.100") pitch, signal, extreme powerplus? pa- s receptacle, press-fit, vertical, 0.76m (30") gold (au) plating, 28 circuits, leadfree documents: 3d model product specification ps-87633-006 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 87697 application board-to-board comments recessed power circuit position: nil overview extreme_powerplus_ssi product literature order no 987650-3002 product name extreme powerplus? physical circuits (loaded) 28 circuits detail power alpha 4, signal 24 color - resin black durability (mating cycles max) 100 glow-wire compliant no guide to mating part yes keying to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 4 orientation vertical pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.093 in pcb thickness recommended (mm) 2.40 mm packaging type tray pitch - mating interface (in) 0.100 in, 0.250 in pitch - mating interface (mm) 2.54 mm, 6.35 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes temperature range - operating -20c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 2.5a, 30a voltage - maximum 50v dc solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87697 series mates with 87696 extreme powerplus? pa-s header
lead-free process capability wave capable (th only) material info reference - drawing numbers application specification as-87631-018, as-87633-007 product specification ps-87633-006 sales drawing sd-87697-011 this document was generated on 05/22/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 87697-2002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X