Part Number Hot Search : 
BFA1560R 50207 D334K 1N5240B 4028B Z5250 AV452461 MSP08C
Product Description
Full Text Search
 

To Download 2SK3018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SK3018 ? features ? external dimensions 1) low on-resistance. 2) fast switching speed. 3) low voltage drive (2.5v) makes this device ideal for portable equipment. 4) easily designed drive circuits. 5) easy to parallel. ? applications interfacing, switching (30v, 100ma) ? structure silicon n-channel mosfet ? . gate ? . source . drain ? absolute maximum ratings (ta = 25 c) ? equivalent circuit parameter symbol limits unit drain-source voltage v dss 30 v gate-source voltage v gss 20 v continuous i d 100 ma drain current pulsed i dp*1 200 ma continuous i dr 100 ma reverse drain current pulsed i drp*1 200 ma total power dissipation(tc=25 c) p d*2 200 mw channel temperature tch 150 c storage temperature tstg -55~+150 c * 1pw ? 10 s,duty cycle ? *2with each pin mounted on the recommended lands ? ? units:mm ? ? sot-23 sot-323 *a protection diode is included between the gate and the source terminals to protect the diode against static electricity when the product is in use. use a protection circuit when the fixed voltages are exceeded. gate drain source *gate protection diode n-channel enhancement mode mosfet 1 date:2011/05 www.htsemi.com semiconductor jinyu
? electrical characteristics (ta = 25 c ) parameter symbo min. typ. max. unit test conditions gate-source leakage i gss ---- ---- 1 a v gs =20v,v ds =0v drain-source breakdown voltage v (br)ds 30 ---- ---- v i d =10 a ,v gs =0v zero gate voltage drain current i dss ---- ---- 1 a v ds =30v ,v gs =0v gate treshold voltage v gs(th) 0.8 ---- 1.5 v v ds =3v ,i d =100 a r ds(on) ---- 5 8 $ i d =10ma , v gs = 4v static drain-source on-state resistance r ds(on) ---- 7 13 $ i d =1ma , v gs =2.5v forward transfer admittance yfs 20 ---- ---- ms v ds =3v, i d =10ma input capacitance ciss ---- 13 ---- pf output capacitance coss ---- 9 ---- pf reverse transfer capacitance crss ---- 4 pf v ds =5v v gs =0v f=1 mhz turn-on delay time t d(on) ---- 15 ns rise time t r ---- 35 ns turn-off delay time t d(off) ---- 80 ns fall time t r ---- 80 ns i d =10 ma ,v do =5v v gs = 5v r l =500 $ r gs =10 $ ? packaging specifications package taping code t106 type basic ordering unit ( pieces ) 3000 2SK3018 ? electrical characteristic curves 2SK3018 n-channel enhancement mode mosfet 2 date:2011/05 www.htsemi.com semiconductor jinyu
2SK3018 n-channel enhancement mode mosfet 3 date:2011/05 www.htsemi.com semiconductor jinyu
? switching characteristics measurement circuit 2SK3018 n-channel enhancement mode mosfet 4 date:2011/05 www.htsemi.com semiconductor jinyu


▲Up To Search▲   

 
Price & Availability of 2SK3018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X