Part Number Hot Search : 
TEPT4400 AUP1T NTE17 SPVQ4 2A250 XC641A BM324 SP8713
Product Description
Full Text Search
 

To Download 2SD1571 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD1571 description ? with to-220fa package ? low collector saturation voltage ? high speed switching ? high voltage:v cbo =800v(min) applications ? high voltage switching applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 800 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 5 v i c collector current 3 a i cm collector current-peak 6 a i b base current 1.5 a t c =25 ?? 30 p c collector power dissipation t a =25 ?? 2 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220fa) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SD1571 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma , i b =0 400 v v cesat collector-emitter saturation voltage i c =0.5a; i b =50ma 1.0 v v besat base-emitter saturation voltage i c =0.5a; i b =50ma 1.5 v i cbo collector cut-off current v cb =800v; i e =0 1 ma i ebo emitter cut-off current v eb =5v; i c =0 1 ma h fe-1 dc current gain i c =10ma ; v ce =5v 8 h fe-2 dc current gain i c =0.5a ; v ce =5v 10 f t transition frequency i e =-0.1a ; v ce =10v 4 mhz c ob output capacitance i e =0 ; v cb =10v;f=1mhz 75 pf t f fall time i c =0.5a; i b1 =-i b2 =50ma v cc =200v; r l =400 |? 1.0 | s
inchange semiconductor product specification 3 silicon npn power transistors 2SD1571 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SD1571

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X