Part Number Hot Search : 
N4732 364084 BSERIES 2ATTD IRF750 TDA1581 05ADCSM CPH6104
Product Description
Full Text Search
 

To Download 2SA1096 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SA1096 2SA1096a description with to-126 package complement to type 2sc2497/2sc2497a applications for low-frequency power amplification pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter - 70 v 2SA1096 -50 v ceo collector- emitter voltage 2SA1096a open base -60 v v ebo emitter-base voltage open collector -5 v i c collector current -2 a i cm collector current-peak -3 a 1.2* 1 p d total power dissipation t c =25 5* 2 w t j junction temperature 150 t stg storage temperature -55 +150 note) *1: without heat sink *2: with a 100 100 2 mm a1 heat sink
inchange semiconductor product specification silicon pnp power transistors 2SA1096 2SA1096a characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2SA1096 -50 v (br)ceo collector-emitter breakdown voltage 2SA1096a i c =-2ma ; i b =0 -60 v v (br)cbo collector-base breakdown voltage i c =-1ma ;i e =0 -70 v v cesat collector-emitter saturation voltage i c =-1.5a ;i b =-0.15a -1.0 v v besat base-emitter saturation voltage i c =-1.5a ;i b =-0.15a -1.5 v i ceo collector cut-off current v ce =-10v; i b =0 -1 a i cbo collector cut-off current v cb =-20v; i e =0 -100 a i ebo emitter cut-off current v eb =-5v; i c =0 -10 a h fe dc current gain i c =-1a ; v ce =-5v 80 220 c ob output capacitance i e =0 ; v cb =-20v,f=1mhz 55 pf f t transition frequency i e =-0.5a ; v cb =-5v,f=200mhz 150 mhz ? h fe classifications q r 80-160 120-220 2
inchange semiconductor product specification silicon pnp power transistors 2SA1096 2SA1096a package outline 3 fig.2 outline dimensions
inchange semiconductor product specification silicon pnp power transistors 2SA1096 2SA1096a 4
inchange semiconductor product specification silicon pnp power transistors 2SA1096 2SA1096a 5


▲Up To Search▲   

 
Price & Availability of 2SA1096

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X