Part Number Hot Search : 
IR2010 M1000 2SC5505 AD836 500000 UZ13BSB TC4584BF B25667
Product Description
Full Text Search
 

To Download 200AWMSP1T1A1M2QE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phone: 800-867-2717 fax: 763-531-8235 132 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options specifications subject to change without notice. example ordering number 200a _ wmsp2 _ t1 _ a1 _ vs2 _ q _ e specifications contact rating: dependent on contact material life expectancy: 50,000 make-and-break cycles at full load contact resistance: below 20 m typ. initial @ 2-4 vdc, 100 ma, for both silver and gold plated contacts insulation resistance: 1,000 m 1 min. dielectric strength: 1,000 v rms min. @ sea level operating temperature: -30 c to 85 c seal rated: ip67 materials case & bushing: glass filled nylon, flame retardant, heat stabilized (ul 94-v0) actuator: brass, chrome plated, internal o-ring seal standard for all actuators switch support: brass, tin plated contacts / terminals: silver or gold plated copper alloy terminal seal: epoxy how to order features & benefits variety of switching functions sub-miniature multiple actuator & bushing options sealed to ip67 applications/markets telecommunications instrumentation networking medical equipment spdt ( ) = momentary pos 1 pos 2 pos 3 model no. wmsp-1 on none on wmsp-2 on none (on) wmsp-3 on off on wmsp-4 (on) off (on) wmsp-5 on off (on) term. comm. 2 - 3 open 2 - 1 wmsp-6 off none on term. comm. open none 3-1 schematic pos 1 pos 2 pos 3 epoxy seal *only available with m2 or vs2 termination series 200a t1 t2 actuator m2 m6 m61 m7 vs2 termination q = silver r = gold contact material seal e e = epoxy sealed at base of terminal a1 bushing wmsp1 wmsp2 wmsp3 wmsp4 wmsp5 wmsp6 * wmdp1 wmdp2 wmdp3 model no. series 200a switches toggle switches - sub-miniature
www.e-switch.com info @ e-switch.com 133 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options pos 1 pos 2 pos 3 25? dpdt ( ) = momentary pos 1 pos 2 pos 3 model no. wmdp-1 on none on wmdp-2 on none (on) wmdp-3 on off on term. comm. 2-3,5-6 open 2-1,5-4 schematic actuator options bushing options termination options t2 a1 t1 m2 p.c. mounting
phone: 800-867-2717 fax: 763-531-8235 134 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options m7 m6 m61 m6 spdt spdt snap-in bracket dpdt spdt p.c. mounting p.c. mounting p.c. mounting p.c. mounting series 200a switches toggle switches - sub-miniature
www.e-switch.com info @ e-switch.com 135 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options m7 vs2 vs2 dpdt spdt dpdt p.c. mounting p.c. mounting p.c. mounting contact material options q r fixed terminal: silver plated copper alloy moving contact: silver plated copper alloy rating: 3 amps @ 120vac or 28vdc; 1 amp @ 250vac fixed terminal: copper alloy with gold plate over nickel plate moving contact: copper alloy with gold plate over nickel plate rating: 0.4 volt-amps (va) max. @ 20v max. (ac or dc)


▲Up To Search▲   

 
Price & Availability of 200AWMSP1T1A1M2QE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X