Part Number Hot Search : 
C9475M0 2SC4486 NTE1954 SPN1304S SC2608A 06010 SC2608A BTA208
Product Description
Full Text Search
 

To Download ZR4040-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  device description the zr4040-2.5 uses a ba ndgap circuit design to achieve a precision micropower voltage reference of 2.5 volts. the device is available in small outline surface mount packages, ideal for applications where space saving is important, as well as packages for through hole requirements. the zr4040-2.5 design provides a stable voltage without an external capacitor and is stable with capacitive loads. the zr4040-2.5 is recommended for operation between 60 m a and 15ma and so is ideally suited to low power and battery powered applications. excellent performance is maintained to an absolute maximum of 25ma, however the rugged design and 20 volt processing allows the reference to withstand transient effects and currents up to 200ma. superior switching capability allows the device to reach stable operating conditions in only a few microseconds. features small outline so8 and sot23 packages to92 style package no stabilising capacitor required typical t c 30ppm/c typical slope resistance 0.4 w 2% 1% and 0.5 % tolerance industrial temperature range operating current 60 m a to 15ma transient response, stable in less than 10 m s applications battery powered and portable equipment. metering and measurement systems. instrumentation. test equipment. data acquisition systems. precision power supplies. v r g nd precision 2.5 volt micropower voltage reference issue 3 - march 1998 schemetic diagram zr4040-2.5 4-173
electrical characteristics test conditions (unless otherwise stated) t amb =25c symbol parameter conditions limits tol. % units min typ max v r reverse breakdown voltage i r =150 m a 2.4875 2.475 2.45 2.5 2.5 2.5 2.5125 2.525 2.55 0.5 1 2 v i min minimum operating current 25 60 m a i r recommended operating current 0.06 15 ma t c ? average reverse breakdown voltage temp. co. i r(min) to i r(max) 30 100 ppm/c r s slope resistance 0.4 2 w z r reverse dynamic impedance i r =1ma f = 100hz i ac =0.1 i r 0.3 0.8 w e n wideband noise voltage i r = 1ma f = 10hz to 10khz 45 m v (rms) absolute maximum rating reverse current 25ma forward current 25ma operating temperature -40 to 85c storage temperature -55 to 125c power dissipation (t amb =25c) sot23 330mw so8 625mw e-line, 3 pin (to92) 500mw zr4040-2.5 0 reverse characteristics reverse voltage (v) r evers e c urren t ( m a ) 0.2 0.6 10 20 30 40 50 60 1.0 1.8 2.6 1.4 2.2 t a =25 c t a =85 c t a = -40c ? t c = ( v r ( max ) - v r ( min ) ) x 1000000 v r x ( t ( max ) - t ( min ) ) note: v r(max) - v r(min) is the maximum deviation in reference voltage measured over the full operating temperature range. r s = v r change ( i r ( min ) to i r ( max )) i r ( max ) - i r ( min ) 4-174
v i n - (v) v r - (v) transient response (i r =150 m m a) v i n - (v) v r - (v) 2.50 2.49 2.48 2.47 2.53 2.52 2.51 typical characteristics f orw ard v ol t age (v) temperature (c) reference current (ma) frequency (khz) temperature drift slope resistance v current r eferen ce v ol tage (v) s l ope r e si stanc e ( w ) time ( m s) 01 2 -40 110 0.1 slope resistance v frequency -20 0 20 40 60 80 forward characteristics forward current (ma) 0.1 1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 100 1000 i r =150 m a to 5ma 0 0.5 1.0 1 0.1 10 100 1000 10 100 1 0.1 0.01 34 0 10 0 1.0 2.0 3.0 0 10 0 1.0 2.0 3.0 0 0.1 0.2 0.3 0.4 time ( m s) input input s l ope resi s t anc e ( w ) i r =150 m a i r =1ma i r =5ma t a =25c t a =-40c t a =85c 50k output output 1k5 transient response (i r =5ma) zr4040-2.5 4-175
so8 package suffix C n8 top view sot23 package suffix C f top view C pin 1 floating or connected to pin 2 e-line, 3 pin, rev package suffix C r bottom view C pin 3 floating or connected to pin 1 part number tol% package partmark zr40402f25 2 sot23 25l zr40401f25 1 sot23 25m zr404005f25 0.5 sot23 25v zr40402n825 2 so8 zr4040225 zr40401n825 1 so8 zr4040125 zr404005n825 0.5 so8 zr4040525 zr40402r25 2 e-line * zr4040225 zr40401r25 1 e-line * zr4040125 zr404005r25 0.5 e-line * zr4040525 * e-line, 3 pin reversed zr4040-2.5 connection diagrams ordering information 4-176


▲Up To Search▲   

 
Price & Availability of ZR4040-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X