Part Number Hot Search : 
BSX59 89E515AE AP9963 40AB8B 1N5447C TC105 12015 2SJ387
Product Description
Full Text Search
 

To Download UT54ACS139 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  77 radhard msi logic UT54ACS139/ut54acts139 radiation-hardened features radiation-hardened cmos - latchup immune ? high speed ? low power consumption ? single 5 volt supply ? available qml q or v processes ? flexible package - 16-pin dip - 16-lead flatpack description the UT54ACS139 and the ut54acts139 are designed to be used in high-performance memory-decoding or data-routing ap- plications requiring very short propagation delay times. the devices consist of two individual two-line to four-line de- coders in a single package. the active-low enable input can be used as a data line in demultiplexing applications. the devices are characterized over full military temperature range of -55 c to +125 c. function table pinouts 16-pin dip top view 16-lead flatpack top view logic diagram enable inputs select inputs output g b a y0 y1 y2 y3 h x x h h h h l l l l h h h l l h h l h h l h l h h l h l h h h h h l 1 2 3 4 5 7 6 16 15 14 13 12 10 11 ig 1a 1b 1 y0 1 y1 1 y2 1 y3 v dd 2g 2a 2b 2 y0 2 y1 2 y2 8 9 v ss 2 y3 1 2 3 4 5 7 6 16 15 14 13 12 10 11 v dd 1g 1a 1b 1 y0 1 y1 1 y2 1 y3 2g 2a 2b 2 y0 2 y1 2 y2 v ss 2 y3 8 9 1 y0 1 y1 1 y2 1 y3 d a t a (4) (5) (6) (7) (1) (2) (3) 1g 1b select 2 y0 2 y1 2 y2 2 y3 (12) (11) (10) (9) (15) (14) (13) 2g 2b select 1a 2a
radhard msi logic 78 UT54ACS139/ut54acts139 logic symbol radiation hardness specifications 1 notes: 1. logic will not latchup during radiation exposure within the limits defined in the table. 2. device storage elements are immune to seu affects. absolute maximum ratings note: 1. stresses outside the listed absolute maximum ratings may cause permanent damage to the device. this is a stress rating only, functional operation of the device at these or any other conditions beyond limits indicated in the operational sections is not recommended. exposure to absolute ma ximum rating conditions for extended periods may affect device reliability. parameter limit units total dose 1.0e6 rads(si) seu threshold 2 80 mev-cm 2 /mg sel threshold 120 mev-cm 2 /mg neutron fluence 1.0e14 n/cm 2 (9) 2 y3 (2) 1a (3) 1b (1) 1g (14) 2a (13) 2b (15) 2g 2 1 (10) 2 y2 (11) 2 y1 (12) 2 y0 (7) 1 y3 (6) 1 y2 (5) 1 y1 (4) 1 y0 x/y en 1 2 0 3 (2) 1a (3) 1b (1) 1g (14) 2a (13) 2b (15) 2g 1 0 dmux 1 2 0 3 (9) 2 y3 (10) 2 y2 (11) 2 y1 (12) 2 y0 (7) 1 y3 (6) 1 y2 (5) 1 y1 (4) 1 y0 note: 1. logic symbols in accordance with ansi/ieee std 91-1984 and iec publication 617-12. g 0 3 --- symbol parameter limit units v dd supply voltage -0.3 to 7.0 v v i/o voltage any pin -.3 to v dd +.3 v t stg storage temperature range -65 to +150 c t j maximum junction temperature +175 c t ls lead temperature (soldering 5 seconds) +300 c jc thermal resistance junction to case 20 c/w i i dc input current 10 ma p d maximum power dissipation 1 w
79 radhard msi logic UT54ACS139/ut54acts139 recommended operating conditions symbol parameter limit units v dd supply voltage 4.5 to 5.5 v v in input voltage any pin 0 to v dd v t c temperature range -55 to + 125 c
radhard msi logic 80 UT54ACS139/ut54acts139 dc electrical characteristics 7 (v dd = 5.0v 10%; v ss = 0v 6 , -55 c < t c < +125 c) symbol parameter condition min max unit v il low-level input voltage 1 acts acs 0.8 .3v dd v v ih high-level input voltage 1 acts acs .5v dd .7v dd v i in input leakage current acts/acs v in = v dd or v ss -1 1 a v ol low-level output voltage 3 acts acs i ol = 8.0ma i ol = 100 a 0.40 0.25 v v oh high-level output voltage 3 acts acs i oh = -8.0ma i oh = -100 a .7v dd v dd - 0.25 v i ol output current 10 (sink) v in = v dd or v ss v ol = 0.4v 8 ma i oh output current 10 (source) v in = v dd or v ss v oh = v dd - 0.4v -8 ma i os short-circuit output current 2 ,4 acts/acs v o = v dd and v ss -200 200 ma p total power dissipation 2, 8, ,9 c l = 50pf 1.8 mw/ mhz i ddq quiescent supply current v dd = 5.5v 10 a i ddq quiescent supply current delta acts for input under test v in = v dd - 2.1v for all other inputs v in = v dd or v ss v dd = 5.5v 1.6 ma c in input capacitance 5 = 1mhz @ 0v 15 pf c out output capacitance 5 = 1mhz @ 0v 15 pf
81 radhard msi logic UT54ACS139/ut54acts139 notes: 1. functional tests are conducted in accordance with mil-std-883 with the following input test conditions: v ih = v ih (min) + 20%, - 0%; v il = v il (max) + 0%, - 50%, as specified herein, for ttl, cmos, or schmitt compatible inputs. devices may be tested using any input voltage within th e above specified range, but are guaranteed to v ih (min) and v il (max). 2. supplied as a design limit but not guaranteed or tested. 3. per mil-prf-38535, for current density 5.0e5 amps/cm 2 , the maximum product of load capacitance (per output buffer) times frequency should not exceed 3,765 pf/mhz. 4. not more than one output may be shorted at a time for maximum duration of one second. 5. capacitance measured for initial qualification and when design changes may affect the value. capacitance is measured between the designated terminal and v ss at frequency of 1mhz and a signal amplitude of 50mv rms maximum. 6. maximum allowable relative shift equals 50mv. 7. all specifications valid for radiation dose 1e6 rads(si). 8. power does not include power contribution of any ttl output sink current. 9. power dissipation specified per switching output. 10. this value is guaranteed based on characterization data, but not tested.
radhard msi logic 82 UT54ACS139/ut54acts139 ac electrical characteristics 2 (v dd = 5.0v 10%; v ss = 0v 1 , -55 c < t c < +125 c) notes: 1. maximum allowable relative shift equals 50mv. 2. all specifications valid for radiation dose 1e6 rads(si). symbol parameter minimum maximum unit t phl select to output yn 2 14 ns t plh select to output yn 2 15 ns t phl enable to output yn 2 14 ns t plh enable to output yn 2 12 ns


▲Up To Search▲   

 
Price & Availability of UT54ACS139

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X