Part Number Hot Search : 
STK0040 FRF1610 40N65 74ACT1 BR801 DR24D12 AN1071 34108
Product Description
Full Text Search
 

To Download UF4003-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics pa ra m et er sy m bo l un it maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375"(9.5mm) lead length @t a =55c peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum forward voltage at 1.0a dc maximum reverse current at rated dc blocking voltage t a =125c operating temperature range storage temperature range t a =25c maximum reverse recovery time (note 3) t ypical junction capacitance (note 1) t ypical thermal resistance (note 2) uf4001 -g 50 35 50 v rrm v rms v dc i (a v) i fsm v f i r t rr c j r ja t j t stg 1.0 30 10 50 15 60 -55 ~ +150 -55 ~ +150 v v v a a v ns pf c c a c/w notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v olts. 2. thermal resistance from junction to ambient at 0.375"(9.5mm) lead length, p .c. board mounted. 3. reverse recovery time test condition: i f =0.5a, i r =1.0a, i rr =0.25a. v oltage: 50 to 1000 v current: 1.0 a rohs device d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 4 1 features -low cost construction. -fast switching for high ef ficiency . -low reverse leakage. -high forward surge current capability . -high soldering temperature guarantee: 260c/10 seconds, 0.375(9.5mm) lead length at 5lbs(2.3kg) tension. mechanical data -case: transfer molded plastic, do-41 -epoxy: ul 94v -0 rate flame retardant -polarity: indicated by cathode band -lead: plated axial lead, solderable per mil-std- 202e, method 208c -mounting position: any -w eight: 0.33 grams uf4002 -g 100 70 100 uf4003 -g 200 140 200 uf4004 -g 400 280 400 uf4005 -g 600 420 600 uf4006 -g 800 560 800 uf4007 -g 1000 700 1000 uf4001-g thru. 07-g uf40 page 1 qw -bu006 ultra fast recovery rectifiers rev :b comchip t echnology co., l td. 0 . 2 0 5 ( 5 . 2 0 ) 1 . 0 ( 2 5 . 4 0 ) m i n . 0. 10 7( 2. 70 ) 0.0 34 (0 .90 ) 0.0 28 (0 .70 ) 0. 08 0( 2. 00 ) 0 . 1 6 0 ( 4 . 2 0 ) 1 . 0 ( 2 5 . 4 0 ) m i n . 1.0 1.7 50 75 ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%.
50 non-inductive 10 non-inductive d.u.t . 1 non inductive oscilloscope (note 1) pulse generator (note 2) (+) 25vdc (approx) (-) (-) notes:1.rise time=7ns max. input impedance=1m , 22pf 2.rise time=10ns max. source impedance=50 set time base for 50/100ns/cm 1cm -1.0a 0 +0.5a -0.25a t rr page 2 qw -bu006 ultra fast recovery rectifiers rev :b comchip t echnology co., l td. rating and characteristic curves (uf4001 ) -g thru. uf4007-g fig.2 max. non-repetitive peak forward surge current 0 f s m , p e a k f o r w a r d s u r g e c u r r e n t ( a ) number of cycles at 60hz 1 fig.1 t ypical forward current derating curve i ( a v ) , a v e r a g e f o r w a r d c u r r e n t ( a ) o t a , ambient t emperature ( c) 0 2 5 7 5 1 7 5 fig.3 t ypical instantaneous forward characteristics 0 . 0 1 i f , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) v f , instantaneous forward v oltage (v) 1 2 0 0 . 6 1 . 0 1 . 4 0 0 . 6 1 . 0 1 . 6 2 . 0 1 0 0 1 5 3 5 1 . 2 0 . 1 fig.4 t ypical reverse characteristics 0 . 1 i r , i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) percent of peak reverse v oltage (%) 1 0 1 0 0 1 1 0 0 1 2 5 0 . 4 0 . 8 0 . 8 1 . 8 fig.5 t ypical junction capacitance 1 0 c j , c a p a c i t a n c e ( p f ) v r , reverse v oltage (v) 1 0 0 0 0 . 1 1 0 1 0 0 1 0 0 5 0 1 5 0 0 . 2 1 0 5 1 0 2 5 3 0 1 . 2 0 4 0 8 0 1 0 0 1 4 0 2 0 1 2 0 6 0 1 single phase half wave, 60hz resistive or inductive load 0.375"(9.5mm) lead length 2 0 8.3ms, single half sine-wave, jedec method. t j =t jmax 1 cycle 1 0 pulse width=300 s. 1% duty cycle o t j =25 c u f 4 0 g ~ u 4 0 - g 0 1 - f 0 4 f 4 0 0 g f 4 0 0 g u 5 - ~ u 7 - o t j =100 c o t j =25 c o t j =150 c f=1mhz o t j =25 c v sig =50mv p-p fig.6 t est circuit of reverse recovery t ime characteristics
ultra fast recovery rectifiers b specification for axial- lead rectifiers ammo box packaging l 1 l 2 e a z t e 90 5 b z t e l 1 - l 2 d o - 4 1 s y m b o l a ( m m ) ( i n c h ) l h w 5 2 . 4 1 . 5 1 . 2 6 . 0 0 . 4 0 . 8 ( m a x ) 1 . 0 ( m a x ) 5 . 0 0 . 5 2 . 0 6 3 0 . 0 5 9 0 . 0 4 8 0 . 2 3 6 0 . 0 1 6 0 . 0 3 2 ( m a x ) 0 . 0 4 0 ( m a x ) 0 . 1 9 7 0 . 0 2 0 s y m b o l bo x le ng th ( m m ) ( i n c h ) 2 4 5 . 0 5 . 0 9 . 6 4 6 0 . 1 9 7 bo x wid th 7 5 . 0 5 . 0 2 . 9 5 3 0 . 1 9 7 bo x he ig ht 9 0 . 0 5 . 0 3 . 5 4 3 0 . 1 9 7 d o - 4 1 c o m c h i p s m d d i o d e s p e c i a l i s t page 3 qw -bu006 rev :b comchip t echnology co., l td. c a s e t y p e d o - 4 1 b o x ( p c s ) a m m o p a c k c a r t o n ( p c s ) 2 , 5 0 0 4 5 , 0 0 0 standard packaging


▲Up To Search▲   

 
Price & Availability of UF4003-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X