Part Number Hot Search : 
ML920 00850 HCT32 G3U7818 20M45 SEMIX453 48S05 MMBT4403
Product Description
Full Text Search
 

To Download TDA2051V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tda2051 40w hi-fi audio power amplifier high output power (60w/4 w music power iec 268.3 rules) high operating supply voltage ( 25v) single or split supply operations very low distortion short circuit protection (out to gnd) thermal shutdown description the tda 2051 is a monolithic integrated circuit in pentawatt package, intended for use as an audio class ab amplifier. thanks to its high power capa- bility the tda2051 is able to provide up to 40w typ. into 4 ohm load @ thd = 10%, v s = 18v, f = 1khz and up to 33w into 8ohm load @ thd = 10%, v s = 22v, f = 1khz. moreover, the tda 2051 delivers typically 60w music power into 4 ohm load over 1 sec at v s = 22.5v, f = 1khz. the very low harmonic and crossover distortion performances make the device the most suitable for hi-fi field application. the low external component count and the good power dissipation capability of the pentawatt package allowes stereo sets reduced in cost/space due to both, low number of external parts and reduced heatsink area due to optimized heatsink efficiency. this is advanced information on a new product now in development or undergoing evaluation. details are subject to change without notice. march 1991 this is advanced information on a new product now in development or undergoing evaluation. details are subject to change without notice. test and application circuit pentawatt v ordering numbers: TDA2051V tda2051h 1/1


▲Up To Search▲   

 
Price & Availability of TDA2051V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X