Part Number Hot Search : 
ONTROL HHM1545 EPD1007G DLT431H LT1526J IKW50 SP12VDCR 75N06HD
Product Description
Full Text Search
 

To Download TB0640L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30359 rev. 4 - 2 1 of 4 TB0640L - tb3500l www.diodes.com  diodes incorporated TB0640L - tb3500l 30a bi-directional surface mount thyristor surge protective device features  30a peak pulse current @ 10/1000  s  150a peak pulse current @ 8/20  s  58 - 320v stand-off voltages  oxide-glass passivated junction  bi-directional protection in a single device  high off-state impedance and low on-state voltage  helps equipment meet gr-1089-core, iec 61000-4-5, fcc part 68, itu-t k.20/k.21, and ul497b  ul listed under recognized component index, file number 156346 mechanical data  case: smb, molded plastic  plastic material: ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solder plated terminal - solderable per mil-std-202, method 208  polarity: none; bi-directional devices have no polarity indicator  weight: 0.093 grams (approx.)  marking: date code and marking code (see page 4)  ordering information: see page 4 single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. b a c d f h e g characteristic symbol value unit non-repetitive peak impulse current @10/1000us i pp 30 a non-repetitive peak on-state current @8.3ms (one-half cycle) i tsm 15 a junction temperature range t j -40 to +150  c storage temperature range t stg -55 to +150  c thermal resistance, junction to lead r  jl 30 c/w thermal resistance, junction to ambient r  ja 120 c/w typical positive temperature coefficient for breakdown voltage  vbr/  t j 0.1 %/c smb dim min max a 4.06 4.57 b 3.30 3.94 c 1.96 2.21 d 0.15 0.31 e 5.21 5.59 f 0.05 0.20 g 2.01 2.62 h 0.76 1.52 all dimensions in mm maximum ratings @ t a = 25  c unless otherwise specified maximum rated surge waveform waveform standard ipp (a) 2/10 us gr-1089-core 200 8/20 us iec 61000-4-5 150 10/160 us fcc part 68 100 10/700 us itu-t, k.20/k.21 60 10/560 us fcc part 68 50 10/1000 us gr-1089-core 30 0 time 100 50 0 i , peak pul s e c urrent (%) pp peak value (i ) pp half value t = rise time to peak value r t = decay time to half value p t r t p t c u d o r p w e n
ds30359 rev. 4 - 2 2 of 4 TB0640L - tb3500l www.diodes.com electrical characteristics @ t a = 25  c unless otherwise specified part number rated repetitive off-state voltage off-state leakage current @ v drm breakover voltage on-state voltage @ i t = 1a breakover current i bo holding current i h off-state capacitance marking code v drm (v) i drm (ua) v bo (v) v t (v) min (ma) max (ma) min (ma) max (ma) c o (pf) TB0640L 58 5 77 3.5 50 800 150 800 100 t064l tb0720l 65 5 88 3.5 50 800 150 800 100 t072l tb0900l 75 5 98 3.5 50 800 150 800 100 t090l tb1100l 90 5 130 3.5 50 800 150 800 60 t110l tb1300l 120 5 160 3.5 50 800 150 800 60 t130l tb1500l 140 5 180 3.5 50 800 150 800 60 t150l tb1800l 160 5 220 3.5 50 800 150 800 60 t180l tb2300l 190 5 265 3.5 50 800 150 800 40 t230l tb2600l 220 5 300 3.5 50 800 150 800 40 t260l tb3100l 275 5 350 3.5 50 800 150 800 40 t310l tb3500l 320 5 400 3.5 50 800 150 800 40 t350l symbol parameter v drm stand-off voltage i drm leakage current at stand-off voltage v br breakdown voltage i br breakdown current v bo breakover voltage i bo breakover current i h holding current note: 1 v t on state voltage i pp peak pulse current c o off-state capacitance note: 2 notes: 1. i h > (v l /r l ) if this criterion is not obeyed, the tspd triggers but does not return correctly to high-resistance state. the surge recovery time does not exceed 30ms. 2. off-state capacitance measured at f = 1.0mhz, 1.0v rms signal, v r = 2v dc bias. i bo v br v drm v t v bo i h i v i br i drm i pp t c u d o r p w e n
ds30359 rev. 4 - 2 3 of 4 TB0640L - tb3500l www.diodes.com 0.9 t , junction j temperature (c) fig. 2 relative variation of breakdown voltage vs. junction tem p erature v=(t) br j v = (t = 25c) br j 0.95 1 1.05 1.1 1.15 1 . 2 -50 -25 0 25 50 75 100 125 150 175 normalized breakdown voltage 1 10 100 1 25 4 3 7 6 9 8 i , on-state current (a) t v , on-state voltage (v) t fi g . 4 on-state current vs. on-state volta g e t = 25c j 0 0.5 1 1.5 2 -50 -25 0 25 50 100 75 125 normalized holding current t , junction temperature (c) j fig. 5 relative variation of holding current vs. junction tem p erature i=(t) hj i=(t=25c) hj 0.1 1 1 10 100 normalized capacitance v , reverse voltage (v) r fig. 6 relative variation of junction capacitance vs. reverse volta g e bias c = (v ) or c = (v = 1v) or t = 25c j f=1mhz v rms =1v t c u d o r p w e n 1 1.05 0.95 -50 normalized breakdown voltage t , junction temperature (oc) j fig. 3 relative variation of breakover voltage vs. junction tem p erature 1 . 1 -25 0 75 50 25 125 100 175 150 v=(t) bo j v = (t = 25c) bo j t , junction temperature (c) j fi g . 1 off-state current vs. junction temperature 0.001 0.01 1 0.1 10 100 -25 0 25 50 75 100 125 150 v = 50v drm
ds30359 rev. 4 - 2 4 of 4 TB0640L - tb3500l www.diodes.com t c u d o r p w e n ordering information (note 3) notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. marking information date code key device packaging shipping TB0640L-13 tb0720l-13 tb0900l-13 tb1100l-13 tb1300l-13 tb1500l-13 tb1800l-13 tb2300l-13 tb2600l-13 tb3100l-13 tb3500l-13 smb 3000/tape & reel xxxxx yww xxxxx = product type marking code yww = date code marking y = year ex: 2 = 2002 ww = week year 2002 2003 2004 2005 2006 2007 2008 2009 code 2 3 4 5 678 9


▲Up To Search▲   

 
Price & Availability of TB0640L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X