Part Number Hot Search : 
C152H STA335A BDT61A ATTINY85 C1648X NCP1205P UC3843 IN4731
Product Description
Full Text Search
 

To Download SG-8002DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  actual size http://www.epsontoyocom.co.jp c r y s t a l os c i l l a t or c r y s t a l os c i l l a t or c r y s t a l os c i l l a t or c r y s t a l os c i l l a t or eps o n t o y o c o m eps o n t o y o c o m eps o n t o y o c o m eps o n t o y o c o m s p ecifications ( characteristics ) specifications * 2 item symbol pt / st ph / sh pc / sc remarks 1 mhz to 125 mhz - v cc =4.5 v to 5.5 v - 1 mhz to 125 mhz v cc =3.0 v to 3.6 v output frequency range f 0 - 1 mhz to 66.7 mhz v cc =2.7 v to 3.6 v supply voltage v cc 4.5 v to 5.5 v 2.7 v to 3.6 v storage temperature t_stg -55 c to +125 c store as bare product after unpacking temperature range operating temperature t_use -20 c to +70 c (-40 c to +85 c) -40 c to +85 c refer to ?outline specifications? (frequency range) b: 50 10 -6 ,c: 100 10 -6 -20 c to +70 c frequency tolerance f_tol m: 100 10 -6 -40 c to +85 c * 3 current consumption icc 45 ma max. 28 ma max. no load condition, max. frequency disable current i_dis 30 ma max. 16 ma max. oe=gnd(pt,ph,pc) stand-by current i_std 50 a ma x. st =gnd(st,sh,sc) - 40 % to 60 % cmos load:50%vcc level, max. load condition symmetry * 1 sym 40 % to 60 % - ttl load: 1.4 v level, max. load condition high output voltage v oh v cc -0.4 v min. i oh =-16 ma(pt,st,ph,sh),-8 ma(pc,sc) low output voltage v ol 0.4 v max. i ol =16 ma(pt,st,ph,sh), 8 ma(pc,sc) output load condition (ttl) * 1 l_ttl 5 ttl max. - output load condition (cmos) * 1 l_cmos 15 pf max. 25 pf max. 15 pf max. max. frequency and max. supply voltage v ih 2.0 v min. 70 % v cc min. output enable / disable input voltage v il 0.8 v max. 20 % v cc ma x. st terminal or oe terminal - 3 ns max. cmos load: 20 % v cc to 80 % v cc level rise time / fall time * 1 t r / t f 4 ns max. - ttl load: 0.4 v to 2.4 v level start-up time t_str 10 ms max. time at minimum supply voltage to be 0 s frequency aging f_aging 5 10 -6 / year max. +25 c, v cc =5.0 v/ 3.3 v (pc/sc) first year * 1 operating temperature (-40 c to +85 c), the available frequency, symmetry and output load conditions, please refer to ?outline specifications? page. * 2 pll-pll connection & jitter specification, please refer to ?jitter specifications and characteristics chart? page. * 3 pt / st and ph / sh for ?m? tolerance will be available up to 55 mhz. checking possible by the frequency checking program. external dimensions ( unit:mm ) ? . sg-8002dc SG-8002DB crystal oscillator programmable sg - 8002dc / db series ? frequency range : 1 mhz to 125 mhz ? supply voltage : 3.3 v or 5.0 v ? functio n : output enable(oe) or standby( st ) pin compatible with full size and half size. ? short mass production lead time by pll technology. ? sg-writer available to purchase. please contact epson toyocom or local sales representative. SG-8002DB sg-8002dc note. oe pin (pt, ph, pc) oe pin = "h" or "open" : specified frequency output. oe pin = "l" : output is high impedance. st pin (st, sh, sc) st pin = "h" or "open" : specified frequency output. st pin = "l" : output is low level (weak pull - down), oscillation stops. 19.8 max. 6.36 0.51 15.24 0.2 min. 2.54 min. 5.3 max. 7.62 0.25 90 ~105 13.7 max. 6.6 0.51 7.62 0.2min. 2.54 min. 5.3 max. 7.62 0.25 90 ~105 epson 2ph 9357b 16.0000 c 2ph epson 9357b 100.0000 c pin map pin connection 1 oe or st 4 gnd 5 out 8 v cc pin map pin connection 1 oe or st 7 gnd 8 out 14 v cc #1 #4 #5 #8 #1 #7 #8 #14 product number (please contact us) sg-8002dc: q3204dcx1xxxx00 SG-8002DB: q3203dbx1xxxx00
http://www.epsontoyocom.co.jp crystal o crystal o crystal o crystal oscillator scillator scillator scillator epson toyocom epson toyocom epson toyocom epson toyocom sg-8002 series_ outline of specifications ? item model current consump tion supply vo l t age output load condition output rise time output fall time symme try fu ncti on ph oe sh 30 ma ma x. 4.5 v to 5.5 v 15 pf 3.0 ns max. (20 % v cc to 80 % v cc ,l_cmos=max.) 40 % to 60 %(50 % v cc , l_cmos=15 pf, f 0 80 mhz/-40 c to+85 c) st pc oe sg-8002lb (soj 4-pin) sc 28 ma ma x. 3.0 v to 3.6 v (2.7 v to 3.6 v) 15 pf 3.0 ns max. (20 % v cc to 80 % v cc , l_cmos=max.) 45 % to 55 %(50 % v cc , l_cmos=15 pf, v cc =3.0 v to 3.6 v, f 0 40 mhz) 40 % to 60 %(50 % v cc , l_cmos=15 pf, v cc =3.0 v to 3.6 v, f 0 125 mhz) (50 % v cc , l_cmos=15 pf, v cc =2.7 v to 3.6 v, f 0 66.7 mhz) st pt oe st 5 ttl+15 pf ( f 0 125 mhz/-20 c to+70 c) 25 pf ( f 0 66.7 mhz/-20 c to+70 c) 5 ttl+15 pf ( f 0 40 mhz/-40 c to +85 c) 15 pf( f 0 55 mhz/-40 c to +85 c) 2.0 ns max. (0.8 v to 2.0 v,l_cmos or l_ttl=max.) 4.0 ns max. (0.4 v to 2.4 v,l_cmos or l_ttl=max.) 45 % to 55 %(1.4 v, l_ttl=5 ttl+15 pf, f 0 66.7 mhz/-20 c to +70 c) (1.4 v, l_ttl=5 ttl+15 pf, f 0 40.0 mhz/-40 c to +85 c) 40 % to 60 %(1.4 v, l_ttl=5 ttl+15 pf, f 0 125 mhz/-20 c to +70 c) (1.4 v, l_cmos=25 pf, f 0 66.7 mhz/-20 c to +70 c) (1.4 v, l_cmos=15 pf, f 0 55.0 mhz/-40 c to +85 c) st ph oe sh 45 ma ma x. 4.5 v to 5.5 v 25 pf ( f 0 125 mhz/-20 c to+70 c) 50 pf ( f 0 66.7 mhz/-20 c to+70 c) 15 pf ( f 0 55 mhz/-40 c to+85 c) 25 pf ( f 0 40 mhz/-40 c to+85 c) 3.0 ns max. (20 % v cc to 80 % v cc ,l_cmos 25) 4.0 ns max. (20 % v cc to 80 % v cc ,l_cmos=max.) 45 % to 55 %(50 % v cc , l_cmos=25 pf, f 0 66.7 mhz/-20 c to +70 c) (50 % v cc , l_mos=25 pf, f 0 40.0 mhz/-40 c to +85 c) 40 % to 60 %(50 % v cc , l_cmos=25 pf, f 0 125 mhz/-20 c to +70 c) (50 % v cc , l_cmos=50 pf, f 0 66.7 mhz/-20 c to+70 c) (50 % v cc , l_cmos=15 pf, f 0 55.0 mhz/-40 c to +85 c) st pc oe sg-8002ca (son) sg-8002ja (soj 4-pin) SG-8002DB (dip 14-pin) sg-8002dc (dip 8-pin) sc 28 ma ma x. 3.0 v to 3.6 v (2.7 v to 3.6 v) 15 pf ( f 0 66.7 mhz/2.7 to 3.6 v) 15 pf ( f 0 125 mhz/3.0 to 3.6 v) 30 pf ( f 0 40 mhz/3.0 to 3.6 v) 3.0 ns max. (20 % v cc to 80 % v cc ,l_cmos 15) 4.0 ns max. (20 % v cc to 80 % v cc ,l_cmos=max.) 45 % to 55 %(50 % v cc , l_cmos=30 pf, v cc =3.0 v to 3.6 v, f 0 40 mhz) 40 % to 60 %(50 % v cc , l_cmos=15 pf, v cc =3.0 v to 3.6 v, f 0 125 mhz) (50 % v cc , l_cmos=15 pf, v cc =2.7 v to 3.6 v, f 0 66.7 mhz) st pt oe st 5ttl + 15 pf ( f 0 90 mhz/-20 to+70 c) 15 pf ( f 0 125 mhz/-20 c to +70 c) 25 pf ( f 0 66.7 mhz/-20 c to+70 c) 2.0 ns max. (0.8 v to 2.0 v,l_cmos or l_ttl=max.) 4.0 ns max. (0.4 v to 2.4 v,l_cmos or l_ttl=max.) 45 % to 55 %(1.4 v,l_ttl=5 ttl+15 pf, f 0 66.7 mhz/-20 c to+70 c) 40 % to 60 %(1.4 v,l_ttl=5 ttl+15 pf, f 0 90.0 mhz/-20 c to+70 c) (1.4 v,l_cmos=25 pf, f 0 66.7 mhz/-20 c to +70 c) (1.4 v,l_cmos=15 pf, f 0 125 mhz/-20 c to +70 c) st ph oe sh 45 ma ma x. 4.5 v to 5.5 v 15 pf ( f 0 125 mhz/-20 c to+70 c) 25 pf ( f 0 90 mhz/-20 c to+70 c) 50 pf ( f 0 66.7 mhz/-20 c to+70 c) 3.0 ns max. (20 % v cc to 80 % v cc ,l_cmos 25) 4.0 ns max. (20 % v cc to 80 % v cc ,l_cmos=max.) 45 % to 55 %(50 % v cc , l_cmos=25 pf, f 0 66.7 mhz/-20 c to +70 c) 40 % to 60 %(50 % v cc , l_cmos=15 pf, f 0 125 mhz/-20 c to +70 c) (50 % v cc , l_cmos=25 pf, f 0 90 mhz/-20 c to +70 c) (50 % v cc , l_cmos=50 pf, f 0 50 mhz/-20 c to +70 c) st pc oe sg-8002jc (soj 4-pin) sc 28 ma ma x. 3.0 v to 3.6 v (2.7 v to 3.6 v) 15 pf ( f 0 66.7 mhz/2.7 to 3.6 v) 15 pf ( f 0 125 mhz/3.0 to 3.6 v) 30 pf ( f 0 40 mhz/3.0 to3.6 v) 3.0 ns max. (20 % v cc to 80 % v cc ,l_cmos 15 ) 4.0 ns max. (20 % v cc to 80 % v cc ,l_cmos=max.) 45 % to 55 %(50 % v cc , l_cmos=30 pf, v cc =3.0 v to 3.6 v, f 0 40 mhz) 40 % to 60 %(50 % v cc , l_cmos=15 pf, v cc =3.0 v to 3.6 v, f 0 125 mhz) (50 % v cc , l_cmos=15 pf, v cc =2.7 v to 3.6 v, f 0 66.7 mhz) st pt oe st 15 pf ( f 0 125 mhz/-20 c to +70 c ) 25 pf ( f 0 66.7 mhz/-20 c to+70 c) 5ttl + 15 pf ( f 0 90 mhz/-20 c to +70 c) 15 pf ( f 0 40 mhz/-40 c to +85 c) 2.0 ns max. (0.8 v to 2.0 v,l_cmos 25) 4.0 ns max. (0.4 v to 2.4 v,l_cmos or l_ttl=max.) 45 % to 55 %(1.4 v, l_ttl=5 ttl+15 pf, f 0 66.7 mhz/-20 c to+70 c) 40 % to 60 %(1.4 v, l_ttl=5 ttl+15 pf, f 0 90 mhz/-20 c to +70 c) (1.4 v, l_cmos=25 pf, f 0 66.7 mhz/-20 c to +70 c) (1.4 v, l_cmos=15 pf, f 0 125 mhz/-20 c to +70 c) (1.4 v, l_cmos=15 pf, f 0 40 mhz/-40 c to +85 c) st ph oe sh 45 ma ma x. 4.5 v to 5.5 v 15 pf ( f 0 125 mhz/-20 c to+70 c ) 25 pf ( f 0 90 mhz/-20 c to+70 c) 50 pf ( f 0 50 mhz/-20 c to+70 c) 15 pf ( f 0 40 mhz/-40 c to+85 c) 3.0 ns max. (20 % v cc to 80 % v cc ,l_cmos 25) 4.0 ns max. (20 % v cc to 80 % v cc ,l_cmos=max.) 45 % to 55 %(50 % v cc , l_cmos=25 pf, f 0 66.7 mhz/-20 c to +70 c) 40 % to 60 %(50 % v cc , l_cmos=25 pf, f 0 90.0 mhz/-20 c to +70 c) (50 % v cc , l_cmos=50 pf, f 0 50.0 mhz/-20 c to+70 c) (50 % v cc , l_cmos=15 pf, f 0 125 mhz/-20 c to+70 c) (50 % v cc , l_cmos=15 pf, f 0 40 mhz/-40 c to+85 c) st pc oe sg-8002jf (soj 4-pin) sc 28 ma ma x. 3.0 v to 3.6 v (2.7 v to 3.6 v) 15 pf( f 0 66.7 mhz/2.7 to 3.6 v) 15 pf( f 0 125 mhz/3.0 to 3.6 v) 30 pf( f 0 40 mhz/3.0 to 3.6 v) 3.0 ns max. (20 % v cc to 80 % v cc ,l_cmos 15) 4.0 ns max. (20 % v cc to 80 % v cc ,l_cmos=max.) 45 % to 55 %(50 % v cc , cl=30 pf, v cc =3.0 v to 3.6 v, f 0 40 mhz) 40 % to 60 %(50 % v cc , cl=15 pf, v cc =3.0 v to 3.6 v, f 0 125 mhz) (50 % v cc , cl=15 pf, v cc =2.7 v to 3.6 v, f 0 66.7 mhz) st pt oe st 5 ttl+15 pf ( f 0 125 mhz/-20 c to + 70 c) 5 ttl+15 pf ( f 0 27 mhz/-40 c to +85 c ) 2.0 ns max. (0.8 v to 2.0 v,l_ttl=max.) 4.0 ns max. (0.4 v to 2.4 v,l_ttl=max.) 45 % to 55 %(1.4 v, l_ttl=5 ttl+15 pf, f 0 66.7 mhz/-20 c to +70 c) (1.4 v, l_ttl=5 ttl+15 pf, f 0 27.0 mhz/-40 c to + 85 c) 40 % to 60 %(1.4 v, l_ttl=5 ttl+15 pf, f 0 125 mhz/-20 c to +70 c) st ph oe sh 40 ma ma x. 4.5 v to 5.5 v 15 pf ( f 0 125 mhz/-20 c to +70 c ) 25 pf ( f 0 100 mhz/-20 c to+70 c ) 25 pf ( f 0 27 mhz/-40 c to +85 c ) 3.0 ns max. (20 % v cc to 80 % v cc ,l_cmos=max.) 45 % to 55 %(50 % v cc , l_cmos=25 pf, f 0 66.7 mhz/-20 c to +70 c) (50 % v cc , l_cmos=25 pf, f 0 27.0 mhz/-40 c to + 85 c) 40 % to 60 %(50 % v cc , l_cmos=15 pf, f 0 125 mhz/-20 c to +70 c) st pc oe sg-8002ce (son) sc 28 ma ma x. 3.0 v to 3.6 v (2.7 v to 3.6 v) 15 pf ( f 0 66.7 mhz/2.7 to 3.6 v) 15 pf ( f 0 125 mhz/3.0 to 3.6 v) 3.0 ns max. (20 % v cc to 80 % v cc , l_cmos=max.) 45 % to 55 %(50 % v cc , l_cmos=15 pf, v cc =3.0 v to 3.6 v, f 0 40 mhz) 40 % to 60 %(50 % v cc , l_cmos=15 pf, v cc =3.0 v to 3.6 v, f 0 125 mhz) (50 % v cc , l_cmos=15 pf, v cc =2.7 v to 3.6 v, f 0 66.7 mhz) st ? table of frequency range model supply voltage ? frequency tolerance operatingtemperature ? frequency 1 mhz 50 mhz 100 mhz 125 mhz b,c 1.0 mhz 125 mhz pt/ st ph/ sh 4.5 v to 5.5 v m 1.0 mhz 27 mhz sg-8002ce pc/sc 3.0 v to 3.6 v (2.7 v to 3.6 v) b,c,m 1.0 mhz 125 mhz * 2.7 v to 3.6 v : 1.0 mhz to 66.7 mhz b,c 1.0 mhz 80 mhz ph/ sh 5.0 v0.5 v m,l 1.0 mhz 27 mhz sg-8002lb pc/ sc 3.3 v0.3 v b,c,m,l 1.0 mhz 125 mhz * 2.7 v to 3.6 v : 1.0 mhz to 66.7 mhz b,c 1.0 mhz 125 mhz pt/ st ph/ sh 4.5 v to 5.5 v m 1.0 mhz 40 mhz sg-8002jf pc sc 3.0 v to 3.6 v (2.7 v to 3.6 v) b,c,m 1.0 mhz 125 mhz * 2.7 v to 3.6 v : 1.0 mhz to 66.7 mhz b,c 1.0 mhz 125 mhz pt/ st ph/ sh 4.5 v to 5.5 v m 1.0 mhz 55 mhz sg-8002ca sg-8002ja SG-8002DB sg-8002dc pc/ sc 3.0 v to 3.6 v (2.7 v to 3.6 v) b,c,m 1.0 mhz 125 mhz * 2.7 v to 3.6 v : 1.0 mhz to 66.7 mhz pt/ st ph/ sh 4.5 v to 5.5 v b c 1.0 mhz 125 mhz sg-8002jc pc/ sc 3.0 v to 3.6 v (2.7 v to 3.6 v) b c 1.0 mhz 125 mhz * 2.7 v to 3.6 v : 1.0 mhz to 66.7 mhz frequency tolerance : b:5010 -6 (-20 c to +70 c ), c:10010 -6 (-20 c to +70 c ), m:10010 -6 (-40 c to +85 c ), l:5010 -6 (-40 c to +85 c )
http://www.epsontoyocom.co.jp crystal oscillator crystal oscillator crystal oscillator crystal oscillator epson toyocom epson toyocom epson toyocom epson toyocom sg / hg-8002 series_ jitter specifications and characteristics chart pll-pll connection because we use a pll technology, there are a few cases that the jitter value will increase when sg-8002 is connected to anoth er pll-oscillator. in our experience, we are unable to recommend these products for the applications such as telecom carrier use or analog video clock use. please be careful checking in advance for these application (jitter specification is max.250 ps/cl= 1 5 pf) jitter specifications model supply voltage jitter item specifications remarks 1 50 ps max. 33 mhz f 0 1 25 mhz, l_cmos= 1 5 pf cycle to cycle 200 ps max. 1 .0 mhz f 0 < 33 mhz, l_cmos= 1 5 pf 200 ps max. 33 mhz f 0 1 25 mhz, l_cmos= 1 5 pf pt / ph st / sh 5.0 v 0.5 v peak to peak 250 ps max. 1 .0 mhz f 0 < 33 mhz, l_cmos= 1 5 pf cycle to cycle 200 ps max. 1 .0 mhz f 0 1 25 mhz, l_cmos= 1 5 pf sc / pc 3.3 v 0.3 v peak to peak 250 ps max. 1 .0 mhz f 0 1 25 mhz, l_cmos= 1 5 pf remarks on noise management for power supply line we do not recommend inserting filters or other devices in the power supply line as the counter measure of emi noise reduction . this device insertion might cause high-frequency impedance high in the power supply line and it affects oscillator stable dri ve. when this measure is required, please evaluate circuitry and device behavior in the circuit and verify that it will not affec t oscillation. start up time (0 % v cc to 90 % v cc ) of power source should be more than 1 50 s. sg-8002 series characteristics chart v cc =5.0 v 25 pf frequency(mhz) 0 current consumption (v cc =5 .0 v) 20 40 60 80 1 00 1 20 1 40 1 0 20 30 40 50 i cc (ma) frequency(mhz) 0 disable current (v cc =5.0v) 20 40 60 80 1 00 1 20 1 40 1 0 20 30 40 50 i _dis (ma) v cc (v) i _std ( a) 2.5 stand-by current 3.0 3.5 4.0 4.5 5.0 5.5 6.0 1 0 20 30 40 50 frequency(mhz) 0 symmetry 5.0v ttl level 20 40 60 80 1 00 1 20 1 40 40 45 50 55 60 symmetry (%) 0 symmetry 3.3 v cmos level 20 40 60 80 1 00 1 20 1 40 40 45 50 55 60 frequency(mhz) symmetry (%) 0 symmetry 5.0 v cmos level 20 40 60 80 1 00 1 20 1 40 40 45 50 55 60 frequency(mhz) symmetry (%) 0 frequency(mhz) output load vs. additi onal current consum pti on 20 40 60 80 1 00 1 20 1 40 2 4 6 8 1 0 1 2 1 4 1 6 1 8 20 2.5 v cc (v) voltage coefficient [ v cc vs i_di s,i_std ] 3.0 3.5 4.0 4.5 5.0 5.5 6.0 0.2 0.4 0.6 times 0.8 1 .0 1 .2 1 .4 1 .6 1 .8 2.0 rise time (ns) 1 0 output rise time (cmos level) 1 5 20 25 30 35 40 45 1 .0 1 .5 2.0 3.0 2.5 load capacitance (pf) 50 55 output fall time (cmos level) 3.0 1 0 1 5 20 25 30 35 40 45 1 .0 1 .5 2.0 2.5 load capacitance (pf) fall time ( ns ) 50 55 1 0 output fall time (ttl level) 1 5 20 25 30 1 .0 1 .5 2.0 load capacitance (pf) fall time (ns) out p ut rise time ( ttl level ) 1 0 1 5 20 25 30 1 .0 1 .5 2.0 load capacitance (pf) rise time (ns) 1 5 pf 50 pf 1 5 pf 30 pf 25 pf 1 5 pf i_dis(va)=times(va)i_dis(5.0v) i_std(va)=times(va)i_std(5.0v) 25 pf 1 5 pf 50 pf 30 pf 5.0 v 5.5 v 4.5 v 3.3 v 3.6 v 3.0 v 3.3 v 3.6 v 3.0 v 5.0 v 5.5 v 4.5 v 5.0 v 5.5 v 4.5 v 5.0 v 5.5 v 4.5 v 2.7 v 2.7 v 25 pf a dditional value (ma)
?qmems? epson toyocom in order to meet customer needs in a rapidly advancing digital, broadband and ubiquitous society, we are committed to offering products that are one step ahead of the market and a rank above the rest in quality. to achieve our goals, we follow a ?3d (three device) strategy? designed to drive both horizontal and vertical growth. we will to grow our three device categories of ?timing devices?, ?sensing devices? and ?optical devices?, and expand vertical growth through a combination of products from these categories. a quartz mems is any high added value quartz device that exploits the characteristics of quartz crystal material but that is produced using mems (micro-electro-mechanical system) processing technology. market needs are advancing faster than previously imagined toward smaller, more stable crystal products, but we will stay ah ead of the curve by rolling out products that exceed market speed and quality requirements. we want to further accelerate the 3d strategy by qmems. quartz devices have become crucial in the network environment where products are increasingly intended for broadband, ubiquitous applications and where various types of terminals can transfer information almost immediately via lan and wan on a global scale. epson toyocom corporation addresses every single aspect within a network environment. the new corporation offers ?digital convergence? solutions to problems arising with products for consumer use, such as, core network systems and automoti ve systems. promotion of environmental management system conforming to international standards at epson toyocom, all environmental initiatives operate under the plan-do-check-action(pdca) cycle designed to achieve continuous improvements. the environmental management system (ems) operates under the iso 14001 environmental management standard. all of our major manufacturing and non-manufacturing sites,in japan and overseas, completed the acquisition of iso 14001 certif ication. in the future, new group companies will be expected to acquire the certification around the third year of operations. working for high quality in order provide high quality and reliable products and services than meet customer needs, epson toyocom made early efforts towards obtaining iso9000 series certification and has acquired iso9001 for all business estab lishme nts i n japa n and abroad. we have also acquired iso/ts 16949 certification that is requested strongly by major automotive manufacturers as st andard. ? explanation of the mark that are using it for the catalog ? pb free. ? complies with eu rohs directive. ? pb free terminal designed. contains pb in products exempted by rohs directive. ? ? ? ? (contains pb in sealing glass, high melting temperature type solder or other.) ? complies with eu rohs directive. ? the products have been designed for high reliability applications such as automotive. notice this material is subject to change without notice. any part of this material may not be reproduced or duplicated in any form or any means without the written permission of epson to y o c o m . the information, applied circuitry, programming, usage, etc., written in this material is intended for reference only. epson to yocom does not assume any liability for the occurrence of infringing on any patent or copyright of a third party. this material does not autho rize the licensing for any patent or intellectual copyrights. any product described in this material may contain technology or the subject relating to strategic products under the control o f the foreign exchange and foreign trade law of japan and may require an export license from the ministry of international trade and industry or other approval from another government agency. ? ? ? ? you are requested not to use the products (and any technical information furnished, if any) for the development and/or manufact ure of weapon of mass destruction or for other military purposes. you are also requested that you would not make the products available to an y third party who may use the products for such prohibited purposes. these products are intended for general use in electronic equipment. when using them in specific applications that require extr emely high reliability, such as the applications stated below, you must obtain permission from epson toyocom in advance. / space equipment (artificial satellites, rockets, etc.) / transportation vehicles and related (automobiles, aircraft, trains, vessels, etc.) / medical instruments to sustain life / submarine transmitters / power stations and related / fire work equipment and securit y equipment / traffic control equipment / and others requiring equivalent reliability. in this new crystal master for epson toyocom, product codes and markings will remain as previously identified prior to the merg er. due to the on-going strategy of gradual unification of part numbers, please review product codes and markings, as they will cha nge during the course of the coming months. we apologize for the inconvenience, but we will eventually have a unified part numbering system for epson toyocom that will be user friendly. qs-9000 is an enhanced standard for quality assurance systems formulated by leading u.s. automobile manufacturers based on the international iso 9000 series. iso 14000 is an international standard for environmental management that was established by the international standards organization in 1996 against the background of growing concern regarding global warming, destruction of the ozone layer and global deforestation iso/ts 16949 is a global standard based on qs-9000, a severe standard corresponding to the requirements from the automobile industry.


▲Up To Search▲   

 
Price & Availability of SG-8002DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X