Part Number Hot Search : 
MTC20 FSH41 2SK868 TFS70 DB101 HMPSA06 E470M UFT5020
Product Description
Full Text Search
 

To Download SF1660FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3 2 pin 16.5 0.3 10.2 0.2 15.0 0.5 4.0 0.3 13.5 0.5 2.6 0.15 1.4 0.1 0.6 0.1 4.5 0.2 3.1 +0.2 -0.1 |? 3.30.1 ?3.20.2 8.2 0.2 2.6 0.2 0.6 0.1 low cost low leakage low forward voltage drop high current capability case:jedec ito-220ab,molded plastic polarity: as marked weight:0.06 ounce, 1.67 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. sf sf sf sf sf units maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v max imum dc bloc king v oltage v dc v maximum average forw ard rectified current @t c =100 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 8.0a v f v maximum reverse current @t a =25 at rated dc blockin g vo ltage @t a =150 maximum reverse recovery time (note1) t rr ns operating junction te mperature range t j storage temperature range t stg the plastic material carries u/l recognition 94v-0 note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. a 125 i r i fsm 250 500 a 5.0 10 maximum ratings and electrical characteristics a voltage range: 100 --- 600 v current: 16 a ito-220ab easily cleaned with alcohol,isopropanol and s im ilar s olvents i f(av) 16 sf 1610fc 1620fc 1630fc 1640fc 1650fc 1660fc - 55 ----- + 150 0.98 70 140 210 280 350 420 100 200 300 400 500 600 35 1.3 1.7 100 2 00 300 4 00 500 600 - 55 ----- + 150 dimensions in millimeters sf1610fc-SF1660FC super fast rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
124 10 8 20 40 60 80 100 0 t j =125 ?? 8.3ms single half sine-wave 125 .6 .4 .8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 1 10 100 tj=25 c pulse width=300 s 1% duty cycle o sf1610fc~sf1620fc sf1630fc-sf1640fc sf1650fc-SF1660FC amperes instantaneous forward current fig.4-forword derating curve case temperature, average forward current peak forward surge current amperes amperes fi g. 1 -- test ci rcui t di agram and reverse recovery ti me characteri sti c instantaneous forward voltage, volts z set time base for 15 ns/cm notes:1.rise time = 7ns max.input impedance =1m . 22pf. jjjj 2.rise time =10ns max.so urce impedance=50 . fi g. 2 -- typi cal forward characteri sti c fig.3 -- peak forward surge current -1.0a -0.25a 0 +0.5a t rr 1cm pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) 0 25 50 75 100 125 150 single phase half wave 60 h z resistive or inductive load 175 4.0 8.0 12 16 20 24 0 number of cycles at 60hz sf1610fc-SF1660FC super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SF1660FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X