Part Number Hot Search : 
RLPBF LM334AZT Z5238B LIMITED XC2289H PCD5090 7C135 40102
Product Description
Full Text Search
 

To Download PR1003G-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e 3 ds27001 rev. 8 - 2 1 of 3 pr1001g/l - pr1007g/ l www.diodes.co m ? diodes incorporated pr1001g/l - pr1007g/l 1.0a fast reco very glass passivated rectifi er features ? gl ? suffix designates a-405 pack age ?g? suffix des ignates do-41 pack age dim do-41 plastic a-405 min max min max a 25.40 ? 25.40 ? b 4.06 5.21 4.10 5.20 c 0.71 0.864 0.53 0.64 d 2.00 2.72 2.00 2.70 all dimensions in m m a a b c d maximum ratings and elect rical char acterist ics @ t a = 25 c unless otherwise s pecified glass passivated die construction fast switching for high efficiency surge overload rating to 30a peak low reverse leak age current lead free finish, rohs compliant (note 4) mechanical data case: do-41 plastic , a-405 case material: molded plastic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminals: finish - tin. plated leads solderable per mil-std-202, method 208 polarity: cathode band marking: type number ordering information: see last page do-41 weight: 0.35 grams (appr oximate) a-405 weight: 0.20 grams (approximate) single phase, half wave, 60hz, resistive or inductive load. for capac itive load, derate current by 20% . characteristic symbol pr1001 g/ gl pr1002 g/ gl pr1003 g/ gl pr1004 g/ gl pr1005 g/ gl pr1006 g/ gl pr1007 g/ gl unit peak repetitive revers e voltage working peak revers e voltage dc blocking voltage (note 5) v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r (rms) 35 70 140 280 420 560 700 v average rectified output curr ent (note 1) @ t a = 55 c i o 1.0 a non-repetitive peak forward surge curr ent 8.3ms single half sine-wave superimposed on rated load i fsm 30 a forward voltage drop @ i f = 1.0a v fm 1.3 v peak reverse cur rent @ t a = 25 c at rated dc blocking voltage (note 5) @ t a = 100 c i rm 5.0 50 m a reverse rec overy t ime (note 3) t rr 150 250 500 ns typical total capacitance (n ote 2) c t 15 8 pf typical thermal resistanc e junction to ambient r q ja 95 c/w operating and storage temperature range t j , t stg -65 to +150 c notes: 1. valid provided that leads are maintained at ambient t emperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reve rse voltage of 4.0v dc. 3. measured with i f = 0.5a, i r = 1.0a, i rr = 0.25a. see figure 5. 4. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex n otes 5 and 7. 5. short durat ion pulse test used to minimize self-heating effect.
ds27001 rev. 8 - 2 2 of 3 pr1001g/l - pr1007g/ l www.diodes.co m 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 1 7 5 2 0 0 i , a v e r a g e f o r w a r d r e c t i f i e d ( a v ) c u r r e n t ( a ) t , a m b i e n t t e m p e r a t u r e ( c ) a f i g . 1 f o r w a r d d e r a t i n g c u r v e s in g le p h a s e h a lf - w a v e 6 0 h z r e s is ti v e o r i n d u c ti v e l o a d 0 .0 1 0 .1 1 .0 1 0 0 .6 0 .8 1 .0 1 .2 1 .4 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f v , in s t a n t a n e o u s f o r wa r d v o l t a g e ( v ) f f ig . 2 t y p ic a l f o r w a r d c h a r a c te r is ti c s i , p e a k f o r w a r d s u r g e c u r r e n t ( a ) f s m 0 1 0 2 0 3 0 1 1 0 1 0 0 n u m b e r o f c y c l e s a t 6 0 h z f ig . 3 p e a k f o r w a r d s u r g e c u r r e n t p u ls e w id th 8 .3 m s s in g le h a lf - s in e - wa v e 5 0 v d c a p p r o x o s c i l l o s c o p e ( n o t e 1 ) p u l s e g e n e r a t o r ( n o t e 2 ) d e v i c e u n d e r t e s t t rr s e t ti m e b a s e f o r 5 0 /1 0 0 n s /c m + 0 .5 a 0 a -0 .2 5 a -1 .0 a f ig . 5 r e v e r s e r e c o v e r y t im e c h a r a c te r is ti c a n d t e s t c ir c u it (+ ) (+ ) (- ) (- ) 1 1 0 1 0 0 1 1 0 1 0 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , d c r e v e r s e v o l t a g e ( v ) r f ig . 4 t y p ic a l t o ta l c a p a c ita n c e t = 2 5 c j f = 1 .0 m h z p r 1 0 0 1 - p r 1 0 0 4 p r 1 0 0 5 - p r 1 0 0 7
notes: 6. for packaging details, visit our website at http: //www.diodes.com/ datasheets /ap02008. pdf . . ds27001 rev. 8 - 2 3 of 3 pr1001g/l - pr1007g/ l www.diodes.co m orderi ng inform ation device packaging shipping pr1001g-a do-41 5k/ammo pack pr1001g-b do-41 1k/bulk pr1001g-t do-41 5k/tape & reel, 13-inch pr1002g-a do-41 5k/ammo pack pr1002g-b do-41 1k/bulk pr1002g-t do-41 5k/tape & reel, 13-inch PR1003G-A do-41 5k/ammo pack pr1003g-b do-41 1k/bulk pr1003g-t do-41 5k/tape & reel, 13-inch pr1004g-a do-41 5k/ammo pack pr1004g-b do-41 1k/bulk pr1004g-t do-41 5k/tape & reel, 13-inch pr1005g-a do-41 5k/ammo pack pr1005g-b do-41 1k/bulk pr1005g-t do-41 5k/tape & reel, 13-inch pr1001gl-t a-405 5k/tape & reel, 13-inch pr1002gl-t a-405 5k/tape & reel, 13-inch pr1003gl-t a-405 5k/tape & reel, 13-inch pr1004gl-t a-405 5k/tape & reel, 13-inch pr1005gl-t a-405 5k/tape & reel, 13-inch (note 6) i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of PR1003G-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X