Part Number Hot Search : 
F060214 RKZ33DKU 555C1H1 MK3722 C1005CH1 4200KFB MAX5186 RGP10K
Product Description
Full Text Search
 

To Download OSY5MA5201A09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 5mm bullet phoenix yellow led osy5ma5201a features outline dimension high luminous leds 5 5 m m m m b b u u l l l l e e t t standard directivity superior weather-resistance uv resistant epoxy water clear type applications traffic signal backlighting signal and channel letter other lighting 2.54 1.5min 26.0min 1 2 0.50.05 1.anode 2.cathode unit:mm tolerance:0.30mm 1.5max 5.0 8.5 5.0 r2 . 5 1.0 5.6 absolute maximum rating (ta=25 ) directivity item symbol value unit dc forward current i f 50 ma pulse forward current* i fp 120 ma reverse voltage v r 5 v power dissipation p d 130 mw operating temperature topr -30 ~ +85 storage temperature tstg -40 ~ +100 lead soldering temperature tsol 260 / 5sec - *pulse width max.10ms duty ratio max 1/10 0.5 30 90 60 0 0 0.5 30 60 90 11 electrical -optical charac teristics (ta=25 ) maximum forward current item symbol condition min. typ. max. unit dc forward voltage v f i f =20ma 1.8 2.1 2.6 v dc reverse current i r v r =5v - - 10 a domi. wavelength* d i f =20ma 585 590 595 nm luminous intensity* iv i f =20ma 50000 60000 - mcd 50% power angle 2 1/2 i f =20ma - 8 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies rth(j-a)=450c/w rth(j-a)=350c/w rth(j-a)=250c/w 70 50 30 20 maximun permissible forward current tj=115c if( forward current-ma) 40 30 20 10 0 0 10 ta(ambient temperature -c) 40 60 80 90 70 60 50


▲Up To Search▲   

 
Price & Availability of OSY5MA5201A09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X