Part Number Hot Search : 
TW0236A 74ACT1 SFH934 BU4525AL TW0236A JQAM1 VCX04 NF1B1L
Product Description
Full Text Search
 

To Download OSR5PA5201A09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 5 5 m m m m b b u u l l l l e e t t p p r r e e m m i i u u m m red l l e e d d osr5pa5201a features outline dimension high luminous leds 5 5 m m m m b b u u l l l l e e t t standard directivity superior weather-resistance uv resistant epoxy water clear type applications traffic signal, portable light source signage and channel letter decorating and entertainment lighting architectural lighting outdoor/indoor applications/other lighting 2.54 1.5min 26.0min 1 2 0.50.05 1.anode 2.cathode unit:mm tolerance:0.30mm 1.5max 5.0 8.5 5.0 r2 . 5 1.0 5.6 absolute maximum rating (ta=25) directivity item symbol value unit dc forward current i f 50 ma pulse forward current* i fp 120 ma reverse voltage v r 5 v power dissipation p d 130 mw operating temperature topr -40~ +85 storage temperature tstg -40 ~ +100 lead soldering temperature tsol 260 /5sec - *pulse width max.10ms , duty ratio max 1/10 0.5 30 90 60 0 0 0.5 30 60 90 11 electrical -optical char acteristics (ta=25) maximum forward current item symbol condition min. typ. max. unit dc forward voltage v f i f =20ma 1.8 2.1 2.6 v dc reverse current i r v r =5v - - 10 a domi. wavelength* d i f =20ma 620 625 630 nm luminous intensity* iv i f =20ma 36000 40000 - mcd 50% power angle 2 1/2 i f =20ma - 8 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies rth(j-a)=600c/w rth(j-a)=500c/w rth(j-a)=400c/w 70 50 30 20 maximun permissible forward current tj=115c if( forward current-ma) 40 30 20 10 0 0 10 ta(ambient temperature -c) 40 60 80 90 70 60 50


▲Up To Search▲   

 
Price & Availability of OSR5PA5201A09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X