Part Number Hot Search : 
ZL50012 ACA1206 SC6011 1012S 3GD17 RB481 Q4840 FDP7045L
Product Description
Full Text Search
 

To Download MMBT3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBT3906 -200 ma, -40 v pnp plastic encapsulated transistor elektronische bauelemente 30-aug-2010 rev. d page 1 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. top view a l c b d g h j f k e 1 2 3 1 2 3 ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen and lead free features ? collector curr ent capability i c =-200ma ? collector-emitter voltage v ceo =-40v. application ? general switching and amplification. packaging dimension marking absolute maximum ratings (t a = 25c unless otherwise noted) parameter symbol ratings unit collector - emitter voltage v ceo -40 vdc collector - base voltage v cbo -40 vdc emitter - base voltage v ebo -5.0 vdc collector current - continuous i c -200 madc total device dissipation fr-5 board (1) , t a =25c p d 225 mw total device dissipation fr-5 board, derate above 25c 1.8 mw/c thermal resistance, junction to ambient r ja 556 c / w total device dissipation alumina substrate (2) , t a =25c p d 300 mw total device dissipation alumina subs trate, derate above 25c 2.4 mw/c thermal resistance, junction to ambien r ja 417 c / w junction, storage temperature t j , t stg -55 ~ +150 c sot-23 ref. millimeter ref. millimeter min. max. min. max. a 2.80 3.00 g 0.10 ref. b 2.25 2.55 h 0.55 ref. c 1.20 1.40 j 0.08 0.15 d 0.90 1.15 k 0.5 ref. e 1.80 2.00 l 0.95 typ. f 0.30 0.50
MMBT3906 -200 ma, -40 v pnp plastic encapsulated transistor elektronische bauelemente 30-aug-2010 rev. d page 2 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a = 25c unless otherwise noted) parameter symbol min. max. unit test conditions off characteristics collector-emitter breakdown voltage (3) v (br)ceo -40 - vdc i c = -1madc, i b =0 collector-base breakdown voltage v (br)cbo -40 - vdc i c = -10 adc, i e = 0 emitter-base breakdown voltage v (br)ebo -5.0 - vdc i e = -10 adc, i c =0 base cut-off current i bl - -50 nadc v ce = -30vdc, v eb = -3.0vdc collector cut-off current i cex - -50 nadc v ce = -30vdc, v eb = -3.0vdc on characteristics (3) dc current gain h fe(1) 60 - i c = -0.1madc, v ce = -1vdc h fe(2) 80 - i c = -1.0madc, v ce = -1vdc h fe(3) 100 300 i c = -10madc, v ce = -1vdc h fe(4) 60 - i c = -50madc, v ce = -1vdc h fe(5) 30 - i c = -100madc, v ce = -1vdc collector-emitter saturation voltage (3) v ce(sat) - -0.25 vdc i c = -10madc, i b = -1madc - -0.4 i c = -50madc, i b = -5madc base-emitter saturation voltage (3) v be(sat) -0.65 -0.85 vdc i c = -10madc, i b = -1madc - -0.95 i c = -50madc, i b = -5madc small-signal characteristics current-gain-bandwidth product f t 250 - mhz i c = -10madc, v ce = -20vdc, f=100mhz output capacitance c obo - 4.5 pf v cb = -5.0vdc, i e =0, f=1.0mhz input capacitance c ibo - 10 pf v eb = -0.5vdc, i c =0, f=1.0mhz input impedance h ie 2.0 12 k ? v ce = -10 vdc, i c = -1.0madc, f=1.0khz voltage feedback radio h re 0.1 10 x 10 -4 v ce = -10 vdc, i c = 1.0madc, f=1.0khz small-signal current gain h fe 100 400 v ce = -10 vdc, i c = 1.0madc, f=1.0khz output admittance h oe 3.0 60 mhos v ce = -10 vdc, i c = 1.0madc, f=-1.0khz noise figure nf - 4.0 db v ce = -5.0 vdc, i c = -100 adc, r s =1.0k ? , f=1.0khz switching characteristics delay time td - 35 ns v cc =-3vdc,v be =0.5vdc i c =-10madc, i b1 =-1madc rise time tr - 35 storage time ts - 225 v cc =-3vdc, i c =-10madc,i b1 = i b2 =-1madc fall time tf - 75 note: 1. fr-5=1.0 x 0.75 x 0.062 in. 2. alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina. 3. pulse test: pulse width Q 300 s, duty cycle Q 2.0%
MMBT3906 -200 ma, -40 v pnp plastic encapsulated transistor elektronische bauelemente 30-aug-2010 rev. d page 3 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually.
MMBT3906 -200 ma, -40 v pnp plastic encapsulated transistor elektronische bauelemente 30-aug-2010 rev. d page 4 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually.
MMBT3906 -200 ma, -40 v pnp plastic encapsulated transistor elektronische bauelemente 30-aug-2010 rev. d page 5 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually.


▲Up To Search▲   

 
Price & Availability of MMBT3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X