Part Number Hot Search : 
G15BN 21002 FL5150 1202D CA3161E XF0542P LL4448 TVR05330
Product Description
Full Text Search
 

To Download MB86H01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MB86H01 sd multi-standard decoder for set-top-box and idtv ? mpeg-2 dual decoders and h.264 decoder fujitsu?s new multi-standard decoders include the necessary functionality for tvs and stbs to process sd digital broadcasts, inc luding two (dual) mpeg-2 decoders and one h.264 decoder. the dual mpeg-2 decoders enable the processing of two video streams that can be used in digital video recorders (dvr) with twin tuners. it also allows viewing of two programs at the same time with picture -in-picture, and is suited to dvrs with twin tuners. ? functions necessary for processing sd broadcasts integrated on a single chip the devices integrate into a single chip a 202.5mhz arc tangent-a4 cpu together with the necessary video and audio decode functions, and screen display functionality needed to receive digital broadcast. this enables easy system creation by customers . ? small form-factor necessary for portable devices using proprietary h.264 decoder technology, the power consumption for the h.264 decoder is reduced to a low level. the MB86H01 series offers a 27 x 27mm package (pbga 256-pin), as well as a small 10 x 10mm package (fbga 240-pin) suited for use in portabl e or small form-factor devices. a high speed usb 2.0 otg controller is also integrated, providing excellent connectivity to external devices, such as digital cameras. ? succession to existing smartmpeg series architecture the new devices have package and pin compatibility with the existing smartmpeg-c series, as well as maintaining architectural compatibility. this enables existing smartmpeg users to easily upgrade or develop their systems. ? introduction ? features flash fl a s h ir r x ir r x ts ci modul e s p ea ke r ts cv bs / r g b cv bs / a udi o 1 2 8m - 51 2m b i t dd r 135m hz 1 2 8m - 51 2m b i t dd r 135m hz dv b - t demodul ator dv b - t demodul ator dv b - t rf tune r dv b - t rf tune r ci -sl o t ci -sl o t d v b sd set -t op - box sy s te m c o n f ig ur a t ion ex a m pl e us b us b phy us b phy a udi o am p us b MB86H01 sd multi-format d eco de r c h ip MB86H01 sd multi-format d eco de r c h ip t he m b 86 h01 is an ad van c ed set - top - bo x de coder de signed to m eet the need s of to m o r r ow ?s se t - top - bo x m a r k e t . this l s i suppo r t s the d i g i ta l b r oad ca st ing ( d v b ) standa rd adopted in m any count r i e s in eu rope, a s ia and othe r s , w i th the advan ced fea t u r e s to suppo r t m u lt i- st anda rd de cod i ng o f a h . 264 and tw o mp eg -2 de code r s in teg r a t ed into a sin g l e ch ip . th is l s i ha s a 202.5 m h z a r c t angent - a 4 c p u in side a s w e ll a s vid eo/aud io de code r fun c t i on, and o t he r f un ct ion s needed to re ce ive d i g i ta l broadcas t s. t h is l s i is su itable fo r va r i ou s app lica t ion s su ch as s d se t - top - box o r id t v fo r h . 264 b r oad ca st ing reg i on s, pv r appl ica t ion s w i th t w o m p eg -2 de code r s . th e mb 8 6 h 0 1 c o mes w i t h t h e f u jitsu driver a p plicatio n pr o g r a mming i n t e rf ac e (f a p i) t o h e l p c u st o m ers ac hiev e t h e sh ort e s t p o ssible d e v e lo p men t c y cl e. fa p i is a c o mpl e t e driver s e t allow i n g f a st a n d e fficien t cust omer so ft war e d e sign ir _in
specifications cpu core arc tangent-a4 cpu @ 202.5mhz with 4k-i/2k-d cache arm7tdmi-s tm * (67.5mhz): for h.264 video decoder video spec h.264 main profile / level 3.0 decoder, mpeg-2 video main profile / main level decoders video encoder pal/ntsc/secam, 5ch video dac embedded, teletext/wss/pdc/cc/vbid interface digital rgb output, itu-r 656 video input/output, ycrcb analog sd output audio format mpeg-1/2 layer i/ii channels 2 channels interface l/r serial, i2s, s/p-dif ts processing format mpeg-2 ts standard channels 3 input streams, built-in dvb descrambler encryption 3des encryption/decryption ddr memory interface 16-bit width ddr-sdram 135mhz / supports 128mbit to 512mbit sdram usb usb 2.0 high speed otg controller (ulpi interface) input clock frequency 27mhz supply voltage 1.2v core, 2.5/3.3v i/o operating clock frequency internal: 135mhz / ddr memory interface: 135mhz packaging MB86H01aa: 256-pin pbga, 27sq.mm (1.27-mm pitch) MB86H01ab: 240-pin fbga, 10sq.mm (0.5-mm pitch) * arm7tdmi-s is a trademark of arm limited. arc tangent-a4 @ 202.5mhz internal bus demux, dvb descrambler interfaces uart, ir-rx/tx, i 2 c, gpio, pwm front panel ctrl, smart card ddr1 memory controller usb 2.0 hs otg link sd video decoder i-cache d-cache timer irq audio decoder mpeg l1/l2 upi graphic overlay digital encoder txt/wss /vps/cc/vbid format converter video dac ata/ ide boot rom 6ch dma controller hw accelerator watch dog clock generator pll uart/i2c/gpio/ smartcard/keypad usb (upli) nand/nor/hdd /ide/ci/ide dma 27.0mhz ddr1 jtag ts1 ts2 ts3 i2s/ spdif itu656 itu656 /lcd cvbs/yc/rgb /ycrcb/audio north and south america fujitsu microelectronics america, inc. 1250 e. arques avenue, m/s 333 sunnyvale, ca 94085-5401, u.s.a. tel: +1-408-737-5600 fax: +1-408-737-5999 http://www.fma.fujitsu.com/ europe fujitsu microelectronics europe gmbh pittlerstrasse 47, 63225 langen, germany tel: +49-6103-690-0 fax: +49-6103-690-122 http://emea.fujitsu.com/microelectronics/ korea fujitsu microelectronics korea ltd. 206 kosmo tower, 1002 daechi-dong, gangnam-gu, seoul 135-280, republic of korea tel: +82-2-3484-7100 fax: +82-2-3484-7111 http://kr.fujitsu.com/fmk/ asia pacific fujitsu microelectronics asia pte. ltd. 151 lorong chuan, #05-08 new tech park 556741 singapore tel : +65-6281-0770 fax : +65-6281-0220 http://www.fujitsu.com/sg/services/micro/semiconductor/ fujitsu microelectronics limited shinjuku dai-ichi seimei bldg., 7-1, nishishinjuku 2-chome, shinjuku-ku, tokyo 163-0722, japan tel: +81-3-5322-3347 fax: +81-3-5322-3387 http://jp.fujitsu.com/fml/en/ h.264 decoder mpeg2 decoder all rights reserved. the contents of this document are subject to change without notice. customers are advised to consult with sales representatives before ordering. the information, such as descriptions of function and application circuit examples, in this document are presented solely for t he purpose of reference to show examples of operations and uses of fujitsu microelectronics device; fujitsu microelectronics does not warrant proper operation of the device with respect to use based on such information. when you develop equipment incorporating the device based on such information, you must assume any responsibility arising out of such use of the information. fujitsu microelectronics assumes no liability for any damages whatsoever arising out of the use of the information. any informa tion in this document, including descriptions of function and schematic diagrams, shall not be construed as license of the use or exercise of any intellectual property right, such as patent right or copyright, or any other right of fujitsu microelectronics or any third party or does fujitsu microelectronics warrant non-infringement of any third-party's intellectual property right or other right by using such information. fujitsu microelectronics assumes no liability for any infringement of the intellectual property rights or other rights of third parties which would result from the use of inform ation contained herein. the products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction con trol in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e ., submersible repeater and artificial satellite). please note that fujitsu microelectronics will not be liable against you and/or any third party for any claims or damages arisi ng in connection with above-mentioned uses of the products. any semiconductor devices have an inherent chance of failure. you must protect against injury, damage or loss from such failure s by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of ove r-current levels and other abnormal operating conditions. exportation/release of any products described in this document may require necessary procedures in accordance with the regulati ons of the foreign exchange and foreign trade control law of japan and/or us export control laws. the company names and brand names herein are the trademarks or registered trademarks of their respective owners. video dac video dac video dac video dac fujitsu microelectronics shanghai co., ltd. rm. 3102, bund center, no.222 yan an road (e), shanghai 200002, china tel : +86-21-6146-3688 fax : +86-21-6335-1605 http://cn.fujitsu.com/fmc/ fujitsu microelectronics pacific asia ltd. 10/f., world commerce centre, 11 canton road tsimshatsui, kowloon, hong kong tel : +852-2377-0226 fax : +852-2376-3269 http://cn.fujitsu.com/fmc/en/ 2008 december ver1.0


▲Up To Search▲   

 
Price & Availability of MB86H01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X