Part Number Hot Search : 
B133EW01 0SR10MBC DF150 MAX14531 STA510 BYT43M SK20A PCA3354C
Product Description
Full Text Search
 

To Download JV75-50V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jauch quartz gmbh ? e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com all specifications are subject to change without notice rohs 2002/95/ec pb free: pins / pads rohs compliant 7.5 max. # 6 # 5 # 4 5.0 0.2 # 1 # 2 # 3 1.8 0.2 2.46 0.1 4.2 0.1 2.0 0.1 1.8 0.1 2 x 2.54 0.1 2 x 2.54 0.1 1.4 0.1 # 1 dimensions in mm top view side view bottom view pad layout oscillator vcxo 5.0 v actual size smd voltage control crystal oscillator 7.5 x 5.0 mm order information example: o 20.0-jv75-b-5.0-10-b (lf = rohs compliant / pb free pins or pads) o frequency in mhz type frequency stability in ppm pulling range in ppm supply voltage in volt option pin version oscillator 1.0 ~ 80.0 mhz jv75 c = 25 ppm b = 50 ppm 5.0 = 5.0 v 05 = 50 ppm 10 = 100 ppm 15 = 150 ppm* * on request, if < 52.0 mhz b = standard a = optional blank = -10c ~ + 70c t1 = -40c ~ + 85c optional pin connection a # 1: vcontrol # 2: nc # 3: ground # 4: output # 5: e/d # 6: v dd standard pin connection b # 1: vcontrol # 2: e/d # 3: ground # 4: output # 5: nc # 6: v dd two pinout versions available reflow soldering temperature: 260 c max. ceramic/metal package table 2: current consumption max. recommendation 1.0 ~ 17.9 mhz 20 ma 18.0 ~ 35.9 mhz 30 ma 36.0 ~ 51.9 mhz 40 ma 52.0 ~ 80.0 mhz 50 ma current at 15pf load: table 1: frequency stability code stability code bc 50 ppm 25 ppm -10 c ~ +70 c oo -40 c ~ +85 c oo ? standard o available table 3: rise & fall time max. 5.0 ns: 1.0 ~ 39.9 mhz 4.0 ns: 40.0 ~ 80.0 mhz note: - specific data on request - rise time: 0.1 v dc ~ 0.9 v dc - fall time: 0.9 v dc ~ 0.1 v dc general data type frequency range frequency stability over all* current consumption supply voltage v dc frequency pulling range min. pulling control voltage pulling linearity temperature operating storage output rise & fall time load max. current max. low level max. high level min. standby function start-up time max. symmetry at 0.5 x v dc jv75 5.0 v 1.0 ~ 80.0 mhz 25ppm* / 50ppm see table 1 see table 2 5.0 v 5% 50ppm / 100ppm / 150ppm 2.5 v 2.0 v <10% -10 c ~ +70 c / -40 c ~ +85 c -55 c ~ +125 c see table 3 15pf 8ma 0.1 x v dc 0.9 x v dc yes 10ms 45% ~ 55% max. * includes stability at 25 c, operating temp. range, supply voltage change, shock and vibration, aging 1st year. 260209 * not available > 52.0 mhz on request, if < 52.0 mhz to avoid phase noise or fm modulation in the output frequency spectrum, we recommend to feed the vcontrol input pin by a low source impedance.
jauch quartz gmbh ? e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com all specifications are subject to change without notice oscillator vcxo jv75 5.0 v temperature ( c) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 c max. 180 5 c 220 5 c reflow soldering profile note: parts are also suitable for soldering systems with lead (pb) content ? standard packing units are 500 pieces per reel ? non-multiple packing units are only supplied taped / bulk packing note enable / disable function pin #2/#5 pin #4 open or high oscillation gnd or low high impedance control voltage characteristic 5.0 v version 160 120 80 40 20 0 -20 -40 -80 -120 -160 0.5 1.5 2.5 3.5 4.5 control voltage (v) frequency pulling range ppm marking frequency type / date code date code: a ~ m: jan.- dec. 9: 2009 0: 2010 1: 2011 jan. febr. mar. apr. may june abcde f july aug. sept. oct. nov. dec. ghj klm 8.0 0.2 0.1 16.0 0.3 ? 1.5 0.1 7.9 max. 0.4 0.05 2.3 0.1 5.5 max. direction of feed 4.0 0.1 2.0 0.1 1.75 0.1 9.25 taping specification 500 pcs per reel 2.0 120 3 ? 21 in mm


▲Up To Search▲   

 
Price & Availability of JV75-50V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X