Part Number Hot Search : 
ES51C1 SY58610 F0070B IPD4000 CMX602B BCR8P 00LVEL FQB2N90
Product Description
Full Text Search
 

To Download JQX-62FAZ16CDC48V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  prsente / presents:
can be welded directly onto pcb. used in household appliances like air conditioning , heater and instruments etc. jqx-62f a z 20 c dc12v 1 2 3 4 5 6 ordering information contact data coil parameter caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. dash numbers coil voltage vdc coil resistance 10% pickup voltage vdc(max) (80%of rated voltage ) release voltage vdc(min) (10% of rated voltage) coil power consumption w operate time ms release time ms rated max. 29 12.6 24.5 1 part number jqx-62f 2 contact arrangement a:1a 3 enclosure z: dust cover 4 contact rating 20a/125vac 16a/250vac 24vdc 5 contact material c:agcdo nil:agsno 2 6 coil rated voltage(v) dc:5,6,9,12,18,24,48 contact arrangement 1a spstno contact material agsno 2 agcd contact rating resistive 20a/125vac 16a/250vac 24vdc max. switching power 385w 4000v a min. switching current 10ma/5v max. switching voltage 30vdc 277v ac max. switching current:20a contact resistance or voltage drop 50m item 3.12 of iec255-7 5 operation life electrical 10 item 3.30 of iec255-7 7 mechanical 10 item 3.31 of iec255-7 r50007462 coil current ma 005-540 5 6.5 108 46 3.75 0.25 006-540 6 7.8 90 67 4.50 0.30 009-540 9 11.7 60 150 6.75 0.45 012-540 12 15.6 44.4 270 9.00 0.60 018-540 18 23.4 30 600 13.5 0.90 024-540 24 31.2 21.8 1100 18.0 1.20 048-540 48 62.4 11.3 4267 36.0 2.40 caution: relays previously tested or used above 10ma resistive at 6vdc maximum or peak ac open circuit are not recommended for subsequent use in law level applications. jqx- 62f features 0.54 20 10 03001003505 r e158859 c us operation condition qualification inspection: perform the qualification test as specified in the table of iec255-19-1 and minimum sample size 24. dimensions notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only . dimensions mounting (bottom view) wiring diagram (bottom view) insulation resistance 1000m min (at 500vdc) item 7 of iec255-5 dielectric strength between contacts between contact and coil 2 shock resistance functional 100m/s 11ms 2 survival 1000m/s 11ms vibration resistance 10~55hz double amplitude 1.5mm iec68-2-6 test fc terminals strength 10n 8n iec68-2-21 test ua1 and ua2 solderability 235 2 3 0.5s iec68-2-20 test ta method 1 ambient t emperature -30~70 relative humidity 20%~85% (at 40 ) iec68-2-3test ca mass 15g 50hz 1000v item 6 of iec255-5 50hz 5000v item 6 of iec255-5 surge voltage:10kv item 8 of iec255-5 iec68-2-27 test ea safety approvals safety approval t v load 16a/250vac 24vdc 116 jqx- 62f ul&cur 20a/125vac 16a/250vac,30vdc cqc 16a/250vac 29max. 2.35 2-0.5 6.73 2 4 . 5 m a x . 4 . 8 4- 1.2 1 2-0.6 2-0.5 3.5 20 3.6 5.7 4.75 9 . 8 3 . 2 3 . 4 1.55 2-1 7.6 12.6max. 2- 1.2 7 . 6 20 3.5 2- 1.5 u mm /inch 1.142max. 0.091 0.244 0.020 0.061 0 . 1 3 4 0.187 0 . 3 8 6 0.224 0 . 1 2 6 0.039 0.299 0.496max. 0.142 0.787 0.138 0 . 1 8 9 0 . 9 6 5 m a x . 0.023 0.047 0.039 0.020 0.787 0.138 0.047 0 . 2 9 9 0.059 ningb o f orward relay corpo ration l td. nhg relays
can be welded directly onto pcb. used in household appliances like air conditioning , heater and instruments etc. jqx-62f a z 20 c dc12v 1 2 3 4 5 6 ordering information contact data coil parameter caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. dash numbers coil voltage vdc coil resistance 10% pickup voltage vdc(max) (80%of rated voltage ) release voltage vdc(min) (10% of rated voltage) coil power consumption w operate time ms release time ms rated max. 29 12.6 24.5 1 part number jqx-62f 2 contact arrangement a:1a 3 enclosure z: dust cover 4 contact rating 20a/125vac 16a/250vac 24vdc 5 contact material c:agcdo nil:agsno 2 6 coil rated voltage(v) dc:5,6,9,12,18,24,48 contact arrangement 1a spstno contact material agsno 2 agcd contact rating resistive 20a/125vac 16a/250vac 24vdc max. switching power 385w 4000v a min. switching current 10ma/5v max. switching voltage 30vdc 277v ac max. switching current:20a contact resistance or voltage drop 50m item 3.12 of iec255-7 5 operation life electrical 10 item 3.30 of iec255-7 7 mechanical 10 item 3.31 of iec255-7 r50007462 coil current ma 005-540 5 6.5 108 46 3.75 0.25 006-540 6 7.8 90 67 4.50 0.30 009-540 9 11.7 60 150 6.75 0.45 012-540 12 15.6 44.4 270 9.00 0.60 018-540 18 23.4 30 600 13.5 0.90 024-540 24 31.2 21.8 1100 18.0 1.20 048-540 48 62.4 11.3 4267 36.0 2.40 caution: relays previously tested or used above 10ma resistive at 6vdc maximum or peak ac open circuit are not recommended for subsequent use in law level applications. jqx- 62f features 0.54 20 10 115 03001003505 r e158859 c us operation condition qualification inspection: perform the qualification test as specified in the table of iec255-19-1 and minimum sample size 24. dimensions notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only . dimensions mounting (bottom view) wiring diagram (bottom view) insulation resistance 1000m min (at 500vdc) item 7 of iec255-5 dielectric strength between contacts between contact and coil 2 shock resistance functional 100m/s 11ms 2 survival 1000m/s 11ms vibration resistance 10~55hz double amplitude 1.5mm iec68-2-6 test fc terminals strength 10n 8n iec68-2-21 test ua1 and ua2 solderability 235 2 3 0.5s iec68-2-20 test ta method 1 ambient t emperature -30~70 relative humidity 20%~85% (at 40 ) iec68-2-3test ca mass 15g 50hz 1000v item 6 of iec255-5 50hz 5000v item 6 of iec255-5 surge voltage:10kv item 8 of iec255-5 iec68-2-27 test ea safety approvals safety approval t v load 16a/250vac 24vdc jqx- 62f ul&cur 20a/125vac 16a/250vac,30vdc cqc 16a/250vac 29max. 2.35 2-0.5 6.73 2 4 . 5 m a x . 4 . 8 4- 1.2 1 2-0.6 2-0.5 3.5 20 3.6 5.7 4.75 9 . 8 3 . 2 3 . 4 1.55 2-1 7.6 12.6max. 2- 1.2 7 . 6 20 3.5 2- 1.5 u mm /inch 1.142max. 0.091 0.244 0.020 0.061 0 . 1 3 4 0.187 0 . 3 8 6 0.224 0 . 1 2 6 0.039 0.299 0.496max. 0.142 0.787 0.138 0 . 1 8 9 0 . 9 6 5 m a x . 0.023 0.047 0.039 0.020 0.787 0.138 0.047 0 . 2 9 9 0.059 ningb o huaguan relay corporation ltd.


▲Up To Search▲   

 
Price & Availability of JQX-62FAZ16CDC48V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X